Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT1161LI-28-GT2 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT1161LI-28-GT2
Description  Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1161LI-28-GT2 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT1161LI-28-GT2 Datasheet HTML 1Page - Catalyst Semiconductor CAT1161LI-28-GT2 Datasheet HTML 2Page - Catalyst Semiconductor CAT1161LI-28-GT2 Datasheet HTML 3Page - Catalyst Semiconductor CAT1161LI-28-GT2 Datasheet HTML 4Page - Catalyst Semiconductor CAT1161LI-28-GT2 Datasheet HTML 5Page - Catalyst Semiconductor CAT1161LI-28-GT2 Datasheet HTML 6Page - Catalyst Semiconductor CAT1161LI-28-GT2 Datasheet HTML 7Page - Catalyst Semiconductor CAT1161LI-28-GT2 Datasheet HTML 8Page - Catalyst Semiconductor CAT1161LI-28-GT2 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CAT1161, CAT1162
© 2007 Catalyst Semiconductor, Inc.
1
Doc. No. 3002 Rev. F
Characteristics subject to change without notice
Supervisory Circuits with I
2C Serial CMOS EEPROM,
Precision Reset Controller and Watchdog Timer (16K)
FEATURES
Watchdog monitors SDA signal (CAT1161)
400kHz I
2C bus compatible
2.7V to 6.0V operation
Low power CMOS technology
16-Byte page write buffer
Built-in inadvertent write protection
VCC lock out
Write protect pin, WP
Active high or low reset
Precision power supply voltage monitor
5V, 3.3V and 3V systems
Five threshold voltage options
1,000,000 Program/Erase cycles
Manual Reset
100 Year data retention
8-pin DIP or 8-pin SOIC
Commercial and industrial temperature ranges
For Ordering Information details, see page 13.
DESCRIPTION
The CAT1161/2 is a complete memory and supervi-
sory solution for microcontroller-based systems. A se-
rial EEPROM memory (16K) with hardware memory
write protection, a system power supervisor with
brown out protection and a watchdog timer are
integrated together in low power CMOS technology.
Memory interface is via an I
2C bus.
The 1.6-second watchdog circuit returns a system to a
known good state if a software or hardware glitch
halts or “hangs” the system. The CAT1161 watchdog
monitors the SDA line, making an additional PC board
trace unnecessary. The lower cost CAT1162 does not
have a watchdog timer.
The power supply monitor and reset circuit protects
memory and system controllers during power up/down
and against brownout conditions. Five reset threshold
voltages support 5V, 3.3V and 3V systems. If power
supply voltages are out of tolerance reset signals
become active, preventing the system microcontroller,
ASIC or peripherals from operating. Reset signals
become inactive typically 200ms after the supply
voltage exceeds the reset threshold level. With both
active high and low reset signals, interface to
microcontrollers and other ICs is simple. In addition, a
reset pin can be used as a debounced input for push-
button manual reset capability.
The CAT1161/2 memory features a 16-byte page. In
addition, hardware data protection is provided by a
write protect pin WP and by a VCC sense circuit that
prevents writes to memory whenever VCC falls below
the reset threshold or until VCC reaches the reset
threshold during power up.
Available packages include an 8-pin DIP and a
surface mount, 8-pin SO package.
PIN CONFIGURATION
PDIP 8 Lead
SOIC 8 Lead
DC
1
8
VCC
RESET
¯¯¯¯¯¯
2
7
RESET
WP
3
6
SCL
GND
4
5
SDA
CAT1161
CAT1162
PIN FUNCTIONS
Pin Name
Function
DC
Do not Connect
RESET
¯¯¯¯¯¯
Active Low Reset I/O
WP
Write Protect
GND
Ground
SDA
Serial Data/Address
SCL
Clock Input
RESET
Active High Reset I/O
VCC
Power Supply


Similar Part No. - CAT1161LI-28-GT2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT1161LI-28-GT3 CATALYST-CAT1161LI-28-GT3 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
More results

Similar Description - CAT1161LI-28-GT2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT1161 CATALYST-CAT1161 Datasheet
69Kb / 12P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1163 CATALYST-CAT1163_07 Datasheet
150Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
logo
ON Semiconductor
CAT1161PI-42 ONSEMI-CAT1161PI-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
CAT1161 ONSEMI-CAT1161 Datasheet
193Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3002 Rev. I
CAT1163 ONSEMI-CAT1163 Datasheet
239Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3003 Rev. I
logo
Catalyst Semiconductor
CAT1161_0711 CATALYST-CAT1161_0711 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
logo
ON Semiconductor
CAT1161JI-30 ONSEMI-CAT1161JI-30 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
logo
Catalyst Semiconductor
CAT1163_0711 CATALYST-CAT1163_0711 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
CAT1163 CATALYST-CAT1163 Datasheet
69Kb / 12P
   Supervisory Circuit with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
logo
ON Semiconductor
CAT1161JI-28 ONSEMI-CAT1161JI-28 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 - Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com