Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT1832Z-GT2 Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT1832Z-GT2
Description  5V and 3.3V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1832Z-GT2 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT1832Z-GT2 Datasheet HTML 1Page - Catalyst Semiconductor CAT1832Z-GT2 Datasheet HTML 2Page - Catalyst Semiconductor CAT1832Z-GT2 Datasheet HTML 3Page - Catalyst Semiconductor CAT1832Z-GT2 Datasheet HTML 4Page - Catalyst Semiconductor CAT1832Z-GT2 Datasheet HTML 5Page - Catalyst Semiconductor CAT1832Z-GT2 Datasheet HTML 6Page - Catalyst Semiconductor CAT1832Z-GT2 Datasheet HTML 7Page - Catalyst Semiconductor CAT1832Z-GT2 Datasheet HTML 8Page - Catalyst Semiconductor CAT1832Z-GT2 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
CAT1232LP/CAT1832
Doc. No. 25089, Rev. 0C
© 2006 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
ELECTRICAL CHARACTERISTICS
Unless otherwise stated, 1.0V
≤ VCC ≤ 5.5V and over the operating temperature range of -40°C to +85°C. All
voltages are referenced to ground.
ABSOLUTE MAXIMUM RATINGS*
Voltage on VCC ....................................... -0.5V to 7.0V
Voltage on
ST and TD ................. -0.5V to VCC + 0.5V
Voltage on
PBRST, RESET
and RESET ............................ -0.5V to VCC + 0.5V
Notes:
(1)
PBRST is internally pulled HIGH to VCC through a nominal 40kΩ
resistor (RPU).
(2)
RESET is an open drain output on the CAT1232LP.
(3) RESET remains within 0.5V of VCC on power-down until VCC falls
below 2V. RESET remains within 0.5V of ground on power-down
until VCC falls below 2.0V.
Maximum Junction Temperature ...................... 125
°C
Storage Temperature Range ............ -65
°C to +150°C
Lead Soldering Temperature (10 sec) .............. 300
°C
Operating Temperature Range ........... -40
°C to +85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
V C
C
e
g
a
t
l
o
V
y
l
p
p
u
S0
.
15
.
5V
I
1
C
C
t
n
e
r
r
u
C
y
l
p
p
u
S
V C
C
P
L
2
3
2
1
T
A
C
,
V
5
.
5
=5
30
5
A
µ
V C
C
2
3
8
1
T
A
C
,
V
6
.
3
=0
25
3
V H
I
T
S
d
n
a
T
S
R
B
P
l
e
v
e
L
h
g
i
H
t
u
p
n
I
)
5
(
2
V C
C
V
3
.
0
+V
)
6
(
V C
C
V
4
.
0
-
V L
I
T
S
d
n
a
T
S
R
B
P
l
e
v
e
L
w
o
L
t
u
p
n
I
V C
C
P
L
2
3
2
1
T
A
C
,
V
5
.
5
=3
.
0
8
.
0
V
V C
C
2
3
8
1
T
A
C
,
V
6
.
3
=5
.
0
V
P
T
C
C
V C
C
)
D
N
G
=
L
O
T
(
t
n
i
o
P
p
i
r
TP
L
2
3
2
1
T
A
C0
5
.
42
6
.
44
7
.
4V
V
P
T
C
C
V C
C
V
=
L
O
T
(
t
n
i
o
P
p
i
r
T
C
C )P
L
2
3
2
1
T
A
C5
2
.
47
3
.
49
4
.
4V
V
P
T
C
C
V C
C
)
D
N
G
=
L
O
T
(
t
n
i
o
P
p
i
r
T2
3
8
1
T
A
C0
8
.
28
8
.
27
9
.
2V
V
P
T
C
C
V C
C
V
=
L
O
T
(
t
n
i
o
P
p
i
r
T
C
C )2
3
8
1
T
A
C7
4
.
25
5
.
24
6
.
2V
t D
T
d
o
i
r
e
P
t
u
O
-
e
m
i
T
g
o
d
h
c
t
a
WD
N
G
=
D
T5
.
2
60
5
10
5
2s
m
t D
T
d
o
i
r
e
P
t
u
O
-
e
m
i
T
g
o
d
h
c
t
a
WV
=
D
T
C
C
0
0
50
0
2
10
0
0
2s
m
t D
T
d
o
i
r
e
P
t
u
O
-
e
m
i
T
g
o
d
h
c
t
a
Wg
n
i
t
a
o
l
f
D
T0
5
20
0
60
0
0
1s
m
V H
O
e
g
a
t
l
o
V
t
u
p
t
u
OA
µ
0
0
5
=
I
)
3
(
V C
C
V
5
.
0
-V C
C
V
1
.
0
-V
I H
O
t
n
e
r
r
u
C
t
u
p
t
u
OV
4
.
2
=
t
u
p
t
u
O
)
2
(
0
5
3
A
µ
I L
O
t
n
e
r
r
u
C
t
u
p
t
u
O,
V
4
.
0
=
t
u
p
t
u
O0
1A
m
I L
I
e
g
a
k
a
e
L
t
u
p
n
I
)
1
(
0
.
1
0
.
1A
µ
R U
P
r
o
t
s
i
s
e
R
p
U
-
ll
u
P
l
a
n
r
e
t
n
I
)
1
(
2
30
45
5k
C N
I
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
5F
p
C
T
U
O
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
O
7F
p
t B
P
T
S
R
B
P
t
e
s
e
R
l
a
u
n
a
M
e
m
i
T
w
o
L
m
u
m
i
n
i
M
T
S
R
B
P
V
=
L
I
0
2s
m
t
T
S
R
e
m
i
T
e
v
i
t
c
A
t
e
s
e
R0
5
20
0
60
0
0
1s
m
t T
S
T
S
h
t
d
i
W
e
s
l
u
P
)
4
(
0
2s
n
t
D
P
R
V C
C
o
t
t
c
e
t
e
D
li
a
F
r
o
T
E
S
E
R
T
E
S
E
R
58
s
µ
tF
V C
C
e
t
a
R
w
e
l
S0
2s
µ
t
Y
L
D
P
T
S
R
B
P
o
t
W
O
L
e
l
b
a
t
S
d
n
a
T
E
S
E
R
T
E
S
E
R
e
v
i
t
c
A
0
2s
m
t
U
P
R
V C
C
r
o
T
E
S
E
R
o
t
t
c
e
t
e
D
T
E
S
E
R
e
v
i
t
c
a
n
I
t
E
S
I
R
s
µ
5
=0
5
20
0
60
0
0
1s
m
tR
V C
C
e
t
a
R
w
e
l
SV
5
7
.
4
o
t
V
5
2
.
40
s
n
(4) Must not exceed the minimum watchdog time-out period (tTD).
The watchdog circuit cannot be disabled. To avoid a reset,
ST
must be strobed.
(5) Measured with VCC ≥ 2.7V.
(6) Measured with VCC < 2.7V.


Similar Part No. - CAT1832Z-GT2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT1832Z-GT3 CATALYST-CAT1832Z-GT3 Datasheet
944Kb / 12P
   5V and 3.3V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
logo
ON Semiconductor
CAT1832Z-GT3 ONSEMI-CAT1832Z-GT3 Datasheet
604Kb / 12P
   5 V and 3.3 V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
Doc. No. MD-3018 Rev. F
More results

Similar Description - CAT1832Z-GT2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT1232 CATALYST-CAT1232 Datasheet
944Kb / 12P
   5V and 3.3V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
logo
ON Semiconductor
CAT1232LP ONSEMI-CAT1232LP Datasheet
604Kb / 12P
   5 V and 3.3 V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
Doc. No. MD-3018 Rev. F
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Linear Technology
LTC1726 LINER-LTC1726_15 Datasheet
227Kb / 14P
   Triple Supply Monitor and P Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726 Datasheet
172Kb / 12P
   Triple Supply Monitor and uP Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726_1 Datasheet
178Kb / 12P
   Triple Supply Monitor and 짰 Supervisor with Adjustable Reset and Watchdog Timer
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
Linear Technology
LTC2930 LINER-LTC2930 Datasheet
179Kb / 12P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer, Manual Reset
logo
Catalyst Semiconductor
CAT1232LP CATALYST-CAT1232LP Datasheet
117Kb / 9P
   5V and 3.3V Supply Voltage Monitor and Reset Circuit
logo
Linear Technology
LTC2930 LINER-LTC2930_15 Datasheet
169Kb / 12P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer, Manual Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com