Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL55291 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL55291
Description  Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op Amp
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55291 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL55291 Datasheet HTML 4Page - Intersil Corporation ISL55291 Datasheet HTML 5Page - Intersil Corporation ISL55291 Datasheet HTML 6Page - Intersil Corporation ISL55291 Datasheet HTML 7Page - Intersil Corporation ISL55291 Datasheet HTML 8Page - Intersil Corporation ISL55291 Datasheet HTML 9Page - Intersil Corporation ISL55291 Datasheet HTML 10Page - Intersil Corporation ISL55291 Datasheet HTML 11Page - Intersil Corporation ISL55291 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
FN6263.1
March 30, 2007
FIGURE 19. LARGE SIGNAL STEP RESPONSE
FIGURE 20. SMALL SIGNAL STEP RESPONSE
FIGURE 21. PERCENT OVERSHOOT FOR VARIOUS CLOAD
FIGURE 22. ISL55291 POSITIVE INPUT RECOVERY TIME
FIGURE 23. ISL55291 NEGATIVE INPUT RECOVERY
RECOVERY
FIGURE 24. OUTPUT OVERLOAD RECOVERY
Typical Performance Curves (Continued)
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0
2040
6080
100
TIME (ns)
AV = 10
RL = 1k
Rg = 100
Rf = 909
VS = +2.5V
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0
204060
80
100
TIME (ns)
AV = 10
RL = 1k
Rg = 100
Rf = 909
VS = +2.5V
0
5
10
15
20
25
30
35
40
45
50
0
5
10
15
20
25
30
35
40
45
50
CL (pF)
VOUT = 0.5V
VOUT = 1V
VOUT = 3.5V
VOUT = 0.1V
AV = 10
RL = 1k
Rg = 100
Rf = 909
VS = +2.5V
TIME (ns)
0
20
40
60
80
100
120
140
160
180
200
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
OUTPUT
AV = 10
RL = 10k
Rg = 100
Rf = 909
VS = ±2.5V
VIN = VCM +0.5V
INPUT
-3.1
-3.0
-2.9
-2.8
-2.7
-2.6
-2.5
-2.4
-2.3
-2.2
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
INPUT
OUTPUT
AV = 10
RL = 10k
Rg = 100
Rf = 909
VS = ±2.5V
VIN = -V-0.5V
TIME (ns)
0
20
40
60
80
100
120
140
160
180
200
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
TIME (ns)
-3
-2
-1
0
1
2
3
0
20
40
60
80
100
120
140
160
180
200
OUTPUT
INPUT
AV = 10
RL = 10k
Rg = 100
Rf = 909
VS = +2.5V
VIN = 0.7VP-P
ISL55191, ISL55291


Similar Part No. - ISL55291

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL55291 RENESAS-ISL55291 Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op
March 30, 2007
ISL55291EVAL1Z RENESAS-ISL55291EVAL1Z Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op
March 30, 2007
ISL55291IUZ RENESAS-ISL55291IUZ Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op
March 30, 2007
ISL55291IUZ-T13 RENESAS-ISL55291IUZ-T13 Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op
March 30, 2007
More results

Similar Description - ISL55291

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28190 INTERSIL-ISL28190 Datasheet
908Kb / 14P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Op Amp
logo
Renesas Technology Corp
ISL55191 RENESAS-ISL55191 Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op
March 30, 2007
logo
Intersil Corporation
ISL28190 INTERSIL-ISL28190_08 Datasheet
1Mb / 16P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
logo
Renesas Technology Corp
ISL28190 RENESAS-ISL28190 Datasheet
1Mb / 19P
   Single and Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
ISL28290 RENESAS-ISL28290 Datasheet
1Mb / 21P
   Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
Jan.12.21
logo
Intersil Corporation
ISL28191 INTERSIL-ISL28191_08 Datasheet
1Mb / 16P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
logo
Renesas Technology Corp
ISL28191 RENESAS-ISL28191 Datasheet
1Mb / 18P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
logo
Intersil Corporation
ISL28191 INTERSIL-ISL28191 Datasheet
1Mb / 14P
   Single and Dual Ultra-Low Noise, Rail-to-Rail, Op Amp
ISL55190 INTERSIL-ISL55190 Datasheet
961Kb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
logo
Renesas Technology Corp
ISL55190 RENESAS-ISL55190 Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
March 30, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com