Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24WC32WI-1.8TE13D Datasheet(PDF) 9 Page - Catalyst Semiconductor

Part # CAT24WC32WI-1.8TE13D
Description  32K/64K-Bit I2C Serial CMOS EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24WC32WI-1.8TE13D Datasheet(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT24WC32WI-1.8TE13D Datasheet HTML 4Page - Catalyst Semiconductor CAT24WC32WI-1.8TE13D Datasheet HTML 5Page - Catalyst Semiconductor CAT24WC32WI-1.8TE13D Datasheet HTML 6Page - Catalyst Semiconductor CAT24WC32WI-1.8TE13D Datasheet HTML 7Page - Catalyst Semiconductor CAT24WC32WI-1.8TE13D Datasheet HTML 8Page - Catalyst Semiconductor CAT24WC32WI-1.8TE13D Datasheet HTML 9Page - Catalyst Semiconductor CAT24WC32WI-1.8TE13D Datasheet HTML 10Page - Catalyst Semiconductor CAT24WC32WI-1.8TE13D Datasheet HTML 11Page - Catalyst Semiconductor CAT24WC32WI-1.8TE13D Datasheet HTML 12Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CAT24WC32/64
9
Doc. No. 1039, Rev. G
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Notes:
1.
Complies with JEDEC Publication 95 MS001 dimensions; however, some of the dimensions may be more stringent.
2.
All linear dimensions are in inches and parenthetically in millimeters.
0.180 (4.57) MAX
0.015 (0.38)
0.100 (2.54)
BSC
0.014 (0.36)
0.022 (0.56)
0.245 (6.17)
0.295 (7.49)
0.045 (1.14)
0.060 (1.52)
0.110 (2.79)
0.150 (3.81)
0.120 (3.05)
0.150 (3.81)
0.300 (7.62)
0.325 (8.26)
0.310 (7.87)
0.380 (9.65)
0.355 (9.02)
0.400 (10.16)
8-LEAD 300 MIL WIDE PLASTIC DIP (P, L, GL)
8-LEAD 150 MIL WIDE SOIC (J, W, GW)
Notes:
1.
Complies with JEDEC publication 95 MS-012 dimensions; however, some dimensions may be more stringent.
2.
All linear dimensions are in inches and parenthetically in millimeters.
0.1497 (3.80)
0.1574 (4.00)
0.2284 (5.80)
0.2440 (6.20)
0.0532 (1.35)
0.0688 (1.75)
0.0040 (0.10)
0.0098 (0.25)
0.050 (1.27) BSC
0.013 (0.33)
0.020 (0.51)
0—8
0.0075 (0.19)
0.0098 (0.25)
0.0099 (0.25)
0.0196 (0.50)
X 45
0.016 (0.40)
0.050 (1.27)
0.1890 (4.80)
0.1968 (5.00)


Similar Part No. - CAT24WC32WI-1.8TE13D

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC32WI-1.8TE13B CATALYST-CAT24WC32WI-1.8TE13B Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS EEPROM
More results

Similar Description - CAT24WC32WI-1.8TE13D

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC33 CATALYST-CAT24WC33_05 Datasheet
637Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32WI CATALYST-CAT24WC32WI Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24FC64 CATALYST-CAT24FC64 Datasheet
407Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24WC66 CATALYST-CAT24WC66 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24FC64 CATALYST-CAT24FC64_05 Datasheet
629Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24FC32 CATALYST-CAT24FC32 Datasheet
451Kb / 11P
   32K-Bit I2C Serial CMOS EEPROM
CAT25C32 CATALYST-CAT25C32_04 Datasheet
76Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C33 CATALYST-CAT25C33_05 Datasheet
315Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C65 CATALYST-CAT25C65 Datasheet
90Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT24WC32 CATALYST-CAT24WC32 Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com