Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRKDL240-12S30 Datasheet(PDF) 8 Page - International Rectifier

Part # IRKDL240-12S30
Description  FAST RECOVERY DIODES
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKDL240-12S30 Datasheet(HTML) 8 Page - International Rectifier

Back Button IRKDL240-12S30 Datasheet HTML 3Page - International Rectifier IRKDL240-12S30 Datasheet HTML 4Page - International Rectifier IRKDL240-12S30 Datasheet HTML 5Page - International Rectifier IRKDL240-12S30 Datasheet HTML 6Page - International Rectifier IRKDL240-12S30 Datasheet HTML 7Page - International Rectifier IRKDL240-12S30 Datasheet HTML 8Page - International Rectifier IRKDL240-12S30 Datasheet HTML 9Page - International Rectifier IRKDL240-12S30 Datasheet HTML 10Page - International Rectifier IRKDL240-12S30 Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
IRK.L240 Series
8
Bulletin I27094 rev. C 10/06
www.irf.com
Fig. 23 - Frequency Characteristics
Fig. 21 - Maximum Forward Energy Power Loss Characteristics
Fig. 22 - Frequency Characteristics
1E0
1E1
1E2
1E3
1E4
1E5
1E1
1E2
1E3
1E4
20 joules per pulse
10
4
2
1
0.4
0.2
0.1
0.04
0.02
0.01
Pulse Basewidth (µs)
tp
1E4
IRK.L240..S10/ S20
Sinusoidal Pulse
T = 150 °C
J
1E1
1E2
1E3
1E4
20 joules per pulse
10
4
2
1
0.4
0.2
0.1
0.04
0.02
0.01
Pulse Basewidth (µs)
tp
1E1
IRK.L240..S10/ S20
Trapezoidal Pulse
T = 150 °C
J
1E2
1E3
1E4
1E5
1E1
1E2
1E3
1E4
50 Hz
400
1000
200
1500
2500
10000
20000
5000
Pulse Basewidth (µs)
tp
1E4
IRK.L240..S10/ S20
Sinusoidal Pulse
T = 90 °C
C
1E1
1E2
1E3
1E4
50 Hz
400
1000
200
1500
2500
10000
20000
5000
Pulse Basewidth (µs)
tp
1E1
IRK.L240..S10/ S20
Sinusoidal Pulse
T = 100 °C
C
1E2
1E3
1E4
1E5
1E11E2
1E31E4
50 Hz
400
1000
200
1500
2500
Pulse Basewidth (µs)
tp
1E4
IRK.L240..S10/ S20
Trapezoidal Pulse
T = 90 °C
C
1E1
1E2
1E3
1E4
50 Hz
400
1000
200
1500
2500
Pulse Basewidth (µs)
tp
1E1
IRK.L240..S10/ S20
Trapezoidal Pulse
T = 100 °C
C


Similar Part No. - IRKDL240-12S30

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKDL450 IRF-IRKDL450 Datasheet
122Kb / 7P
   SUPER MAGN-A-PAK Power Modules
IRKDL450-16S20 IRF-IRKDL450-16S20 Datasheet
122Kb / 7P
   SUPER MAGN-A-PAK Power Modules
IRKDL450-20S20 IRF-IRKDL450-20S20 Datasheet
122Kb / 7P
   SUPER MAGN-A-PAK Power Modules
IRKDL450-25S20 IRF-IRKDL450-25S20 Datasheet
122Kb / 7P
   SUPER MAGN-A-PAK Power Modules
More results

Similar Description - IRKDL240-12S30

ManufacturerPart #DatasheetDescription
logo
AEGIS SEMICONDUTORES LT...
A1C:70S.02.02 AEGIS-A1C:70S.02.02 Datasheet
803Kb / 4P
   Fast Recovery Diodes
A1C:70S.02.10 AEGIS-A1C:70S.02.10 Datasheet
990Kb / 4P
   Fast Recovery Diodes
logo
Sanken electric
CTU-34S SANKEN-CTU-34S Datasheet
324Kb / 5P
   Fast Recovery Diodes
logo
Rohm
RF601B2D ROHM-RF601B2D Datasheet
178Kb / 4P
   Fast recovery diodes
RF1005TF6S ROHM-RF1005TF6S Datasheet
164Kb / 1P
   Fast Recovery Diodes
RF601B2DTL ROHM-RF601B2DTL Datasheet
1Mb / 4P
   Fast recovery diodes
logo
Sanken electric
RF1A SANKEN-RF1A Datasheet
63Kb / 2P
   Fast Recovery Diodes
RU1B SANKEN-RU1B Datasheet
59Kb / 2P
   Fast Recovery Diodes
RH1Z SANKEN-RH1Z Datasheet
63Kb / 2P
   Fast Recovery Diodes
logo
AEGIS SEMICONDUTORES LT...
A1C:15S.02.02 AEGIS-A1C:15S.02.02 Datasheet
998Kb / 4P
   Fast Recovery Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com