Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT25C65Y14STE13 Datasheet(PDF) 2 Page - Catalyst Semiconductor

Part # CAT25C65Y14STE13
Description  32K/64K-Bit SPI Serial CMOS EEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C65Y14STE13 Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT25C65Y14STE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT25C65Y14STE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT25C65Y14STE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT25C65Y14STE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C65Y14STE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C65Y14STE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C65Y14STE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C65Y14STE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C65Y14STE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Discontinued
Parts
2
CAT25C33/65
Doc. No. 1000, Rev. H
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
D.C. OPERATING CHARACTERISTICS
VCC = +1.8V to +6.0V, unless otherwise specified.
Limits
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
ICC1
Power Supply Current
10
mA
VCC = 5V @ 10MHz
(Operating Write)
SO=open; CS=Vss
ICC2
Power Supply Current
2
mA
VCC = 5.0V
(Operating Read)
FCLK = 10MHz
ISB(5)
Power Supply Current
1
µA
CS = VCC
(Standby)
VIN = VSS or VCC
ILI
Input Leakage Current
2
µA
ILO
Output Leakage Current
3
µAVOUT = 0V to VCC,
CS = 0V
VIL(3)
Input Low Voltage
-1
VCC x 0.3
V
VIH(3)
Input High Voltage
VCC x 0.7
VCC + 0.5
V
VOL1
Output Low Voltage
0.4
V
VOH1
Output High Voltage
VCC - 0.8
V
VOL2
Output Low Voltage
0.2
V
1.8V
≤VCC<2.7V
VOH2
Output High Voltage
VCC-0.2
V
IOL = 150
µA
IOH = -100
µA
ABSOLUTE MAXIMUM RATINGS*
Temperature Under Bias ................. –55
°C to +125°C
Storage Temperature ....................... –65
°C to +150°C
Voltage on any Pin with
Respect to VSS1) ................... –2.0V to +VCC +2.0V
VCC with Respect to VSS ................................ –2.0V to +7.0V
Package Power Dissipation
Capability (Ta = 25
°C)................................... 1.0W
Lead Soldering Temperature (10 secs) ............ 300
°C
Output Short Circuit Current(2) ........................ 100 mA
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
These are stress ratings only, and functional operation
of the device at these or any other conditions outside of
those listed in the operational sections of this specifica-
tion is not implied. Exposure to any absolute maximum
rating for extended periods may affect device perfor-
mance and reliability.
Note:
(1) The minimum DC input voltage is –0.5V. During transitions, inputs may undershoot to –2.0V for periods of less than 20 ns. Maximum DC
voltage on output pins is VCC +0.5V, which may overshoot to VCC +2.0V for periods of less than 20 ns.
(2) Output shorted for no more than one second. No more than one output shorted at a time.
(3) These parameter are tested initially and after a design or process change that affects the parameter according to appropriate AEC-Q100
and JEDEC test methods.
(4) Latch-up protection is provided for stresses up to 100 mA on address and data pins from –1V to VCC +1V.
(5) Maximum standby current (ISB ) = 10µA for the Automotive and Extended Automotive temperature range.
4.5V
≤VCC<5.5V
IOL = 3.0mA
IOH = -1.6mA
RELIABILITY CHARACTERISTICS
Symbol
Parameter
Min.
Typ.
Max.
Units
NEND(3)
Endurance
1,000,000
Cycles/Byte
TDR(3)
Data Retention
100
Years
VZAP(3)
ESD Susceptibility
2000
Volts
ILTH(3)(4)
Latch-up
100
mA


Similar Part No. - CAT25C65Y14STE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C65Y14A-1.8TE13 CATALYST-CAT25C65Y14A-1.8TE13 Datasheet
90Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C65Y14A-TE13 CATALYST-CAT25C65Y14A-TE13 Datasheet
90Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C65Y14E-1.8TE13 CATALYST-CAT25C65Y14E-1.8TE13 Datasheet
90Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C65Y14E-TE13 CATALYST-CAT25C65Y14E-TE13 Datasheet
90Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C65Y14I-1.8TE13 CATALYST-CAT25C65Y14I-1.8TE13 Datasheet
90Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
More results

Similar Description - CAT25C65Y14STE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C32 CATALYST-CAT25C32_04 Datasheet
76Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C65 CATALYST-CAT25C65 Datasheet
90Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C64 CATALYST-CAT25C64_06 Datasheet
413Kb / 16P
   64K-Bit SPI Serial CMOS EEPROM
CAT25C32 CATALYST-CAT25C32 Datasheet
91Kb / 9P
   32K/64K-Bit SPI Serial CMOS E2PROM
CAT24WC33 CATALYST-CAT24WC33_05 Datasheet
637Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32 CATALYST-CAT24WC32_05 Datasheet
456Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32WI CATALYST-CAT24WC32WI Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS EEPROM
logo
Samsung semiconductor
S524LB0X91 SAMSUNG-S524LB0X91 Datasheet
145Kb / 20P
   32K/64K-bit Serial EEPROM
logo
Fairchild Semiconductor
FM25C640U FAIRCHILD-FM25C640U Datasheet
102Kb / 11P
   64K-Bit SPI??Interface Serial CMOS EEPROM
logo
E-CMOS Corporation
EC24C32A E-CMOS-EC24C32A Datasheet
541Kb / 17P
   32K/64K-bit 2-WIRE SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com