Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24WC08YETE13F Datasheet(PDF) 10 Page - Catalyst Semiconductor

Part # CAT24WC08YETE13F
Description  1K/2K/4K/8K/16K-Bit Serial EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24WC08YETE13F Datasheet(HTML) 10 Page - Catalyst Semiconductor

Back Button CAT24WC08YETE13F Datasheet HTML 6Page - Catalyst Semiconductor CAT24WC08YETE13F Datasheet HTML 7Page - Catalyst Semiconductor CAT24WC08YETE13F Datasheet HTML 8Page - Catalyst Semiconductor CAT24WC08YETE13F Datasheet HTML 9Page - Catalyst Semiconductor CAT24WC08YETE13F Datasheet HTML 10Page - Catalyst Semiconductor CAT24WC08YETE13F Datasheet HTML 11Page - Catalyst Semiconductor CAT24WC08YETE13F Datasheet HTML 12Page - Catalyst Semiconductor CAT24WC08YETE13F Datasheet HTML 13Page - Catalyst Semiconductor CAT24WC08YETE13F Datasheet HTML 14Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
CAT24WC01/02/04/08/16
10
Doc. No. 1022, Rev. N
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Notes:
1.
Complies with JEDEC Publication 95 MS001 dimensions; however, some of the dimensions may be more stringent.
2.
All linear dimensions are in inches and parenthetically in millimeters.
0.180 (4.57) MAX
0.015 (0.38)
0.100 (2.54)
BSC
0.014 (0.36)
0.022 (0.56)
0.245 (6.17)
0.295 (7.49)
0.045 (1.14)
0.060 (1.52)
0.110 (2.79)
0.150 (3.81)
0.120 (3.05)
0.150 (3.81)
0.300 (7.62)
0.325 (8.26)
0.310 (7.87)
0.380 (9.65)
0.355 (9.02)
0.400 (10.16)
8-LEAD 300 MIL WIDE PLASTIC DIP (P, L, GL)
8-LEAD 150 MIL WIDE SOIC (J, W, GW)
Notes:
1.
Complies with JEDEC publication 95 MS-012 dimensions; however, some dimensions may be more stringent.
2.
All linear dimensions are in inches and parenthetically in millimeters.
0.1497 (3.80)
0.1574 (4.00)
0.2284 (5.80)
0.2440 (6.20)
0.0532 (1.35)
0.0688 (1.75)
0.0040 (0.10)
0.0098 (0.25)
0.050 (1.27) BSC
0.013 (0.33)
0.020 (0.51)
0 —8
0.0075 (0.19)
0.0098 (0.25)
0.0099 (0.25)
0.0196 (0.50)
X 45
0.016 (0.40)
0.050 (1.27)
0.1890 (4.80)
0.1968 (5.00)


Similar Part No. - CAT24WC08YETE13F

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC08YE-1.8TE13F CATALYST-CAT24WC08YE-1.8TE13F Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24WC08YE-TE13F CATALYST-CAT24WC08YE-TE13F Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
More results

Similar Description - CAT24WC08YETE13F

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
   1K/2K/4K/8K-bit Serial EEPROM
logo
Catalyst Semiconductor
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
logo
List of Unclassifed Man...
TMC93LC46 ETC-TMC93LC46 Datasheet
1Mb / 15P
   1K/2K/2K/4K/16K-Bit Microwire Serial EEPROM
24A01 ETC2-24A01 Datasheet
1Mb / 24P
   1K/2K/4K/8K/16K-bit Serial EEPROM for Low Power
logo
Samsung semiconductor
S524A40X11 SAMSUNG-S524A40X11 Datasheet
124Kb / 16P
   1K/2K/4K/8K/16K-bit Serial EEPROM for Low Power
logo
Integrated Silicon Solu...
IS24C01 ISSI-IS24C01 Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C02A ISSI-IS24C02A Datasheet
158Kb / 21P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com