Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT1162WI-42T2 Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT1162WI-42T2
Description  Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1162WI-42T2 Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT1162WI-42T2 Datasheet HTML 1Page - Catalyst Semiconductor CAT1162WI-42T2 Datasheet HTML 2Page - Catalyst Semiconductor CAT1162WI-42T2 Datasheet HTML 3Page - Catalyst Semiconductor CAT1162WI-42T2 Datasheet HTML 4Page - Catalyst Semiconductor CAT1162WI-42T2 Datasheet HTML 5Page - Catalyst Semiconductor CAT1162WI-42T2 Datasheet HTML 6Page - Catalyst Semiconductor CAT1162WI-42T2 Datasheet HTML 7Page - Catalyst Semiconductor CAT1162WI-42T2 Datasheet HTML 8Page - Catalyst Semiconductor CAT1162WI-42T2 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CAT1161, CAT1162
© 2007 Catalyst Semiconductor, Inc.
5
Doc. No. 3002 Rev. F
Characteristics subject to change without notice
PIN DESCRIPTION
WP: WRITE PROTECT
If the pin is tied to VCC the entire memory array
becomes Write Protected (READ only). When the pin
is tied to GND or left floating normal read/write
operations are allowed to the device.
RESET/RESET
¯¯¯¯¯¯: RESET I/O
(RESET CAT1026 Only)
These are open drain pins and can be used as reset
trigger inputs. By forcing a reset condition on the pins
the device will initiate and maintain a reset condition.
The RESET pin must be connected through a pull-
down resistor, and the RESET
¯¯¯¯¯¯ pin must be connected
through a pull-up resistor.
SDA: SERIAL DATA ADDRESS
The bidirectional serial data/address pin is used to
transfer all data into and out of the device. The SDA
pin is an open drain output and can be wire-ORed
with other open drain or open collector outputs.
If there is no transition on the SDA for more than 1.6
seconds, the watchdog timer times out.
SCL: SERIAL CLOCK
Serial clock input.
DEVICE OPERATION
Reset Controller Description
The CAT1161/2 precision RESET controller ensures
correct system operation during brownout and power
up/down conditions. It is configured with open drain
RESET outputs. During power-up, the RESET outputs
remain active until VCC reaches the VTH threshold and
will continue driving the outputs for approximately
200ms (tPURST) after reaching VTH. After the tPURST
timeout interval, the device will cease to drive the
reset outputs. At this point the reset outputs will be
pulled up or down by their respective pull up/down
resistors. During power-down, the RESET outputs will
be active when VCC falls below VTH. The RESET
¯¯¯¯¯¯
outputs will be valid so long as VCC is >1.0V (VRVALID).
The RESET pins are I/Os; therefore, the CAT1161/2
can act as a signal conditioning circuit for an
externally applied manual reset. The inputs are edge
triggered; that is, the RESET input in the CAT1161/2
will initiate a reset timeout after detecting a low to high
transition and the RESET
¯¯¯¯¯¯ input will initiate a reset
timeout after detecting a high to low transition.
Watchdog Timer
The
Watchdog
Timer
provides
an
independent
protection for microcontrollers. During a system
failure, the CAT1161 will respond with a reset signal
after a time-out interval of 1.6 seconds for a lack of
activity. The CAT1161 is designed with the Watchdog
Timer feature on the SDA input. If the microcontroller
does not toggle the SDA input pin within 1.6 seconds,
the Watchdog Timer times out. This will generate a
reset condition on reset outputs. The Watchdog Timer
is cleared by any transition on SDA.
As long as the reset signal is asserted, the Watchdog
Timer will not count and will stay cleared.
The CAT1162 does not have a Watchdog.
Figure 1. RESET Output Timing
GLITCH
t
VCC
PURST
t
PURST
t
RPD
t
RVALID
V
V
TH
RESE T
RESE T
RPD
t


Similar Part No. - CAT1162WI-42T2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT1162WI-42-GT3 CATALYST-CAT1162WI-42-GT3 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
logo
ON Semiconductor
CAT1162WI-42-GT3 ONSEMI-CAT1162WI-42-GT3 Datasheet
193Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3002 Rev. I
CAT1162WI-42-GT3 ONSEMI-CAT1162WI-42-GT3 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)null
July, 2012 ??Rev. 12
CAT1162WI-42-GT3 ONSEMI-CAT1162WI-42-GT3 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
CAT1162WI-42-GT3 ONSEMI-CAT1162WI-42-GT3 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
More results

Similar Description - CAT1162WI-42T2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT1161 CATALYST-CAT1161 Datasheet
69Kb / 12P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1163 CATALYST-CAT1163_07 Datasheet
150Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
logo
ON Semiconductor
CAT1161PI-42 ONSEMI-CAT1161PI-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
CAT1161 ONSEMI-CAT1161 Datasheet
193Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3002 Rev. I
CAT1163 ONSEMI-CAT1163 Datasheet
239Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3003 Rev. I
logo
Catalyst Semiconductor
CAT1161_0711 CATALYST-CAT1161_0711 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
logo
ON Semiconductor
CAT1161JI-30 ONSEMI-CAT1161JI-30 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
logo
Catalyst Semiconductor
CAT1163_0711 CATALYST-CAT1163_0711 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
CAT1163 CATALYST-CAT1163 Datasheet
69Kb / 12P
   Supervisory Circuit with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
logo
ON Semiconductor
CAT1161JI-28 ONSEMI-CAT1161JI-28 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)null
July, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com