Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

MC7812CT Datasheet(HTML) 26 Page - ON Semiconductor

Part No. MC7812CT
Description  1.0 A Positive Voltage Regulators
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MC7812CT Datasheet(HTML) 26 Page - ON Semiconductor

Back Button MC7812CT Datasheet HTML 26Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 32 page
background image
MC7800, MC7800A, NCV7805
http://onsemi.com
26
ORDERING INFORMATION
Device
Shipping
Package
Operating
Temperature Range
Nominal Voltage
MC7812BDTRK
12 V
T = −40
°C to +125°C
DPAK
2500 / Tape & Reel
MC7812BDTRKG
DPAK
(Pb−free)
2500 / Tape & Reel
MC7812BT
TO 220
50 Units /Rail
MC7812BTG
TO 220
(Pb−free)
50 Units /Rail
NCV7812BD2T *
D2PAK
50 Units /Rail
NCV7812BD2TR4 *
D2PAK
800 / Tape & Reel
NCV7812BT *
TO 220
50 Units /Rail
MC7812CD2T
T = 0
°C to +125°C
D2PAK
50 Units /Rail
MC7812CD2TG
D2PAK
(Pb−free)
50 Units /Rail
MC7812CD2TR4
D2PAK
800 / Tape & Reel
MC7812CD2TR4G
D2PAK
(Pb−free)
800 / Tape & Reel
MC7812CDT
DPAK
75 Units / Rail
MC7812CDTG
DPAK
(Pb−free)
75 Units / Rail
MC7812CDTRK
DPAK
2500 / Tape & Reel
MC7812CDTRKG
DPAK
(Pb−free)
2500 / Tape & Reel
MC7812CT
TO 220
50 Units /Rail
MC7812CTG
TO 220
(Pb−free)
50 Units /Rail
MC7815ABD2T
15 V
T = −40
°C to +125°C
D2PAK
50 Units /Rail
MC7815ABD2TG
D2PAK
(Pb−free)
50 Units /Rail
MC7815ABD2TR4
D2PAK
800 / Tape & Reel
MC7815ABD2TR4G
D2PAK
(Pb−free)
800 / Tape & Reel
MC7815ABT
TO 220
50 Units /Rail
MC7815ABTG
TO 220
(Pb−free)
50 Units /Rail
MC7815ACD2T
T = 0
°C to +125°C
D2PAK
50 Units /Rail
MC7815ACD2TG
D2PAK
(Pb−free)
50 Units /Rail
MC7815ACT
TO 220
50 Units /Rail
MC7815ACTG
TO 220
(Pb−free)
50 Units /Rail
MC7815BD2T
T = −40
°C to +125°C
D2PAK
50 Units /Rail
MC7815BD2TG
D2PAK
(Pb−free)
50 Units /Rail
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifi-
cations Brochure, BRD8011/D.
*NCV devices: Tlow = −40
°C, Thigh = +125°C. Guaranteed by design. NCV prefix is for automotive and other applications requiring site and
change control.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn