Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY578 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BY578
Description  Damper diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY578 Datasheet(HTML) 6 Page - NXP Semiconductors

  BY578 Datasheet HTML 1Page - NXP Semiconductors BY578 Datasheet HTML 2Page - NXP Semiconductors BY578 Datasheet HTML 3Page - NXP Semiconductors BY578 Datasheet HTML 4Page - NXP Semiconductors BY578 Datasheet HTML 5Page - NXP Semiconductors BY578 Datasheet HTML 6Page - NXP Semiconductors BY578 Datasheet HTML 7Page - NXP Semiconductors BY578 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
1998 Jun 25
6
Philips Semiconductors
Product specification
Damper diodes
BY558; BY578
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOD115
97-10-14
Hermetically sealed glass package; axial leaded; 2 leads
SOD115
UNIT
b
max.
mm
1.35
D
max.
G
max.
27
6.0
5.5
L
min.
DIMENSIONS (mm are the original dimensions)
G
L
D
L
b
Note
1. The marking band indicates the cathode.
(1)
ka

0
2.5
5 mm
scale


Similar Part No. - BY578

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
BY57E02 OMRON-BY57E02 Datasheet
147Kb / 9P
   Omron Date Codes
BY57E02 OMRON-BY57E02 Datasheet
147Kb / 9P
   Omron Date Codes
More results

Similar Description - BY578

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
BY228 DACHANG-BY228_15 Datasheet
120Kb / 2P
   Damper Diodes
logo
SiPower Inc.
TBY328 SIPOWER-TBY328 Datasheet
270Kb / 2P
   Damper Diodes
TE2513 SIPOWER-TE2513 Datasheet
274Kb / 2P
   Damper Diodes
logo
Rugao Dachang Electroni...
FR309 DACHANG-FR309_15 Datasheet
120Kb / 2P
   Damper Diodes
logo
List of Unclassifed Man...
FMU-G2FS ETC-FMU-G2FS Datasheet
69Kb / 2P
   Damper Diodes
logo
Rugao Dachang Electroni...
RU4DS DACHANG-RU4DS_15 Datasheet
123Kb / 2P
   Damper Diodes
RU4D DACHANG-RU4D_15 Datasheet
123Kb / 2P
   Damper Diodes
logo
SiPower Inc.
TBY228 SIPOWER-TBY228 Datasheet
267Kb / 2P
   Damper Diodes
logo
Vishay Siliconix
BYS459-1500 VISHAY-BYS459-1500 Datasheet
47Kb / 3P
   High Voltage Damper Diodes
25-Jul-02
BYS459-1500S VISHAY-BYS459-1500S_07 Datasheet
142Kb / 5P
   High Voltage Damper Diodes
Revision: 06-Nov-07
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com