Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT811LTBIGT3 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT811LTBIGT3
Description  4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT811LTBIGT3 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT811LTBIGT3 Datasheet HTML 1Page - Catalyst Semiconductor CAT811LTBIGT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT811LTBIGT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT811LTBIGT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT811LTBIGT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT811LTBIGT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT811LTBIGT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT811LTBIGT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT811LTBIGT3 Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
1
Doc. No. 3005, Rev. R
FEATURES
s Precision monitoring of
+5.0 V (
± 5%, ± 10%, ± 20%),
+3.3 V (
± 5%, ± 10%),
+3.0 V (
± 10%) and
+2.5 V (
± 5%) power supplies
s Manual reset input
s Offered in two output configurations:
- CAT811: Active LOW reset
- CAT812: Active HIGH reset
s Direct replacements for the MAX811 and
MAX812 in applications operating over the
industrial temperature range
s Reset valid down to VCC = 1.0 V
s 6
µµµµµA power supply current
s Power supply transient immunity
s Available in SOT-143 packages with Sn or
NiPdAu Green Lead finishes.
s Industrial temperature range: -40
°°°°°C to +85°°°°°C
APPLICATIONS
s Computers
s Servers
s Laptops
s Cable modems
s Wireless communications
s Embedded control systems
s White goods
s Power meters
s Intelligent instruments
s PDAs and handheld equipment
PIN CONFIGURATION
THRESHOLD SUFFIX SELECTOR
Nominal Threshold
Threshold Suffix
Voltage
Designation
4.63V
L
4.38V
M
4.00V
J
3.08V
T
2.93V
S
2.63V
R
2.32V
Z
1
2
4
3
GND
RESET
VCC
MR
CAT811
CAT812
CAT811, CAT812
4-Pin Microprocessor Power Supply Supervisors with Manual Reset
DESCRIPTION
The CAT811 and CAT812 are microprocessor
supervisory circuits that monitor power supplies. The
CAT811 and CAT812 are direct replacements for the
MAX811 and MAX812 in applications operating over the
industrial temperature range; both have a manual reset
input.
These devices generate a reset signal, which is asserted
while the power supply voltage is below a preset threshold
level and for at least 140 ms after the power supply level
has risen above that level. The underlying floating gate
technology, AE2(TM) used by Catalyst Semiconductor,
makes it possible to offer any custom reset threshold
value. Seven industry standard threshold levels are
offered to support +5.0 V, +3.3 V, +3.0 V and +2.5 V
systems.
The CAT811 features a
RESET push-pull output (active
LOW) and the CAT812 features a RESET push-pull
output (active HIGH).
Fast transients on the power supply are ignored and the
output is guaranteed to be in the correct state at Vcc
levels as low as 1.0 V.
The CAT811/812 are fully specified over the industrial
temperature range (-40
°C to 85°C) and are available in
a compact 4-pin SOT143 package.


Similar Part No. - CAT811LTBIGT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT811LTBI ONSEMI-CAT811LTBI Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
logo
Catalyst Semiconductor
CAT811LTBI-GT10 CATALYST-CAT811LTBI-GT10 Datasheet
228Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
ON Semiconductor
CAT811LTBI-GT10 ONSEMI-CAT811LTBI-GT10 Datasheet
235Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Doc. No. MD-3005 Rev. U
logo
Catalyst Semiconductor
CAT811LTBI-GT3 CATALYST-CAT811LTBI-GT3 Datasheet
228Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
ON Semiconductor
CAT811LTBI-GT3 ONSEMI-CAT811LTBI-GT3 Datasheet
235Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Doc. No. MD-3005 Rev. U
More results

Similar Description - CAT811LTBIGT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT811 ONSEMI-CAT811 Datasheet
235Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Doc. No. MD-3005 Rev. U
CAT811LTBI ONSEMI-CAT811LTBI Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
CAT811RTBI ONSEMI-CAT811RTBI Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811_08 Datasheet
228Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
Diodes Incorporated
APX811 DIODES-APX811 Datasheet
223Kb / 2P
   Tiny microprocessor supervisors with manual reset
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811 Datasheet
59Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors
logo
Diodes Incorporated
APX811 DIODES-APX811_09 Datasheet
175Kb / 10P
   4-Pin Microprocessor Supervisor With Manual Reset
APX811/812 Rev. 2
logo
ON Semiconductor
CAT853MTBI-GT3 ONSEMI-CAT853MTBI-GT3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT810STBI-T10 ONSEMI-CAT810STBI-T10 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810JTBI ONSEMI-CAT810JTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com