Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

ZL60404 Datasheet(HTML) 5 Page - Zarlink Semiconductor Inc

Part No. ZL60404
Description  1.25 Gbps, 1310 nm Uncooled Fabry-Perot Laser Diode Module with Monitor
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZARLINK [Zarlink Semiconductor Inc]
Homepage  http://www.zarlink.com
Logo 

ZL60404 Datasheet(HTML) 5 Page - Zarlink Semiconductor Inc

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 9 page
background image
SIDE VIEW
ISOMETRIC VIEW
FRONT VIEW ( 2 : 1 )
BOTTOM VIEW
© Zarlink Semiconductor 2002. All rights reserved.
ISSUE
ACN
DATE
APPRD.
Previous package codes
Title
Drawing type
Package code
1
101512rev 1
17-NOV-03
PD\US
101512
TO-56 Package Outline in SC
Connector housing
TE
Connector housing (PA66, 13% Glass fibre)
Housing (Stainless steel X10CrNiS18-9)
* For details of the component, see separate data sheet and/or package drawing.
NOTES:-
1. All dimensions in mm.
2. General tol. ISO-2768-mK.
8,9
`0,1
6,75
12,2
`0,1
14,7
7,85
`1
11,7
`0,6
n7
n2,501`0,001
A
Component *
n2,3 THRU (2x)
r n0.25 A
*
* Slot side.
Projection


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn