Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

ZL60404 Datasheet(HTML) 7 Page - Zarlink Semiconductor Inc

Part No. ZL60404
Description  1.25 Gbps, 1310 nm Uncooled Fabry-Perot Laser Diode Module with Monitor
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZARLINK [Zarlink Semiconductor Inc]
Homepage  http://www.zarlink.com
Logo 

ZL60404 Datasheet(HTML) 7 Page - Zarlink Semiconductor Inc

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 9 page
background image
BOTTOM VIEW ( 10 : 1 )
SIDE VIEW
© Zarlink Semiconductor 2002. All rights reserved.
ISSUE
ACN
DATE
APPRD.
Previous package codes
Title
Drawing type
Package code
Projection Method
1
101615 rev1
21-NOV-03
MD/MA
101615
Package Drawing, TO-56 with lens
TB
2
n
n1 (3x)
0,45
n
- 0,04
0,03
+
(4x)
5,6
n
- 0,03
0
+
n0,89 Max
0,38 Max
Brazed
11 - 0
3
+
1,2
`0,075
4,1
*
0,6
R0,3 Max
* Lens
n1,5`0,002
NOTES:-
1. All dimensions in mm.
2. General tol. ISO-2768-mK.
3. Coating: Case: Ni 3-7 µm.
Header: Ni 2-4 µm / Au 0,5 µm.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn