Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

ZL60404 Datasheet(HTML) 1 Page - Zarlink Semiconductor Inc

Part No. ZL60404
Description  1.25 Gbps, 1310 nm Uncooled Fabry-Perot Laser Diode Module with Monitor
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZARLINK [Zarlink Semiconductor Inc]
Homepage  http://www.zarlink.com
Logo 

ZL60404 Datasheet(HTML) 1 Page - Zarlink Semiconductor Inc

  ZL60404 Datasheet HTML 1Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 9 page
background image
1
Zarlink Semiconductor Inc.
Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc.
Copyright 2003, Zarlink Semiconductor Inc. All Rights Reserved.
Features
Uncooled 1300 nm Fabry-Perot Laser Diode
Wide operating temperature range -40
°C to +85°C
High reliability
Built-in monitor diode
1.25 Gbps
Ball lens or receptable type of packaging
Applications
Fiber Channel and Gigabit Ethernet applications
up to 1.25 Gbps
Optical communications systems
Figure 1 - PIN Diagram
Monitor Cathode
Case
LD Anode
Bottom View
LD Cathode
Monitor Anode
Description
The Fabry-Perot Laser Diode Receptacle type series is
designed for use with SC, FC and ST type fiber
connectors
as
source
in
telecom
and
datacom
applications.
The ZL60404 is a 1310 nm MQW (Multiple Quantum
Well) Fabry-Perot laser diode, integrated with a
monitor diode.
The hermatically sealed package includes a ball lens
for improved coupling efficiency.
Figure 2 - Functional Schematic
LD Cathode
Monitor cathode
Monitor anode
LD anode
case
December 2003
Ordering Information
ZL60404TBD
TO-56 with lens
ZL60404TDD
ST type connector
ZL60404TED
SC type connector
ZL60404TFD
FC type connector
-40
°C to +85°C
ZL60404
1.25 Gbps, 1310 nm Uncooled Fabry-Perot
Laser Diode Module with Monitor
Data Sheet


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn