Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

MC10164 Datasheet(HTML) 2 Page - ON Semiconductor

Part No. MC10164
Description  8-Line Multiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MC10164 Datasheet(HTML) 2 Page - ON Semiconductor

  MC10164_02 Datasheet HTML 2Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 8 page
background image
MC10164
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS
Test Limits
Pin
Under
–30
°C
+25
°C
+85
°C
Characteristic
Symbol
Under
Test
Min
Max
Min
Typ
Max
Min
Max
Unit
Power Supply Drain Current
IE
8
83
60
75
83
mAdc
Input Current
IinH
2
425
265
265
µAdc
IinL
4
0.5
0.5
0.3
µAdc
Output Voltage
Logic 1
VOH
15
–1.060
–0.890
–0.960
–0.810
–0.890
–0.700
Vdc
Output Voltage
Logic 0
VOL
15
–1.890
–1.675
–1.850
–1.650
–1.825
–1.615
Vdc
Threshold Voltage
Logic 1
VOHA
15
–1.080
–0.980
–0.910
Vdc
Threshold Voltage
Logic 0
VOLA
15
–1.655
–1.630
–1.595
Vdc
Switching Times (50
Ω Load)
ns
Propagation Delay
t4+15+
t4–15–
t7+15+
t7–15–
t2+15–
t2–15+
15
15
15
15
15
15
1.5
1.5
1.9
1.9
0.9
0.9
4.9
4.9
6.5
6.5
3.5
3.5
1.5
1.5
2.0
2.0
1.0
1.0
3.0
3.0
4.0
4.0
2.0
2.0
4.7
4.7
6.2
6.2
3.1
3.1
1.6
1.6
2.2
2.2
1.0
1.0
5.0
5.0
6.7
6.7
3.3
3.3
Rise Time
(20 to 80%)
t+
15
0.9
3.3
1.1
2.0
3.3
1.2
3.6
Fall Time
(20 to 80%)
t–
15
0.9
3.3
1.1
2.0
3.3
1.2
3.6
ELECTRICAL CHARACTERISTICS (continued)
TEST VOLTAGE VALUES (Volts)
@ Test Temperature
VIHmax
VILmin
VIHAmin
VILAmax
VEE
–30
°C
–0.890
–1.890
–1.205
–1.500
–5.2
+25
°C
–0.810
–1.850
–1.105
–1.475
–5.2
+85
°C
–0.700
–1.825
–1.035
–1.440
–5.2
Pin
Under
TEST VOLTAGE APPLIED TO PINS LISTED BELOW
(V
)
Characteristic
Symbol
Under
Test
VIHmax
VILmin
VIHAmin
VILAmax
VEE
(VCC)
Gnd
Power Supply Drain Current
IE
8
8
1,16
Input Current
IinH
2
4
8
1,16
IinL
4
4
8
1,16
Output Voltage
Logic 1
VOH
15
4,9
8
1,16
Output Voltage
Logic 0
VOL
15
9
8
1,16
Threshold Voltage
Logic 1
VOHA
15
4,9
2
8
1,16
Threshold Voltage
Logic 0
VOLA
15
9
2
8
1,16
Switching Times
(50
Ω Load)
+1.11V
Pulse In
Pulse Out
–3.2 V
+2.0 V
Propagation Delay
t4+15+
t4–15–
t7+15+
t7–15–
t2+15–
t2–15+
15
15
15
15
15
15
9
9
5
5
7,5
7,5
4
4
7
7
2
2
15
15
15
15
15
15
8
8
8
8
8
8
1,16
1,16
1,16
1,16
1,16
1,16
Rise Time
(20 to 80%)
t+
15
9
4
15
8
1,16
Fall Time
(20 to 80%)
t–
15
9
4
15
8
1,16
Each MECL 10,000 series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is maintained.
Outputs are terminated through a 50–ohm resistor to –2.0 volts. Test procedures are shown for only one gate. The other gates are tested in the
same manner.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn