Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1142 Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # A1142
Description  Sensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1142 Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A1142 Datasheet HTML 5Page - Allegro MicroSystems A1142 Datasheet HTML 6Page - Allegro MicroSystems A1142 Datasheet HTML 7Page - Allegro MicroSystems A1142 Datasheet HTML 8Page - Allegro MicroSystems A1142 Datasheet HTML 9Page - Allegro MicroSystems A1142 Datasheet HTML 10Page - Allegro MicroSystems A1142 Datasheet HTML 11Page - Allegro MicroSystems A1142 Datasheet HTML 12Page - Allegro MicroSystems A1142 Datasheet HTML 13Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Sensitive Two-Wire Chopper-Stabilized
Unipolar Hall Effect Switches
A1140, A1141,
A1142, and A1143
10
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Power Derating
The device must be operated below the maximum junction
temperature of the device, TJ(max). Under certain combinations of
peak conditions, reliable operation may require derating sup-
plied power or improving the heat dissipation properties of the
application. This section presents a procedure for correlating
factors affecting operating TJ. (Thermal data is also available on
the Allegro MicroSystems Web site.)
The Package Thermal Resistance, RθJA, is a figure of merit sum-
marizing the ability of the application and the device to dissipate
heat from the junction (die), through all paths to the ambient air.
Its primary component is the Effective Thermal Conductivity,
K, of the printed circuit board, including adjacent devices and
traces. Radiation from the die through the device case, RθJC, is
relatively small component of RθJA. Ambient air temperature,
TA, and air motion are significant external factors, damped by
overmolding.
The effect of varying power levels (Power Dissipation, PD), can
be estimated. The following formulas represent the fundamental
relationships used to estimate TJ, at PD.
PD = VIN
× IIN
(1)
ΔT = PD
× RθJA (2)
TJ = TA + ΔT
(3)
For example, given common conditions such as: TA= 25°C,
VCC = 12 V, ICC = 4 mA, and RθJA = 140 °C/W, then:
PD = VCC
× ICC = 12 V × 4 mA = 48 mW
ΔT = PD
× RθJA = 48 mW × 140 °C/W = 7°C
TJ = TA + ΔT = 25°C + 7°C = 32°C
A worst-case estimate, PD(max), represents the maximum allow-
able power level (VCC(max), ICC(max)), without exceeding TJ(max),
at a selected RθJA and TA.
Example: Reliability for VCC at TA=150°C, package UA, using
minimum-K PCB.
Observe the worst-case ratings for the device, specifically:
RθJA=165°C/W, TJ(max) =165°C, VCC(max)= 24 V, and
ICC(max) = 17 mA.
Calculate the maximum allowable power level, PD(max). First,
invert equation 3:
ΔTmax = TJ(max) – TA = 165°C–150°C = 15°C
This provides the allowable increase to TJ resulting from internal
power dissipation. Then, invert equation 2:
PD(max) = ΔTmax÷RθJA =15°C÷165 °C/W=91mW
Finally, invert equation 1 with respect to voltage:
VCC(est) = PD(max) ÷ ICC(max)= 91mW÷17mA=5 V
The result indicates that, at TA, the application and device can
dissipate adequate amounts of heat at voltages ≤VCC(est).
Compare VCC(est) to VCC(max). If VCC(est) ≤ VCC(max), then reli-
able operation between VCC(est) and VCC(max) requires enhanced
RθJA. If VCC(est) ≥ VCC(max), then operation between VCC(est) and
VCC(max) is reliable under these conditions.


Similar Part No. - A1142

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1142ELH ALLEGRO-A1142ELH Datasheet
393Kb / 11P
   Sensitive Two-Wire Chopper-Stabilized Unipolar Hall-Effect Switches
A1142EUA ALLEGRO-A1142EUA Datasheet
393Kb / 11P
   Sensitive Two-Wire Chopper-Stabilized Unipolar Hall-Effect Switches
A1142LLH ALLEGRO-A1142LLH Datasheet
393Kb / 11P
   Sensitive Two-Wire Chopper-Stabilized Unipolar Hall-Effect Switches
A1142LUA ALLEGRO-A1142LUA Datasheet
393Kb / 11P
   Sensitive Two-Wire Chopper-Stabilized Unipolar Hall-Effect Switches
More results

Similar Description - A1142

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1140 ALLEGRO-A1140 Datasheet
393Kb / 11P
   Sensitive Two-Wire Chopper-Stabilized Unipolar Hall-Effect Switches
A1180 ALLEGRO-A1180_06 Datasheet
407Kb / 15P
   Sensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1183LUA-T ALLEGRO-A1183LUA-T Datasheet
356Kb / 16P
   Sensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1145 ALLEGRO-A1145_06 Datasheet
328Kb / 12P
   Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1145 ALLEGRO-A1145 Datasheet
319Kb / 13P
   Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1150 ALLEGRO-A1150_16 Datasheet
955Kb / 14P
   Chopper-Stabilized, Two-Wire Hall-Effect Switches
A3241 ALLEGRO-A3241 Datasheet
401Kb / 12P
   Chopper-Stabilized Unipolar Hall-Effect Switches
A1152LUA-T ALLEGRO-A1152LUA-T Datasheet
265Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1150_V5 ALLEGRO-A1150_V5 Datasheet
266Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1150 ALLEGRO-A1150 Datasheet
266Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com