Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10176P Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC10176P
Description  Hex D Master/Slave Flip-Flop
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10176P Datasheet(HTML) 1 Page - ON Semiconductor

  MC10176P Datasheet HTML 1Page - ON Semiconductor MC10176P Datasheet HTML 2Page - ON Semiconductor MC10176P Datasheet HTML 3Page - ON Semiconductor MC10176P Datasheet HTML 4Page - ON Semiconductor MC10176P Datasheet HTML 5Page - ON Semiconductor MC10176P Datasheet HTML 6Page - ON Semiconductor MC10176P Datasheet HTML 7Page - ON Semiconductor MC10176P Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2002
January, 2002 – Rev. 7
1
Publication Order Number:
MC10176/D
MC10176
Hex D Master/Slave
Flip-Flop
The MC10176 contains six high-speed, master slave type “D”
flip-flops. Clocking is common to all six flip-flops. Data is entered
into the master when the clock is low. Master to slave data transfer
takes place on the positive-going Clock transition. Thus, outputs may
change only on a positive-going Clock transition. A change in the
information present at the data (D) input will not affect the output
information any other time due to the master-slave construction of this
device.
P
D = 460 mW typ/pkg (No Load)
f
toggle = 150 MHz (typ)
t
r, tf = 2.0 ns typ (20%–80%)
LOGIC DIAGRAM
VCC1 = PIN 1
VCC2 = PIN 16
VEE = PIN 8
2
5
CLOCK 9
Q0
3
Q1
4
Q2
13 Q3
14 Q4
15 Q5
D0
6
D1
7
D2
10
D3
11
D4
D5
12
CLOCKED TRUTH TABLE
C
D
Qn+1
L
X
Qn
H*
L
L
H*
H
H
*A clock H is a clock transition
from a low to a high state.
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
MC10176L
CDIP–16
25 Units / Rail
MC10176P
PDIP–16
25 Units / Rail
MC10176FN
PLCC–20
46 Units / Rail
MARKING
DIAGRAMS
1
16
A
= Assembly Location
WL = Wafer Lot
YY = Year
WW = Work Week
CDIP–16
L SUFFIX
CASE 620
MC10176L
AWLYYWW
PDIP–16
P SUFFIX
CASE 648
PLCC–20
FN SUFFIX
CASE 775
10176
AWLYYWW
1
1
16
MC10176P
AWLYYWW
DIP PIN ASSIGNMENT
VCC1
Q0
Q1
Q2
D0
D1
D2
VEE
VCC2
Q5
Q4
Q3
D5
D4
D3
CLOCK
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
Pin assignment is for Dual–in–Line Package.
For PLCC pin assignment, see the Pin Conversion Tables
on page 18 of the ON Semiconductor MECL Data Book
(DL122/D).


Similar Part No. - MC10176P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10176 ONSEMI-MC10176 Datasheet
106Kb / 5P
   Hex D Master/Slave Flip-Flop
1996 REV 5
More results

Similar Description - MC10176P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H176 ONSEMI-MC10H176 Datasheet
97Kb / 4P
   Hex D Master-Slave Flip-Flop
1996 REV 5
MC10176 ONSEMI-MC10176 Datasheet
106Kb / 5P
   Hex D Master/Slave Flip-Flop
1996 REV 5
MC10186 ONSEMI-MC10186 Datasheet
108Kb / 5P
   Hex D Master-Slave Flip-Flop With Reset
1996 REV 5
MC10186 ONSEMI-MC10186_02 Datasheet
110Kb / 8P
   Hex D Master-Slave Flip-Flop with Reset
January, 2002 ??Rev. 7
MC10H186 ONSEMI-MC10H186 Datasheet
100Kb / 4P
   Hex D Master-Slave Flip-Flop with Reset
1996 REV 5
logo
Motorola, Inc
MC1670 MOTOROLA-MC1670 Datasheet
80Kb / 4P
   Master-Slave Flip-Flop
logo
National Semiconductor ...
11C70 NSC-11C70 Datasheet
149Kb / 6P
   MASTER-SLAVE D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC10131 ONSEMI-MC10131 Datasheet
111Kb / 5P
   Dual TYPE D Master-Slave Flip-Flop
1996 REV 5
MC10131 ONSEMI-MC10131_02 Datasheet
112Kb / 8P
   Dual Type D Master-Slave Flip-Flop
January, 2002 ??Rev. 7
MC10H131 ONSEMI-MC10H131 Datasheet
98Kb / 4P
   Dual D Type Master-Slave Flip-Flop
REV 5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com