Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10189P Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC10189P
Description  Hex Inverter With Enable
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10189P Datasheet(HTML) 2 Page - ON Semiconductor

  MC10189P Datasheet HTML 1Page - ON Semiconductor MC10189P Datasheet HTML 2Page - ON Semiconductor MC10189P Datasheet HTML 3Page - ON Semiconductor MC10189P Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MC10189
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS
Test Limits
Pin
Under
–30
°C
+25
°C
+85
°C
Characteristic
Symbol
Under
Test
Min
Max
Min
Max
Min
Max
Unit
Power Supply Drain Current
IE
8
44
40
44
mAdc
Input Current
IinH
5
425
265
265
µAdc
IinL
9
890
555
555
µAdc
Output Voltage
Logic 1
VOH
2
–1.060
–0.890
–0.960
–0.810
–0.890
–0.700
Vdc
Output Voltage
Logic 0
VOL
2
–1.890
–1.675
–1.850
–1.650
–1.825
–1.615
Vdc
Threshold Voltage
Logic 1
VOHA
2
–1.080
–0.980
–0.910
Vdc
Threshold Voltage
Logic 0
VOLA
2
–1.655
–1.630
–1.595
Vdc
Switching Times
(50
Ω Load)
ns
Propagation Delay
Enable
Data
tPHL
tPLH
2
2
1.1
1.0
3.9
3.3
1.1
1.0
3.5
2.9
1.1
1.0
3.9
3.3
Rise/Fall Time
(20 to 80%)
tTLH
tTHL
2
1.1
3.7
1.1
3.3
1.1
3.7
ELECTRICAL CHARACTERISTICS (continued)
TEST VOLTAGE VALUES (Volts)
@ Test Temperature
VIHmax
VILmin
VIHAmin
VILAmax
VEE
–30
°C
–0.890
–1.890
–1.205
–1.500
–5.2
+25
°C
–0.810
–1.850
–1.105
–1.475
–5.2
+85
°C
–0.700
–1.825
–1.035
–1.440
–5.2
Pin
Under
TEST VOLTAGE APPLIED TO PINS LISTED BELOW
(V
)
Characteristic
Symbol
Under
Test
VIHmax
VILmin
VIHAmin
VILAmax
VEE
(VCC)
Gnd
Power Supply Drain Current
IE
8
8
1, 16
Input Current
IinH
5
5
8
1, 16
IinL
9
9
8
1, 16
Output Voltage
Logic 1
VOH
2
5
8
1, 16
Output Voltage
Logic 0
VOL
2
9
8
1, 16
Threshold Voltage
Logic 1
VOHA
2
5
8
1, 16
Threshold Voltage
Logic 0
VOLA
2
5
8
1, 16
Switching Times
(50
Ω Load)
Pulse In
Pulse Out
–3.2 V
+2.0 V
Propagation Delay
Enable
Data
tPHL
tPLH
2
2
9
5
2
2
8
8
1, 16
1, 16
Rise/Fall Time
(20 to 80%)
tTLH
tTHL
2
5
2
8
1, 16
Each MECL 10,000 series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is maintained.
Outputs are terminated through a 50–ohm resistor to –2.0 volts. Test procedures are shown for only one gate. The other gates are tested in the
same manner.


Similar Part No. - MC10189P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10189 ONSEMI-MC10189 Datasheet
101Kb / 4P
   Hex Inverter With Enable
1996 REV 5
More results

Similar Description - MC10189P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H189 ONSEMI-MC10H189_06 Datasheet
152Kb / 6P
   Hex Inverter with Enable
February, 2006 ??Rev. 8
MC10H189 ONSEMI-MC10H189 Datasheet
97Kb / 3P
   Hex Inverter with Enable
1996 REV 6
MC10189 ONSEMI-MC10189 Datasheet
101Kb / 4P
   Hex Inverter With Enable
1996 REV 5
MC10H188 ONSEMI-MC10H188 Datasheet
96Kb / 3P
   Hex Buffer with Enable
1996 REV 5
logo
Motorola, Inc
MC10188 MOTOROLA-MC10188 Datasheet
101Kb / 4P
   Hex Buffer With Enable
logo
ON Semiconductor
MC10H188 ONSEMI-MC10H188_06 Datasheet
152Kb / 6P
   Hex Buffer with Enable
February, 2006 ??Rev. 7
MC10188 ONSEMI-MC10188 Datasheet
68Kb / 4P
   Hex Buffer With Enable
March, 2000 ??Rev. 6
logo
STMicroelectronics
T74LS378 STMICROELECTRONICS-T74LS378 Datasheet
344Kb / 4P
   Hex Parallel D register with enable
logo
NXP Semiconductors
10188 PHILIPS-10188 Datasheet
180Kb / 4P
   Hex Buffer with Enable (Non-Inverting)
June 14 1990
74F378 PHILIPS-74F378 Datasheet
81Kb / 10P
   Hex D flip-flop with enable
1989 Oct 05
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com