Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10195 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC10195
Description  Hex Inverter/Buffer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10195 Datasheet(HTML) 1 Page - ON Semiconductor

  MC10195 Datasheet HTML 1Page - ON Semiconductor MC10195 Datasheet HTML 2Page - ON Semiconductor MC10195 Datasheet HTML 3Page - ON Semiconductor MC10195 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2002
January, 2002 – Rev. 7
1
Publication Order Number:
MC10195/D
MC10195
Hex Inverter/Buffer
The MC10195 is a Hex Buffer Inverter which is built using six
EXCLUSIVE NOR gates. There is a common input to these gates
which when placed low or left open allows them to act as inverters.
With the common input connected to a high logic level the MC10195
is a hex buffer, useful for high fanout clock driving and reducing stub
lengths on long bus lines.
P
D = 200 mW typ/pkg (No Load)
t
pd = 2.8 ns typ (B–Q)
t
pd = 3.8 ns typ (A–Q)
t
r, tf = 2.5 ns typ (20%–80%)
LOGIC DIAGRAM
VCC1 = PIN 1
VCC2 = PIN 16
VEE = PIN 8
A
B
9
5
6
7
10
1
1
12
2
3
4
13
14
15
Q
TRUTH TABLE
Inputs
Output
A
B
Q
L
L
H
L
H
L
H
L
L
H
H
H
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
MC10195L
CDIP–16
25 Units / Rail
MC10195P
PDIP–16
25 Units / Rail
MC10195FN
PLCC–20
46 Units / Rail
MARKING
DIAGRAMS
1
16
A
= Assembly Location
WL = Wafer Lot
YY = Year
WW = Work Week
CDIP–16
L SUFFIX
CASE 620
MC10195L
AWLYYWW
PDIP–16
P SUFFIX
CASE 648
PLCC–20
FN SUFFIX
CASE 775
10195
AWLYYWW
1
1
16
MC10195P
AWLYYWW
DIP PIN ASSIGNMENT
VCC1
Q1
Q2
Q3
B1
B2
B3
VEE
VCC2
Q6
Q5
Q4
B6
B5
B4
A
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
Pin assignment is for Dual–in–Line Package.
For PLCC pin assignment, see the Pin Conversion Tables
on page 18 of the ON Semiconductor MECL Data Book
(DL122/D).


Similar Part No. - MC10195

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10195 ONSEMI-MC10195 Datasheet
102Kb / 4P
   Hex Inverter/Buffer
1996 REV 5
More results

Similar Description - MC10195

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD14049UB HITACHI-HD14049UB Datasheet
67Kb / 6P
   Hex Inverter/Buffer
logo
ON Semiconductor
MC10195 ONSEMI-MC10195 Datasheet
102Kb / 4P
   Hex Inverter/Buffer
1996 REV 5
logo
System Logic Semiconduc...
SL4502B SLS-SL4502B Datasheet
42Kb / 5P
   Strobed Hex Inverter/Buffer
logo
NXP Semiconductors
HEF4502B PHILIPS-HEF4502B Datasheet
41Kb / 4P
   Strobed hex inverter/buffer
January 1995
logo
STMicroelectronics
HCF4502B STMICROELECTRONICS-HCF4502B_02 Datasheet
156Kb / 9P
   STROBED HEX INVERTER/BUFFER
logo
Motorola, Inc
MC14502B MOTOROLA-MC14502B Datasheet
233Kb / 6P
   Strobed Hex Inverter/Buffer
logo
STMicroelectronics
M74HC4049 STMICROELECTRONICS-M74HC4049 Datasheet
540Kb / 8P
   HEX BUFFER/CONVERTER (INVERTER)
HCC4502B STMICROELECTRONICS-HCC4502B Datasheet
265Kb / 11P
   STROBED HEX INVERTER/BUFFER
logo
Hitachi Semiconductor
HD14502B HITACHI-HD14502B Datasheet
74Kb / 5P
   Strobed Hex Inverter/Buffer
logo
STMicroelectronics
M54HC4049 STMICROELECTRONICS-M54HC4049 Datasheet
248Kb / 11P
   HC4050 HEX BUFFER/CONVERTER HC4049 HEX BUFFER/CONVERTER INVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com