Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT25C256Y20E-GT2 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT25C256Y20E-GT2
Description  128K/256K-Bit SPI Serial CMOS EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C256Y20E-GT2 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT25C256Y20E-GT2 Datasheet HTML 1Page - Catalyst Semiconductor CAT25C256Y20E-GT2 Datasheet HTML 2Page - Catalyst Semiconductor CAT25C256Y20E-GT2 Datasheet HTML 3Page - Catalyst Semiconductor CAT25C256Y20E-GT2 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C256Y20E-GT2 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C256Y20E-GT2 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C256Y20E-GT2 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C256Y20E-GT2 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C256Y20E-GT2 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
CAT25C128/256
Document No. 1018, Rev. I
FEATURES
I 5 MHz SPI Compatible
I 1.8 to 5.5 Volt Operation
I Hardware and Software Protection
I Low Power CMOS Technology
I SPI Modes (0,0 &1,1)
I Industrial and Automotive
Temperature Ranges
I Self-Timed Write Cycle
I 64-Byte Page Write Buffer
I Block Write Protection
– Protect 1/4, 1/2 or all of EEPROM Array
I 100,000 Program/Erase Cycles
I 100 Year Data Retention
I RoHS-compliant packages
DESCRIPTION
The CAT25C128/256 is a 128K/256K-Bit SPI Serial
CMOS EEPROM internally organized as 16Kx8/32Kx8
bits. Catalyst’s advanced CMOS Technology
substantially reduces device power requirements. The
CAT25C128/256 features a 64-byte page write buffer.
The device operates via the SPI bus serial interface
and is enabled through a Chip Select (
CS). In addition
to the Chip Select, the clock input (SCK), data in (SI)
and data out (SO) are required to access the device.
The
HOLD pin may be used to suspend any serial
communication without resetting the serial sequence.
The CAT25C128/256 is designed with software and
hardware write protection features including Block Lock
protection. The device is available in 8-pin DIP, 8-pin
SOIC, 14-pin TSSOP and 20-pin TSSOP packages.
PIN CONFIGURATION
BLOCK DIAGRAM
SENSE AMPS
SHIFT REGISTERS
SPI
CONTROL
LOGIC
WORD ADDRESS
BUFFERS
I/O
CONTROL
EEPROM
ARRAY
COLUMN
DECODERS
XDEC
HIGH VOLTAGE/
TIMING CONTROL
SO
STATUS
REGISTER
BLOCK
PROTECT
LOGIC
DATA IN
STORAGE
SI
CS
WP
HOLD
SCK
PIN FUNCTIONS
Pin Name
Function
SO
Serial data Output
SCK
Serial Clock
WP
Write Protect
V
CC
Power Supply
V
SS
Ground
CS
Chip Select
SI
Serial Data Input
HOLD
Suspends Serial Input
NC
No Connect
**CAT25C128 only.
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
DIP Package (L)
TSSOP Package (Y20)**
SOIC Package
SS
SO
WP
VCC
HOLD
SCK
SI
1
2
3
4
8
7
6
5
CS
SO
WP
CS
VCC
HOLD
SCK
SI
1
2
3
4
8
7
6
5
VSS
TSSOP Package (Y14)**
SO
NC
NC
WP
CS
SI
HOLD
NC
NC
NC
SCK
NC
VSS
V CC
14
13
12
11
1
2
3
4
5
6
7
10
9
8
SO
NC
NC
WP
CS
SI
HOLD
NC
NC
SCK
SO
VSS
V CC
20
19
18
17
1
2
3
4
5
6
7
8
9
10
16
15
14
13
12
11
NC
NC
NC
NC
HOLD
NC
NC
(V**, X)
CAT25C128/256
128K/256K-Bit SPI Serial CMOS EEPROM
For Ordering Information details, see page 11.


Similar Part No. - CAT25C256Y20E-GT2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C256 CATALYST-CAT25C256 Datasheet
60Kb / 11P
   128K/256K-Bit SPI Serial CMOS E2PROM
CAT25C256K-1.8TE13 CATALYST-CAT25C256K-1.8TE13 Datasheet
60Kb / 11P
   128K/256K-Bit SPI Serial CMOS E2PROM
CAT25C256K-TE13 CATALYST-CAT25C256K-TE13 Datasheet
60Kb / 11P
   128K/256K-Bit SPI Serial CMOS E2PROM
CAT25C256KA-1.8TE13 CATALYST-CAT25C256KA-1.8TE13 Datasheet
60Kb / 11P
   128K/256K-Bit SPI Serial CMOS E2PROM
CAT25C256KA-TE13 CATALYST-CAT25C256KA-TE13 Datasheet
60Kb / 11P
   128K/256K-Bit SPI Serial CMOS E2PROM
More results

Similar Description - CAT25C256Y20E-GT2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C128 CATALYST-CAT25C128 Datasheet
60Kb / 11P
   128K/256K-Bit SPI Serial CMOS E2PROM
logo
E-CMOS Corporation
EC24C128A E-CMOS-EC24C128A Datasheet
583Kb / 16P
   128K/256K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Integrated Silicon Solu...
IS24L128 ISSI-IS24L128 Datasheet
117Kb / 15P
   128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128A ISSI-IS24C128A Datasheet
125Kb / 17P
   128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
IS25C128 ISSI-IS25C128 Datasheet
137Kb / 17P
   128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
logo
Catalyst Semiconductor
CAT24WC129 CATALYST-CAT24WC129_04 Datasheet
585Kb / 9P
   128K-Bit I2C Serial CMOS EEPROM
CAT24FC256 CATALYST-CAT24FC256_05 Datasheet
641Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
CAT24FC256 CATALYST-CAT24FC256 Datasheet
421Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
CAT24WC256 CATALYST-CAT24WC256 Datasheet
406Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
logo
Samsung semiconductor
S524AD0XD1 SAMSUNG-S524AD0XD1 Datasheet
123Kb / 16P
   128K/256K-bit Serial EEPROM for Low Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com