Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC12080D Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC12080D
Description  1.1 GHz Prescaler
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC12080D Datasheet(HTML) 3 Page - ON Semiconductor

  MC12080D Datasheet HTML 1Page - ON Semiconductor MC12080D Datasheet HTML 2Page - ON Semiconductor MC12080D Datasheet HTML 3Page - ON Semiconductor MC12080D Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MC12080
http://onsemi.com
3
Figure 3. Input Signal Amplitude versus Input Frequency
+15.0
+10.0
+5.0
0
−5.0
−10.0
−15.0
−20.0
−25.0
−30.0
−35.0
−40.0
−45.0
−50.0
+1257.40
+0.71
+1.26
+2.24
+3.98
+7.07
+12.57
+22.36
+39.76
+70.71
+125.74
+223.61
+397.64
+707.11
0
200
400
600
800
1000
1200
1400
1600
1800
FREQUENCY (MHz)
0
FREQUENCY (MHz)
0
400
800
1200
1600
2000
Figure 4. Output Amplitude versus Input Frequency
200
400
600
800
1000
1200
1400
1600
1800
OPERATING
WINDOW
Divide Ratio = 10; VCC = 5.0 V; TA = 25°C
ORDERING INFORMATION
Device
Package
Shipping
MC12080D
SOIC−8
98 Units / Rail
MC12080DG
SOIC−8
(Pb−Free)
98 Units / Rail
MC12080DR2
SOIC−8
2500 / Tape & Reel
MC12080DR2G
SOIC−8
(Pb−Free)
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MC12080D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC12080D ONSEMI-MC12080D Datasheet
42Kb / 4P
   1.1 GHz Prescaler High Frequency Input Signal
February, 2002 ??Rev. 5
MC12080DG ONSEMI-MC12080DG Datasheet
107Kb / 4P
   1.1 GHz Prescaler
May, 2013 ??Rev. 7
MC12080DR2 ONSEMI-MC12080DR2 Datasheet
42Kb / 4P
   1.1 GHz Prescaler High Frequency Input Signal
February, 2002 ??Rev. 5
MC12080DR2G ONSEMI-MC12080DR2G Datasheet
107Kb / 4P
   1.1 GHz Prescaler
May, 2013 ??Rev. 7
More results

Similar Description - MC12080D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC12080 ONSEMI-MC12080_13 Datasheet
107Kb / 4P
   1.1 GHz Prescaler
May, 2013 ??Rev. 7
logo
Infineon Technologies A...
PMB2313T INFINEON-PMB2313T Datasheet
685Kb / 20P
   Prescaler Circuit 1.1 GHz
V 1.2, December 2003
logo
Siemens Semiconductor G...
PMB2313T SIEMENS-PMB2313T Datasheet
218Kb / 19P
   Prescaler Circuit 1.1 GHz
logo
ON Semiconductor
MC12026A ONSEMI-MC12026A_06 Datasheet
130Kb / 6P
   1.1 GHz Dual Modulus Prescaler
January, 2006 ??Rev. 8
MC12026A ONSEMI-MC12026A Datasheet
50Kb / 8P
   1.1 GHz Dual Modulus Prescaler
November, 2001 ??Rev. 7
MC12026A ONSEMI-MC12026A_16 Datasheet
141Kb / 6P
   1.1GHz Dual Modulus Prescaler
August, 2016 ??Rev. 9
logo
TEMIC Semiconductors
U816BS-SP TEMIC-U816BS-SP Datasheet
69Kb / 5P
   1.1-GHz Prescaler for TV Tuners
logo
ON Semiconductor
MC12080 ONSEMI-MC12080 Datasheet
42Kb / 4P
   1.1 GHz Prescaler High Frequency Input Signal
February, 2002 ??Rev. 5
logo
LANSDALE Semiconductor ...
ML12038 LANSDALE-ML12038 Datasheet
616Kb / 5P
   1.1 GHz Low Power Dual Modulus Prescaler
ML12038 LANSDALE-ML12038_08 Datasheet
464Kb / 5P
   1.1 GHz Low Power Dual Modulus Prescaler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com