Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMUN2111LT1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMUN2111LT1
Description  Bias Resistor Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMUN2111LT1 Datasheet(HTML) 3 Page - ON Semiconductor

  MMUN2111LT1 Datasheet HTML 1Page - ON Semiconductor MMUN2111LT1 Datasheet HTML 2Page - ON Semiconductor MMUN2111LT1 Datasheet HTML 3Page - ON Semiconductor MMUN2111LT1 Datasheet HTML 4Page - ON Semiconductor MMUN2111LT1 Datasheet HTML 5Page - ON Semiconductor MMUN2111LT1 Datasheet HTML 6Page - ON Semiconductor MMUN2111LT1 Datasheet HTML 7Page - ON Semiconductor MMUN2111LT1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MMUN2111LT1 Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS (Note 5)
DC Current Gain
MMUN2111LT1
(VCE = 10 V, IC = 5.0 mA)
MMUN2112LT1
MMUN2113LT1
MMUN2114LT1
MMUN2115LT1
MMUN2116LT1
MMUN2130LT1
MMUN2131LT1
MMUN2132LT1
MMUN2133LT1
MMUN2134LT1
hFE
35
60
80
80
160
160
3.0
8.0
15
80
80
60
100
140
140
250
250
5.0
15
27
140
130
Collector-Emitter Saturation Voltage
(IC = 10 mA, IE = 0.3 mA)
(IC = 10 mA, IB = 5 mA)
MMUN2130LT1/MMUN2131LT1
(IC = 10 mA, IB = 1 mA)
MMUN2115LT1/MMUN2116LT1/
MMUN2132LT1/MMUN2133LT1/MMUN2134LT1
VCE(sat)
0.25
Vdc
Output Voltage (on)
(VCC = 5.0 V, VB = 2.5 V, RL = 1.0 kW)
MMUN2111LT1
MMUN2112LT1
MMUN2114LT1
MMUN2115LT1
MMUN2116LT1
MMUN2130LT1
MMUN2131LT1
MMUN2132LT1
MMUN2133LT1
MMUN2134LT1
(VCC = 5.0 V, VB = 3.5 V, RL = 1.0 kW)
MMUN2113LT1
VOL
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
Vdc
Output Voltage (off)
(VCC = 5.0 V, VB = 0.5 V, RL = 1.0 kW)
(VCC = 5.0 V, VB = 0.25 V, RL = 1.0 kW)
MMUN2115LT1
MMUN2116LT1
MMUN2131LT1
MMUN2132LT1
(VCC = 5.0 V, VB = 0.050 V, RL = 1.0 kW)
MMUN2130LT1
VOH
4.9
Vdc
Input Resistor
MMUN2111LT1
MMUN2112LT1
MMUN2113LT1
MMUN2114LT1
MMUN2115LT1
MMUN2116LT1
MMUN2130LT1
MMUN2131LT1
MMUN2132LT1
MMUN2133LT1
MMUN2134LT1
R1
7.0
15.4
32.9
7.0
7.0
3.3
0.7
1.5
3.3
3.3
15.4
10
22
47
10
10
4.7
1.0
2.2
4.7
4.7
22
13
28.6
61.1
13
13
6.1
1.3
2.9
6.1
6.1
28.6
k
W
Resistor Ratio
MMUN2111LT1/MMUN2112LT1/MMUN2113LT1
MMUN2114LT1
MMUN2115LT1/MMUN2116LT1
MMUN2130LT1/MMUN2131LT1/MMUN2132LT1
MMUN2133LT1
R1/R2
0.8
0.17
0.8
0.055
1.0
0.21
1.0
0.1
1.2
0.25
1.2
0.185
5. Pulse Test: Pulse Width < 300
ms, Duty Cycle < 2.0%


Similar Part No. - MMUN2111LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMUN2111LT1 MOTOROLA-MMUN2111LT1 Datasheet
267Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
logo
ON Semiconductor
MMUN2111LT1 ONSEMI-MMUN2111LT1 Datasheet
188Kb / 12P
   PNP SILICON BIAS RESISTOR TRANSISTOR
November, 2001 ??Rev. 2
logo
Leshan Radio Company
MMUN2111LT1 LRC-MMUN2111LT1 Datasheet
145Kb / 7P
   Bias Resistor Transistors
logo
ON Semiconductor
MMUN2111LT1G ONSEMI-MMUN2111LT1G Datasheet
196Kb / 13P
   Bias Resistor Transistors PNP Silicon Surface Mount Transistors
August, 2009 ??Rev. 10
MMUN2111LT1G ONSEMI-MMUN2111LT1G Datasheet
146Kb / 12P
   Digital Transistors (BRT) R1 = 10 k, R2 = 10 k
December, 2013 ??Rev. 7
More results

Similar Description - MMUN2111LT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LDTA114EM3T5G LRC-LDTA114EM3T5G Datasheet
191Kb / 11P
   Bias Resistor Transistors
LDTA124XM3T5G LRC-LDTA124XM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
LDTA143EM3T5G LRC-LDTA143EM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
LMUN2114LT1G LRC-LMUN2114LT1G_15 Datasheet
137Kb / 8P
   Bias Resistor Transistors
LMUN2131LT1G LRC-LMUN2131LT1G_15 Datasheet
137Kb / 8P
   Bias Resistor Transistors
LMUN2240LT1G LRC-LMUN2240LT1G_15 Datasheet
189Kb / 16P
   Bias Resistor Transistors
LMUN2111LT1G LRC-LMUN2111LT1G Datasheet
655Kb / 10P
   Bias Resistor Transistors
logo
First Silicon Co., Ltd
DTC301 FS-DTC301 Datasheet
337Kb / 10P
   Bias Resistor Transistors
logo
Leshan Radio Company
LDTA114EM3T5G LRC-LDTA114EM3T5G_15 Datasheet
220Kb / 11P
   Bias Resistor Transistors
LDTA143ZM3T5G LRC-LDTA143ZM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com