Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY718 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BY718
Description  Very fast high-voltage soft-recovery rectifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY718 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BY718 Datasheet HTML 2Page - NXP Semiconductors BY718 Datasheet HTML 3Page - NXP Semiconductors BY718 Datasheet HTML 4Page - NXP Semiconductors BY718 Datasheet HTML 5Page - NXP Semiconductors BY718 Datasheet HTML 6Page - NXP Semiconductors BY718 Datasheet HTML 7Page - NXP Semiconductors BY718 Datasheet HTML 8Page - NXP Semiconductors BY718 Datasheet HTML 9Page - NXP Semiconductors BY718 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
2001 Sep 24
6
Philips Semiconductors
Product specification
Very fast high-voltage soft-recovery rectifiers
BY715 to BY724
GRAPHICAL DATA
handbook, halfpage
20
0
100
200
Tamb (°C)
IF(AV)
(mA)
0
4
8
12
16
MBL356
a = 1.57
a = 3
a = 5
Fig.2
Maximum permissible average forward
current as a function of ambient temperature.
BY715 and BY716
a=IF(RMS)/IF(AV); VR =VRWmax; Rth j-a ≤ 120 K/W.
a = 1.57: half sinewave.
handbook, halfpage
5
0
100
200
Tamb (°C)
IF(AV)
(mA)
0
1
2
3
4
MBL357
Fig.3
Maximum permissible average forward
current as a function of ambient temperature.
BY717 to BY719
a=IF(RMS)/IF(AV); VR =VRWmax; Rth j-a ≤ 120 K/W.
a = 1.57: half sinewave.
handbook, halfpage
5
0
100
200
Tamb (°C)
IF(AV)
(mA)
0
1
2
3
4
MBL358
Fig.4
Maximum permissible average forward
current as a function of ambient temperature.
BY720 and BY721
a=IF(RMS)/IF(AV); VR =VRWmax; Rth j-a ≤ 120 K/W.
a = 1.57: half sinewave.
handbook, halfpage
5
0
100
200
Tamb (°C)
IF(AV)
(mA)
0
1
2
3
4
MBL359
Fig.5
Maximum permissible average forward
current as a function of ambient temperature.
BY722 to BY724
a=IF(RMS)/IF(AV); VR =VRWmax; Rth j-a ≤ 120 K/W.
a = 1.57: half sinewave.


Similar Part No. - BY718

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BY718 NJSEMI-BY718 Datasheet
188Kb / 3P
   Very fast high-voltage soft-recovery rectifiers
More results

Similar Description - BY718

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BY715 NJSEMI-BY715 Datasheet
188Kb / 3P
   Very fast high-voltage soft-recovery rectifiers
logo
Vishay Siliconix
BYV98 VISHAY-BYV98 Datasheet
37Kb / 3P
   Very Fast Soft-Recovery Rectifiers
Rev. 2, 24-Jun-98
logo
NXP Semiconductors
BY8100 PHILIPS-BY8100 Datasheet
54Kb / 10P
   Very fast high-voltage soft-recovery controlled avalanche rectifiers
1996 May 24
BY8400 PHILIPS-BY8400 Datasheet
67Kb / 14P
   Fast high-voltage soft-recovery rectifiers
1996 May 24
logo
Vishay Siliconix
BYT43 VISHAY-BYT43 Datasheet
46Kb / 4P
   Very Fast Soft Recovery Rectifier
Rev. 3, 24-Jun-98
logo
NXP Semiconductors
BY8000 PHILIPS-BY8000 Datasheet
55Kb / 10P
   Fast high-voltage soft-recovery controlled avalanche rectifiers
1996 May 24
BY9300 PHILIPS-BY9300 Datasheet
96Kb / 12P
   Fast high-voltage soft-recovery controlled avalanche rectifiers
2000 Jan 10
BY9400 PHILIPS-BY9400 Datasheet
67Kb / 8P
   Fast high-voltage soft-recovery controlled avalanche rectifiers
2000 Jan 10
BYD43 PHILIPS-BYD43 Datasheet
67Kb / 11P
   Fast soft-recovery rectifiers
1996 Jun 05
logo
SEMTECH ELECTRONICS LTD...
SFR151 SEMTECH_ELEC-SFR151 Datasheet
246Kb / 2P
   SOFT FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com