Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14503BCP Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC14503BCP
Description  Hex Non?묲nverting 3?뭆tate Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14503BCP Datasheet(HTML) 5 Page - ON Semiconductor

  MC14503BCP Datasheet HTML 1Page - ON Semiconductor MC14503BCP Datasheet HTML 2Page - ON Semiconductor MC14503BCP Datasheet HTML 3Page - ON Semiconductor MC14503BCP Datasheet HTML 4Page - ON Semiconductor MC14503BCP Datasheet HTML 5Page - ON Semiconductor MC14503BCP Datasheet HTML 6Page - ON Semiconductor MC14503BCP Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MC14503B
http://onsemi.com
5
Figure 2. 3−State AC Test Circuit and Waveforms
(tPLZ, tPHZ, tPZH, tPZL)
PULSE
GENERATOR
DISABLE INPUT
16
VSS
1 k
OUTPUT
20 ns
20 ns
VDD
50%
90%
VDD
1k
8
INPUT
tPHZ, tPZH CIRCUIT
PULSE
GENERATOR
DISABLE INPUT
tPLZ, tPZL CIRCUIT
OUTPUT
VSS
8
16
INPUT
CL
CL
VDD
VSS
VOH
VOL
≈ VOL + 0.05 V
≈ VOH − 0.15 V
10%
90%
10%
90%
10%
tPLZ
tPHZ
tPZH
tPZL
OUTPUT FOR tPZH, tPZL CIRCUIT
OUTPUT FOR tPHZ, tPLZ CIRCUIT
DISABLE INPUT


Similar Part No. - MC14503BCP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14503BCP ONSEMI-MC14503BCP Datasheet
185Kb / 8P
   Hex Non-Inverting 3-State Buffer
March, 2000 ??Rev. 3
MC14503BCPG ONSEMI-MC14503BCPG Datasheet
136Kb / 7P
   Hex Non-Inverting 3-State Buffer
June, 2011 ??Rev. 8
More results

Similar Description - MC14503BCP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ126 ONSEMI-NL17SZ126_06 Datasheet
77Kb / 7P
   Non?묲nverting 3?뭆tate Buffer
February, 2006 ??Rev. 5
74HC373 ONSEMI-74HC373 Datasheet
129Kb / 9P
   Octal 3?뭆tate Non?묲nverting Transparent Latch
March, 2007 ??Rev. 0
74HC374 ONSEMI-74HC374 Datasheet
130Kb / 9P
   Octal 3?뭆tate Non?묲nverting D Flip?묯lop
March, 2007 ??Rev. 0
MC74AC652 ONSEMI-MC74AC652 Datasheet
158Kb / 11P
   Octal Transceiver/Register with 3?뭆tate Outputs (Non?묲nverting)
March, 2006 ??Rev. 6
MC74HCT541A ONSEMI-MC74HCT541A_06 Datasheet
108Kb / 8P
   Octal 3?뭆tate Non?묲nverting Buffer/Line Driver/ Line Receiver With LSTTL?묬ompatible Inputs
June, 2006 ??Rev. 5
NL7SZ18 ONSEMI-NL7SZ18 Datasheet
71Kb / 7P
   1?뭥f?? Non?묲nverting Demultiplexer with 3?뭆tate Deselected Output
November, 2006 ??Rev. 6
MC74LCX244A ONSEMI-MC74LCX244A Datasheet
314Kb / 9P
   Low-Voltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
June, 2021 ??Rev. 0
MC74LCX125 ONSEMI-MC74LCX125_05 Datasheet
70Kb / 8P
   Low-Voltage CMOS Quad Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
May, 2005 ??Rev. 5
MC74LCX244 ONSEMI-MC74LCX244_07 Datasheet
96Kb / 9P
   Low?뭋oltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
February, 2007 ??Rev. 7
MC74HC373A ONSEMI-MC74HC373A_05 Datasheet
119Kb / 10P
   Octal 3?뭆tate Non?묲nverting Transparent Latch High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com