Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14504BCP Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC14504BCP
Description  Hex Level Shifter for TTL to CMOS or CMOS to CMOS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14504BCP Datasheet(HTML) 3 Page - ON Semiconductor

  MC14504BCP Datasheet HTML 1Page - ON Semiconductor MC14504BCP Datasheet HTML 2Page - ON Semiconductor MC14504BCP Datasheet HTML 3Page - ON Semiconductor MC14504BCP Datasheet HTML 4Page - ON Semiconductor MC14504BCP Datasheet HTML 5Page - ON Semiconductor MC14504BCP Datasheet HTML 6Page - ON Semiconductor MC14504BCP Datasheet HTML 7Page - ON Semiconductor MC14504BCP Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC14504B
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
Characteristic
Symbol
VCC
Vdc
VDD
Vdc
− 55
_C
25
_C
125
_C
Unit
Min
Max
Min
Typ
(Note 2)
Max
Min
Max
Output Voltage
“0” Level
Vin = 0 V
“1” Level
Vin = VCC
VOL
5.0
10
1 5
0.05
0.05
0.05
0
0
0
0.05
0.05
0.05
0.05
0.05
0.05
Vdc
VOH
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
5.0
10
15
4.95
9.95
14.95
Vdc
Input Voltage
“0” Level
(VOL = 1.0 Vdc) TTL−CMOS
(VOL = 1.5 Vdc) TTL−CMOS
(VOL = 1.0 Vdc) CMOS−CMOS
(VOL = 1.5 Vdc) CMOS−CMOS
(VOL = 1.5 Vdc) CMOS−CMOS
VIL
5.0
5.0
5.0
5.0
10
10
15
10
15
15
0.8
0.8
1.5
1.5
3.0
1.3
1.3
2.25
2.25
4.5
0.8
0.8
1.5
1.5
3.0
0.8
0.8
1.4
1.5
2.9
Vdc
Input Voltage
“1” Level
(VOH = 9.0 Vdc) TTL−CMOS
(VOH = 13.5 Vdc) TTL−CMOS
(VOH = 9.0 Vdc) CMOS−CMOS
(VOH = 13.5 Vdc) CMOS−CMOS
(VOH = 13.5 Vdc) CMOS−CMOS
VIH
5.0
5.0
5.0
5.0
10
10
15
10
15
15
2.0
2.0
3.6
3.6
7.1
2.0
2.0
3.5
3.5
7.0
1.5
1.5
2.75
2.75
5.5
2.0
2.0
3.5
3.5
7.0
Vdc
Output Drive Current
(VOH = 2.5 Vdc)
Source
(VOH = 4.6 Vdc)
(VOH = 9.5 Vdc)
(VOH = 13.5 Vdc)
(VOL = 0.4 Vdc)
Sink
(VOL = 0.5 Vdc)
(VOL = 1.5 Vdc)
IOH
5.0
5.0
10
15
– 3.0
– 0.64
– 1.6
– 4.2
– 2.4
– 0.51
– 1.3
– 3.4
– 4.2
– 0.88
– 2.25
– 8.8
– 1.7
– 0.36
– 0.9
– 2.4
mAdc
IOL
5.0
10
15
0.64
1.6
4.2
0.51
1.3
3.4
0.88
2.25
8.8
0.36
0.9
2.4
mAdc
Input Current
Iin
15
± 0.1
±0.00001 ± 0.1
± 1.0
mAdc
Input Capacitance (Vin = 0)
Cin
5.0
7.5
pF
Quiescent Current
(Per Package)
CMOS−CMOS Mode
IDD or
ICC
5.0
10
15
0.05
0.10
0.20
0.0005
0.0010
0.0015
0.05
0.10
0.20
1.5
3.0
6.0
mAdc
Quiescent Current
(Per Package)
TTL−CMOS Mode
IDD
5.0
5.0
5.0
5.0
10
15
0.5
1.0
2.0
0.0005
0.0010
0.0015
0.5
1.0
2.0
3.8
7.5
15
mAdc
Quiescent Current
(Per Package)
TTL−CMOS Mode
ICC
5.0
5.0
5.0
5.0
10
15
5.0
5.0
5.0
2.5
2.5
2.5
5.0
5.0
5.0
6.0
6.0
6.0
mAdc
2. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.


Similar Part No. - MC14504BCP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14504BCP ONSEMI-MC14504BCP Datasheet
188Kb / 8P
   Hex Level Shifter for TTL to CMOS or COMS to CMOS
March, 2000 ??Rev. 3
MC14504BCPG ONSEMI-MC14504BCPG Datasheet
141Kb / 7P
   Hex Level Shifter for TTL to CMOS or CMOS to CMOS
June, 2011 ??Rev. 7
More results

Similar Description - MC14504BCP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14504B MOTOROLA-MC14504B Datasheet
100Kb / 5P
   Hex Level Shifter for TTL to CMOS or CMOS to CMOS
REV 3
logo
ON Semiconductor
MC14504B ONSEMI-MC14504B_11 Datasheet
141Kb / 7P
   Hex Level Shifter for TTL to CMOS or CMOS to CMOS
June, 2011 ??Rev. 7
MC14504B ONSEMI-MC14504B Datasheet
188Kb / 8P
   Hex Level Shifter for TTL to CMOS or COMS to CMOS
March, 2000 ??Rev. 3
logo
Texas Instruments
CD4504B-EP TI-CD4504B-EP Datasheet
589Kb / 13P
[Old version datasheet]   CMOS HEX VOLTAGE-LEVEL SHIFTER FOR TTL-TO-CMOS or CMOS-TO-CMOS OPERATION
logo
Intersil Corporation
CD4504BT INTERSIL-CD4504BT Datasheet
33Kb / 3P
   CMOS Hex Voltage Level Shifter for TTL-to-CMOS or CMOS-to-CMOS Operation
July 1999
logo
Texas Instruments
CD4504B TI1-CD4504B_12 Datasheet
891Kb / 16P
[Old version datasheet]   CMOS Hex Voltage Level Shifter for TTL-to-CMOS or CMOS-to-CMOS Operation
logo
Intersil Corporation
CD4504BMS INTERSIL-CD4504BMS Datasheet
60Kb / 8P
   CMOS Hex Voltage Level Shifter for TTL-to-CMOS or CMOS-to-CMOS Operation
December 1992
logo
Texas Instruments
CD4504B TI-CD4504B Datasheet
219Kb / 5P
[Old version datasheet]   CMOS HEX VOLTAGE-LEVEL SHIFTER FOR TTL-TO-CMOS OR CMOS-TO-CMOS OPERATION
CD4504BPWR TI-CD4504BPWR Datasheet
219Kb / 5P
[Old version datasheet]   CMOS HEX VOLTAGE LEVEL SHIFTER FOR TTL TO CMOS OR CMOS TO CMOS OPERATION
CD4504B TI1-CD4504B_15 Datasheet
898Kb / 16P
[Old version datasheet]   Cmos Hex Voltage-Level Shifter for TTL-to-Cmos
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com