Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14516BFG Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC14516BFG
Description  Binary Up/Down Counter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14516BFG Datasheet(HTML) 5 Page - ON Semiconductor

  MC14516BFG Datasheet HTML 1Page - ON Semiconductor MC14516BFG Datasheet HTML 2Page - ON Semiconductor MC14516BFG Datasheet HTML 3Page - ON Semiconductor MC14516BFG Datasheet HTML 4Page - ON Semiconductor MC14516BFG Datasheet HTML 5Page - ON Semiconductor MC14516BFG Datasheet HTML 6Page - ON Semiconductor MC14516BFG Datasheet HTML 7Page - ON Semiconductor MC14516BFG Datasheet HTML 8Page - ON Semiconductor MC14516BFG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MC14516B
http://onsemi.com
5
Figure 1. Power Dissipation Test Circuit and Waveform
PULSE
GENERATOR
CL
CL
CL
CL
VDD
VARIABLE
WIDTH
VDD
VSS
CLOCK
ID
0.01 mF
CERAMIC
20 ns
20 ns
10%
50%
90%
500 pF
Q0
Q1
Q2
Q3
CARRY
OUT
PE
CARRY IN
R
UP/DOWN
CLOCK
P0
P1
P2
P3
CL
LOGIC DIAGRAM
PE
C
T
Q
Q
P
PE
C
T
Q
Q
P
PE
C
T
Q
Q
P
PE
C
T
Q
Q
P
Q2
14
P2
13
Q1
11
P3
3
Q3
2
P0
4
Q0
6
P1
12
CARRY OUT
CLOCK
PRESET
ENABLE
RESET
CARRY IN
UP/DOWN
9
1
15
7
5
10


Similar Part No. - MC14516BFG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14516BF ONSEMI-MC14516BF Datasheet
116Kb / 12P
   Binary Up/Down Counter
August, 2000 ??Rev. 4
MC14516BFEL ONSEMI-MC14516BFEL Datasheet
116Kb / 12P
   Binary Up/Down Counter
August, 2000 ??Rev. 4
More results

Similar Description - MC14516BFG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4516B PHILIPS-HEF4516B Datasheet
129Kb / 10P
   Binary up/down counter
January 1995
logo
Hitachi Semiconductor
HD14516B HITACHI-HD14516B Datasheet
100Kb / 8P
   Binary Up/Down Counter
logo
NXP Semiconductors
HEF4516B NXP-HEF4516B_09 Datasheet
158Kb / 16P
   Binary up/down counter
Rev. 06-11 December 2009
logo
ON Semiconductor
MC14516B ONSEMI-MC14516B Datasheet
116Kb / 12P
   Binary Up/Down Counter
August, 2000 ??Rev. 4
MC14516B ONSEMI-MC14516B_14 Datasheet
102Kb / 10P
   Binary Up/Down Counter
March, 2014 ??Rev. 10
logo
NXP Semiconductors
74HC4516 PHILIPS-74HC4516 Datasheet
100Kb / 14P
   Binary up/down counter
December 1990
logo
Toshiba Semiconductor
TC74HC193AP TOSHIBA-TC74HC193AP_07 Datasheet
475Kb / 12P
   Synchronous Up/Down Binary Counter
logo
ON Semiconductor
MC14029B ONSEMI-MC14029B_05 Datasheet
124Kb / 8P
   Binary/Decade Up/Down Counter
August, 2005 ??Rev. 6
logo
Motorola, Inc
MC14029B MOTOROLA-MC14029B Datasheet
279Kb / 8P
   Binary/Decade Up/Down Counter
logo
ON Semiconductor
MC14029B ONSEMI-MC14029B_15 Datasheet
93Kb / 8P
   Binary/Decade Up/Down Counter
March, 2015 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com