Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14053BDTR2 Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC14053BDTR2
Description  Analog Multiplexers/Demultiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14053BDTR2 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC14053BDTR2 Datasheet HTML 3Page - ON Semiconductor MC14053BDTR2 Datasheet HTML 4Page - ON Semiconductor MC14053BDTR2 Datasheet HTML 5Page - ON Semiconductor MC14053BDTR2 Datasheet HTML 6Page - ON Semiconductor MC14053BDTR2 Datasheet HTML 7Page - ON Semiconductor MC14053BDTR2 Datasheet HTML 8Page - ON Semiconductor MC14053BDTR2 Datasheet HTML 9Page - ON Semiconductor MC14053BDTR2 Datasheet HTML 10Page - ON Semiconductor MC14053BDTR2 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MC14051B, MC14052B, MC14053B
http://onsemi.com
7
Figure 11. Channel Resistance (RON) Test Circuit
VDD
VEE = VSS
10 k
VDD
KEITHLEY 160
DIGITAL
MULTIMETER
1 kW
RANGE
X−Y
PLOTTER
TYPICAL RESISTANCE CHARACTERISTICS
Figure 12. VDD = 7.5 V, VEE = − 7.5 V
Figure 13. VDD = 5.0 V, VEE = − 5.0 V
350
300
250
200
150
100
0
50
−8.0
−10
−6.0 −4.0 −2.0
0
0.2
4.0
6.0
8.0
10
Vin, INPUT VOLTAGE (VOLTS)
TA = 125°C
25°C
−55°C
350
300
250
200
150
100
0
50
−8.0
−10
−6.0 −4.0 −2.0
0
0.2
4.0
6.0
8.0
10
Vin, INPUT VOLTAGE (VOLTS)
TA = 125°C
25°C
−55 °C
Figure 14. VDD = 2.5 V, VEE = − 2.5 V
700
600
500
400
300
200
0
100
−8.0
−10
−6.0 −4.0 −2.0
0
0.2
4.0
6.0
8.0
10
Vin, INPUT VOLTAGE (VOLTS)
TA = 125°C
25°C
−55°C
Figure 15. Comparison at 25
°C, VDD = −VEE
350
300
250
200
150
100
0
50
−8.0
−10
−6.0 −4.0 −2.0
0
0.2
4.0
6.0
8.0 10
Vin, INPUT VOLTAGE (VOLTS)
TA = 25°C
VDD = 2.5 V
5.0 V
7.5 V


Similar Part No. - MC14053BDTR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14053BDTR2 ONSEMI-MC14053BDTR2 Datasheet
183Kb / 12P
   Analog Multiplexers/Demultiplexers
February, 2005 ??Rev. 6
MC14053BDTR2G ONSEMI-MC14053BDTR2G Datasheet
183Kb / 12P
   Analog Multiplexers/Demultiplexers
February, 2005 ??Rev. 6
MC14053BDTR2G ONSEMI-MC14053BDTR2G Datasheet
164Kb / 11P
   Analog Multiplexers/Demultiplexers
August, 2014 ??Rev. 14
More results

Similar Description - MC14053BDTR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
   Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
   Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
   Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC74HC4051A ONSEMI-MC74HC4051A Datasheet
400Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 1
MC74HCT4051A ONSEMI-MC74HCT4051A_11 Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
MC74HCT4851A ONSEMI-MC74HCT4851A_16 Datasheet
139Kb / 14P
   Analog Multiplexers/ Demultiplexers
August, 2016 ??Rev. 8
MC74HC4051A ONSEMI-MC74HC4051A_16 Datasheet
180Kb / 17P
   Analog Multiplexers/ Demultiplexers
March, 2016 ??Rev. 8
logo
Motorola, Inc
MC54HC4051A MOTOROLA-MC54HC4051A Datasheet
188Kb / 15P
   ANALOG MULTIPLEXERS/ DEMULTIPLEXERS
logo
ON Semiconductor
MC74HC4053ADTR2G ONSEMI-MC74HC4053ADTR2G Datasheet
222Kb / 17P
   Analog Multiplexers Demultiplexers
February, 2013 ??Rev. 6
MC74VHC4051 ONSEMI-MC74VHC4051 Datasheet
341Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 3
logo
STMicroelectronics
HCC4051B STMICROELECTRONICS-HCC4051B Datasheet
366Kb / 17P
   ANALOG MULTIPLEXERS-DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com