Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14053BF Datasheet(PDF) 8 Page - ON Semiconductor

Part # MC14053BF
Description  Analog Multiplexers/Demultiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14053BF Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC14053BF Datasheet HTML 4Page - ON Semiconductor MC14053BF Datasheet HTML 5Page - ON Semiconductor MC14053BF Datasheet HTML 6Page - ON Semiconductor MC14053BF Datasheet HTML 7Page - ON Semiconductor MC14053BF Datasheet HTML 8Page - ON Semiconductor MC14053BF Datasheet HTML 9Page - ON Semiconductor MC14053BF Datasheet HTML 10Page - ON Semiconductor MC14053BF Datasheet HTML 11Page - ON Semiconductor MC14053BF Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MC14051B, MC14052B, MC14053B
http://onsemi.com
8
APPLICATIONS INFORMATION
Figure A illustrates use of the on−chip level converter
detailed in Figures 2, 3, and 4. The 0−to−5 V Digital Control
signal is used to directly control a 9 Vp−p analog signal.
The digital control logic levels are determined by VDD
and VSS. The VDD voltage is the logic high voltage; the VSS
voltage is logic low. For the example, VDD = + 5 V = logic
high at the control inputs; VSS = GND = 0 V = logic low.
The maximum analog signal level is determined by VDD
and VEE. The VDD voltage determines the maximum
recommended
peak above VSS. The VEE voltage
determines the maximum swing below VSS. For the
example, VDD − VSS = 5 V maximum swing above VSS;
VSS − VEE = 5 V maximum swing below VSS. The example
shows a
± 4.5 V signal which allows a 1/2 volt margin at each
peak. If voltage transients above VDD and/or below VEE are
anticipated on the analog channels, external diodes (Dx) are
recommended as shown in Figure B. These diodes should be
small signal types able to absorb the maximum anticipated
current surges during clipping.
The absolute maximum potential difference between
VDD and VEE is 18.0 V. Most parameters are specified up to
15 V which is the recommended maximum difference
between VDD and VEE.
Balanced supplies are not required. However, VSS must
be greater than or equal to VEE. For example, VDD = + 10
V, VSS = + 5 V, and VEE – 3 V is acceptable. See the Table
below.
Figure A. Application Example
+5 V
−5 V
VDD
VSS
VEE
9 Vp−p
ANALOG SIGNAL
0−TO−5 V DIGITAL
CONTROL SIGNALS
SWITCH
I/O
INHIBIT,
A, B, C
COMMON
O/I
9 Vp−p
ANALOG SIGNAL
+
4.5 V
4.5 V
GND
+5 V
EXTERNAL
CMOS
DIGITAL
CIRCUITRY
MC14051B
MC14052B
MC14053B
Figure B. External Germanium or Schottky Clipping Diodes
VDD
VDD
VEE
VEE
DX
DX
DX
DX
ANALOG
I/O
COMMON
O/I
POSSIBLE SUPPLY CONNECTIONS
VDD
In Volts
VSS
In Volts
VEE
In Volts
Control Inputs
Logic High/Logic Low
In Volts
Maximum Analog Signal Range
In Volts
+ 8
0
– 8
+ 8/0
+ 8 to – 8 = 16 Vp–p
+ 5
0
– 12
+ 5/0
+ 5 to – 12 = 17 Vp–p
+ 5
0
0
+ 5/0
+ 5 to 0 = 5 Vp–p
+ 5
0
– 5
+ 5/0
+ 5 to – 5 = 10 Vp–p
+ 10
+ 5
– 5
+ 10/ + 5
+ 10 to – 5 = 15 Vp–p


Similar Part No. - MC14053BF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14053BF ONSEMI-MC14053BF Datasheet
183Kb / 12P
   Analog Multiplexers/Demultiplexers
February, 2005 ??Rev. 6
MC14053BFEL ONSEMI-MC14053BFEL Datasheet
183Kb / 12P
   Analog Multiplexers/Demultiplexers
February, 2005 ??Rev. 6
MC14053BFELG ONSEMI-MC14053BFELG Datasheet
183Kb / 12P
   Analog Multiplexers/Demultiplexers
February, 2005 ??Rev. 6
MC14053BFG ONSEMI-MC14053BFG Datasheet
183Kb / 12P
   Analog Multiplexers/Demultiplexers
February, 2005 ??Rev. 6
More results

Similar Description - MC14053BF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
   Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
   Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
   Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC74HC4051A ONSEMI-MC74HC4051A Datasheet
400Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 1
MC74HCT4051A ONSEMI-MC74HCT4051A_11 Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
MC74HCT4851A ONSEMI-MC74HCT4851A_16 Datasheet
139Kb / 14P
   Analog Multiplexers/ Demultiplexers
August, 2016 ??Rev. 8
MC74HC4051A ONSEMI-MC74HC4051A_16 Datasheet
180Kb / 17P
   Analog Multiplexers/ Demultiplexers
March, 2016 ??Rev. 8
logo
Motorola, Inc
MC54HC4051A MOTOROLA-MC54HC4051A Datasheet
188Kb / 15P
   ANALOG MULTIPLEXERS/ DEMULTIPLEXERS
logo
ON Semiconductor
MC74HC4053ADTR2G ONSEMI-MC74HC4053ADTR2G Datasheet
222Kb / 17P
   Analog Multiplexers Demultiplexers
February, 2013 ??Rev. 6
MC74VHC4051 ONSEMI-MC74VHC4051 Datasheet
341Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 3
logo
STMicroelectronics
HCC4051B STMICROELECTRONICS-HCC4051B Datasheet
366Kb / 17P
   ANALOG MULTIPLEXERS-DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com