Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14559BCPG Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC14559BCPG
Description  Successive Approximation Registers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14559BCPG Datasheet(HTML) 2 Page - ON Semiconductor

  MC14559BCPG Datasheet HTML 1Page - ON Semiconductor MC14559BCPG Datasheet HTML 2Page - ON Semiconductor MC14559BCPG Datasheet HTML 3Page - ON Semiconductor MC14559BCPG Datasheet HTML 4Page - ON Semiconductor MC14559BCPG Datasheet HTML 5Page - ON Semiconductor MC14559BCPG Datasheet HTML 6Page - ON Semiconductor MC14559BCPG Datasheet HTML 7Page - ON Semiconductor MC14559BCPG Datasheet HTML 8Page - ON Semiconductor MC14559BCPG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MC14549B, MC14559B
http://onsemi.com
2
SC
SC(t−1) MR MR(t−1) Clock
Action
X
X
X
X
None
X
X
1
X
Reset
1
0
0
0
Start
Conversion
1
X
0
1
Start
Conversion
1
1
0
0
Continue
Conversion
0
X
0
X
Continue
Previous
Operation
TRUTH TABLES
MC14549B
X = Don’t Care
t−1 = State at Previous Clock
SC
SC(t−1) EOC Clock
Action
X
X
X
None
1
0
0
Start
Conversion
X
1
0
Continue
Conversion
0
0
0
Continue
Conversion
0
X
1
Retain
Conversion
Result
1
X
1
Start
Conversion
MC14559B
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
Characteristic
Symbol
VDD
Vdc
− 55
_C
25
_C
125
_C
Unit
Min
Max
Min
Typ
(Note 2)
Max
Min
Max
Output Voltage
“0” Level
Vin = VDD or 0
VOL
5.0
10
15
0.05
0.05
0.05
0
0
0
0.05
0.05
0.05
0.05
0.05
0.05
Vdc
“1” Level
Vin = 0 or VDD
VOH
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
5.0
10
15
4.95
9.95
14.95
Vdc
Input Voltage (Note 2)
“0” Level
(VO = 4.5 or 0.5 Vdc)
(VO = 9.0 or 1.0 Vdc)
(VO = 13.5 or 1.5 Vdc)
VIL
5.0
10
15
1.5
3.0
4.0
2.25
4.50
6.75
1.5
3.0
4.0
1.5
3.0
4.0
Vdc
“1” Level
(VO = 0.5 or 4.5 Vdc)
(VO = 1.0 or 9.0 Vdc)
(VO = 1.5 or 13.5 Vdc)
VIH
5.0
10
15
3.5
7.0
11
3.5
7.0
11
2.75
5.50
8.25
3.5
7.0
11
Vdc
Output Drive Current
(VOH = 2.5 Vdc)
Source
(VOH = 4.6 Vdc)
(VOH = 9.5 Vdc)
(VOH = 13.5 Vdc)
IOH
5.0
5.0
10
15
– 1.2
– 0.25
– 0.62
– 1.8
– 1.0
– 0.2
− 0.5
– 1.5
– 1.7
– 0.36
– 0.9
– 3.5
– 0.7
– 0.14
– 0.35
– 1.1
mAd
c
(VOL = 0.4 Vdc)
Sink
(VOL = 0.5 Vdc)
Q Outputs
(VOL = 1.5 Vdc)
IOL
5.0
10
15
1.28
3.2
8.4
1.02
2.6
6.8
1.76
4.5
17.6
0.72
1.8
4.8
mAd
c
(VOL = 0.4 Vdc)
Sink
(VOL = 0.5 Vdc)
Pin 5, 11 only
(VOL = 1.5 Vdc)
5.0
10
15
0.64
1.6
4.2
0.51
1.3
3.4
0.88
2.25
8.8
0.36
0.9
2.4
mAd
c
Input Current
Iin
15
±0.1
±0.00001
±0.1
±1.0
mAdc
Input Capacitance
Cin
5.0
7.5
pF
Quiescent Current
(Per Package)
(Clock = 0 V,
Other Inputs = VDD or 0 V, Iout = 0 mA)
IDD
5.0
10
15
5.0
10
20
0.005
0.010
0.015
5.0
10
20
150
300
600
mAdc
Total Supply Current (Note 3, 4)
(Dynamic plus Quiescent,
Per Package) (CL = 50 pF on all
outputs, all buffers switching)
IT
5.0
10
15
IT = (0.8 mA/kHz) f + IDD
IT = (1.6 mA/kHz) f + IDD
IT = (2.4 mA/kHz) f + IDD
mAdc
2. Noise immunity specified for worst−case input combination.
Noise Margin for both “1” and “0” level
= 1.0 V min @ VDD = 5.0 V
= 2.0 V min @ VDD = 10 V
= 2.5 V min @ VDD = 15 V
3. To calculate total supply current at loads other than 50 pF: IT(CL) = IT(50 pF) + 3.5 x 10−3 (CL = 50) VDDf where: IT is in mA (per package),
CL in pF, VDD in V, and f in kHz is input frequency.
4. The formulas given are for the typical characteristics only at 25
_C.


Similar Part No. - MC14559BCPG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14559BCP ONSEMI-MC14559BCP Datasheet
85Kb / 12P
   Successive Approximation Registers
August, 2000 ??Rev. 4
More results

Similar Description - MC14559BCPG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DM2502 TI1-DM2502_11 Datasheet
447Kb / 10P
[Old version datasheet]   Successive Approximation Registers
logo
National Semiconductor ...
DM2502 NSC-DM2502 Datasheet
197Kb / 8P
   Successive Approximation Registers
logo
ON Semiconductor
MC14549 ONSEMI-MC14549 Datasheet
85Kb / 12P
   Successive Approximation Registers
August, 2000 ??Rev. 4
logo
Motorola, Inc
MC14549B MOTOROLA-MC14549B Datasheet
212Kb / 9P
   SUCCESSIVE APPROXIMATION REGISTERS
logo
ON Semiconductor
MC14549B ONSEMI-MC14549B_14 Datasheet
117Kb / 8P
   Successive Approximation Registers
July, 2014 ??Rev. 8
logo
List of Unclassifed Man...
AM2502 ETC-AM2502 Datasheet
411Kb / 6P
   EIGHT BIT / TWELVE - BIT SUCCESSIVE APPROXIMATION REGISTERS
logo
Hitachi Semiconductor
HD14549B HITACHI-HD14549B Datasheet
124Kb / 6P
   Successive Approximation Register
logo
List of Unclassifed Man...
AM25L04 ETC-AM25L04 Datasheet
268Kb / 8P
   LOW POWER EIGHT-BIT/TWELVE BIT SUCCESSIVE APPROXIMATION REGISTERS
logo
National Semiconductor ...
DM54LS502 NSC-DM54LS502 Datasheet
133Kb / 6P
   8-Bit Successive Approximation Register
logo
Fairchild Semiconductor
MM74C905 FAIRCHILD-MM74C905 Datasheet
89Kb / 8P
   12-Bit Successive Approximation Register
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com