Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14585BD Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC14585BD
Description  4?묪it Magnitude Comparator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14585BD Datasheet(HTML) 1 Page - ON Semiconductor

  MC14585BD Datasheet HTML 1Page - ON Semiconductor MC14585BD Datasheet HTML 2Page - ON Semiconductor MC14585BD Datasheet HTML 3Page - ON Semiconductor MC14585BD Datasheet HTML 4Page - ON Semiconductor MC14585BD Datasheet HTML 5Page - ON Semiconductor MC14585BD Datasheet HTML 6Page - ON Semiconductor MC14585BD Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2006
June, 2006 − Rev. 6
1
Publication Order Number:
MC14585B/D
MC14585B
4−Bit Magnitude Comparator
The MC14585B 4−Bit Magnitude Comparator is constructed with
complementary MOS (CMOS) enhancement mode devices. The circuit
has eight comparing inputs (A3, B3, A2, B2, A1, B1, A0, B0), three
cascading inputs (A < B, A = B, and A > B), and three outputs (A < B,
A = B, and A > B). This device compares two 4−bit words (A and B)
and determines whether they are “less than”, “equal to”, or “greater
than” by a high level on the appropriate output. For words greater than
4−bits, units can be cascaded by connecting outputs (A > B), (A < B),
and (A = B) to the corresponding inputs of the next significant
comparator. Inputs (A < B), (A = B), and (A > B) on the least significant
(first) comparator are connected to a low, a high, and a low, respectively.
Applications include logic in CPU’s, correction and/or detection of
instrumentation conditions, comparator in testers, converters, and
controls.
Features
Diode Protection on All Inputs
Expandable
Applicable to Binary or 8421−BCD Code
Supply Voltage Range = 3.0 Vdc to 18 Vdc
Capable of Driving Two Low−Power TTL Loads or One Low−Power
Schottky TTL Load over the Rated Temperature Range
Can be Cascaded − See Figure 3
Pb−Free Packages are Available*
MAXIMUM RATINGS (Voltages Referenced to VSS)
Parameter
Symbol
Value
Unit
DC Supply Voltage Range
VDD
− 0.5 to +18.0
V
Input or Output Voltage Range
(DC or Transient)
Vin, Vout
− 0.5 to VDD
+ 0.5
V
Input or Output Current (DC or Transient)
per Pin
Iin, Iout
±10
mA
Power Dissipation per Package (Note 1)
PD
500
mW
Ambient Temperature Range
TA
− 55 to +125
°C
Storage Temperature Range
Tstg
− 65 to +150
°C
Lead Temperature (8−Second Soldering)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Temperature Derating: Plastic “P and D/DW”
Packages: – 7.0 mW/
_C From 65_C To 125_C
This device contains protection circuitry to guard against damage due to high
static voltages or electric fields. However, precautions must be taken to avoid
applications of any voltage higher than maximum rated voltages to this
high−impedance circuit. For proper operation, Vin and Vout should be constrained
to the range VSS v (Vin or Vout) v VDD.
Unused inputs must always be tied to an appropriate logic voltage level
(e.g., either VSS or VDD). Unused outputs must be left open.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Device
Package
Shipping
ORDERING INFORMATION
MC14585BCP
PDIP−16
25 Units / Rail
MC14585BD
SOIC−16
48 Units / Rail
MC14585BDR2
SOIC−16
2500/Tape & Reel
MC14585BFEL
SOEIAJ−16
http://onsemi.com
2000/Tape & Reel
MC14585BFELG
SOEIAJ−16
(Pb−Free)
2000/Tape & Reel
MC14585BDR2G
SOIC−16
(Pb−Free)
2500/Tape & Reel
MC14585BDG
SOIC−16
(Pb−Free)
48 Units / Rail
MC14585BCPG
PDIP−16
(Pb−Free)
25 Units / Rail
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G
= Pb−Free Package
MARKING
DIAGRAMS
PDIP−16
P SUFFIX
CASE 648
SOIC−16
D SUFFIX
CASE 751B
1
16
14585BG
AWLYWW
SOEIAJ−16
F SUFFIX
CASE 966
1
16
MC14585B
ALYWG
16
1
MC14585BCP
AWLYYWWG
1
1
1


Similar Part No. - MC14585BD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14585BD ONSEMI-MC14585BD Datasheet
160Kb / 8P
   4-Bit Magnitude Comparator
March, 2000 ??Rev. 3
MC14585BDR2 ONSEMI-MC14585BDR2 Datasheet
160Kb / 8P
   4-Bit Magnitude Comparator
March, 2000 ??Rev. 3
More results

Similar Description - MC14585BD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H166 ONSEMI-MC10H166_06 Datasheet
155Kb / 8P
   5?묪it Magnitude Comparator
March, 2006 ??Rev. 7
MC10166 ONSEMI-MC10166 Datasheet
184Kb / 6P
   5?묪it Magnitude Comparator
June, 2006 ??Rev. 7
logo
Fairchild Semiconductor
MM74C85 FAIRCHILD-MM74C85 Datasheet
64Kb / 5P
   4-Bit Magnitude Comparator
logo
STMicroelectronics
HCF4063B STMICROELECTRONICS-HCF4063B_01 Datasheet
854Kb / 9P
   4-BIT MAGNITUDE COMPARATOR
M74HC85-1 STMICROELECTRONICS-M74HC85-1 Datasheet
326Kb / 10P
   4-BIT MAGNITUDE COMPARATOR
logo
Renesas Technology Corp
HD74HC85 RENESAS-HD74HC85 Datasheet
104Kb / 8P
   4-bit Magnitude Comparator
logo
Fairchild Semiconductor
DM74LS85 FAIRCHILD-DM74LS85 Datasheet
58Kb / 6P
   4-Bit Magnitude Comparator
logo
NXP Semiconductors
74HC85 PHILIPS-74HC85 Datasheet
69Kb / 9P
   4-bit magnitude comparator
December 1990
logo
STMicroelectronics
HCC4585B STMICROELECTRONICS-HCC4585B Datasheet
284Kb / 12P
   4-BIT MAGNITUDE COMPARATOR
logo
Motorola, Inc
SN54LS85 MOTOROLA-SN54LS85 Datasheet
102Kb / 4P
   4-BIT MAGNITUDE COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com