Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33035 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC33035
Description  Brushless DC Motor Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33035 Datasheet(HTML) 3 Page - ON Semiconductor

  MC33035_06 Datasheet HTML 1Page - ON Semiconductor MC33035_06 Datasheet HTML 2Page - ON Semiconductor MC33035_06 Datasheet HTML 3Page - ON Semiconductor MC33035_06 Datasheet HTML 4Page - ON Semiconductor MC33035_06 Datasheet HTML 5Page - ON Semiconductor MC33035_06 Datasheet HTML 6Page - ON Semiconductor MC33035_06 Datasheet HTML 7Page - ON Semiconductor MC33035_06 Datasheet HTML 8Page - ON Semiconductor MC33035_06 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
MC33035, NCV33035
http://onsemi.com
3
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
40
V
Digital Inputs (Pins 3, 4, 5, 6, 22, 23)
Vref
V
Oscillator Input Current (Source or Sink)
IOSC
30
mA
Error Amp Input Voltage Range (Pins 11, 12, Note 1)
VIR
− 0.3 to Vref
V
Error Amp Output Current (Source or Sink, Note 2)
IOut
10
mA
Current Sense Input Voltage Range (Pins 9, 15)
VSense
− 0.3 to 5.0
V
Fault Output Voltage
VCE(Fault)
20
V
Fault Output Sink Current
ISink(Fault)
20
mA
Top Drive Voltage (Pins 1, 2, 24)
VCE(top)
40
V
Top Drive Sink Current (Pins 1, 2, 24)
ISink(top)
50
mA
Bottom Drive Supply Voltage (Pin 18)
VC
30
V
Bottom Drive Output Current (Source or Sink, Pins 19, 20, 21)
IDRV
100
mA
Power Dissipation and Thermal Characteristics
P Suffix, Dual In Line, Case 724
Maximum Power Dissipation @ TA = 85°C
Thermal Resistance, Junction−to−Air
DW Suffix, Surface Mount, Case 751E
Maximum Power Dissipation @ TA = 85°C
Thermal Resistance, Junction−to−Air
PD
RθJA
PD
RθJA
867
75
650
100
mW
°C/W
mW
°C/W
Operating Junction Temperature
TJ
150
°C
Operating Ambient Temperature Range (Note 3)
MC33035
NCV33035
TA
− 40 to + 85
−40 to +125
°C
Storage Temperature Range
Tstg
− 65 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
ELECTRICAL CHARACTERISTICS (VCC = VC = 20 V, RT = 4.7 k, CT = 10 nF, TA = 25°C, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
REFERENCE SECTION
Reference Output Voltage (Iref = 1.0 mA)
TA = 25°C
(Note 4)
Vref
5.9
5.82
6.24
6.5
6.57
V
Line Regulation (VCC = 10 to 30 V, Iref = 1.0 mA)
Regline
1.5
30
mV
Load Regulation (Iref = 1.0 to 20 mA)
Regload
16
30
mV
Output Short Circuit Current (Note 5)
ISC
40
75
mA
Reference Under Voltage Lockout Threshold
Vth
4.0
4.5
5.0
V
ERROR AMPLIFIER
Input Offset Voltage (Note 4)
VIO
0.4
10
mV
Input Offset Current (Note 4)
IIO
8.0
500
nA
Input Bias Current (Note 4)
IIB
−46
−1000
nA
Input Common Mode Voltage Range
VICR
(0 V to Vref)
V
Open Loop Voltage Gain (VO = 3.0 V, RL = 15 k)
AVOL
70
80
dB
Input Common Mode Rejection Ratio
CMRR
55
86
dB
Power Supply Rejection Ratio (VCC = VC = 10 to 30 V)
PSRR
65
105
dB
1. The input common mode voltage or input signal voltage should not be allowed to go negative by more than 0.3 V.
2. The compliance voltage must not exceed the range of − 0.3 to Vref.
3. NCV33035: Tlow = −40°C, Thigh = 125°C. Guaranteed by design. NCV prefix is for automotive and other applications requiring site and change
control.
4. MC33035: TA = −40°C to +85°C; NCV33035: TA = −40°C to +125°C.
5. Maximum package power dissipation limits must be observed.


Similar Part No. - MC33035_06

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
MC33035CP TGS-MC33035CP Datasheet
566Kb / 16P
   TIGER ELECTRONIC CO
logo
ON Semiconductor
MC33035DW ONSEMI-MC33035DW Datasheet
649Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
April, 2004 ??Rev. 7
MC33035DW ONSEMI-MC33035DW Datasheet
430Kb / 28P
   Brushless DC Motor Controller
April, 2004 ??Rev. 7
MC33035DWR2 ONSEMI-MC33035DWR2 Datasheet
430Kb / 28P
   Brushless DC Motor Controller
April, 2004 ??Rev. 7
MC33035DWR2G ONSEMI-MC33035DWR2G Datasheet
430Kb / 28P
   Brushless DC Motor Controller
April, 2004 ??Rev. 7
More results

Similar Description - MC33035_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33033 ONSEMI-MC33033_07 Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33033 ONSEMI-MC33033 Datasheet
530Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
1996 REV 3
logo
LSI Computer Systems
LS7560 LSI-LS7560 Datasheet
97Kb / 8P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UCC2626DW TI1-UCC2626DW Datasheet
685Kb / 23P
[Old version datasheet]   BRUSHLESS DC MOTOR CONTROLLER
logo
Sensitron
UC1625L SENSITRON-UC1625L Datasheet
62Kb / 4P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Integral Corp.
IL33035 INTEGRAL-IL33035 Datasheet
124Kb / 3P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UC1625 TI-UC1625 Datasheet
313Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
UCC2626 TI-UCC2626 Datasheet
209Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
DRV8307 TI1-DRV8307_16 Datasheet
1,007Kb / 33P
[Old version datasheet]   Brushless DC Motor Controller
logo
FOSLINK SEMICONDUCTOR C...
FSP33035 FOSLINK-FSP33035 Datasheet
1Mb / 28P
   BRUSHLESS DC MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com