Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14585BDG Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC14585BDG
Description  4?묪it Magnitude Comparator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14585BDG Datasheet(HTML) 4 Page - ON Semiconductor

  MC14585BDG Datasheet HTML 1Page - ON Semiconductor MC14585BDG Datasheet HTML 2Page - ON Semiconductor MC14585BDG Datasheet HTML 3Page - ON Semiconductor MC14585BDG Datasheet HTML 4Page - ON Semiconductor MC14585BDG Datasheet HTML 5Page - ON Semiconductor MC14585BDG Datasheet HTML 6Page - ON Semiconductor MC14585BDG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MC14585B
http://onsemi.com
4
Figure 1. Dynamic Power Dissipation
Signal Waveforms
Figure 2. Dynamic Signal Waveforms
20 ns
20 ns
2f
1
VDD
VSS
VDD
VSS
VOH
VOL
VOH
VOL
VOH
VOL
(A<B) out
(A=B) out
(A>B) out
B3
A3
20 ns
20 ns
VDD
VSS
VOH
VOL
90%
50%
10%
tPLH
tPHL
tTLH
tTHL
90%
50%
10%
B0
(A=B) out
(A<B) out
Inputs (A>B) and (A=B) high, and inputs B3, A3, B2,
A2, B1, A1, A0, and (A<B) low.
Inputs (A>B) and (A=B) high, and inputs B2, A2, B1,
A1, B0, A0 and (A<B) low.
f in respect to a system clock.
Figure 3. Cascading Comparators
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
VSS VDD VSS
WORD
B =
A =
WORD
MC14585B
MC14585B
MC14585B
B3 A3 B2 A2 B1 A1 B0 A0
INPUTS
OUTPUT
OUTPUTS
WORD B = B11, B10, ..., B0.
WORD A = A11, A10, ..., A0.


Similar Part No. - MC14585BDG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14585BD ONSEMI-MC14585BD Datasheet
160Kb / 8P
   4-Bit Magnitude Comparator
March, 2000 ??Rev. 3
MC14585BDR2 ONSEMI-MC14585BDR2 Datasheet
160Kb / 8P
   4-Bit Magnitude Comparator
March, 2000 ??Rev. 3
More results

Similar Description - MC14585BDG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H166 ONSEMI-MC10H166_06 Datasheet
155Kb / 8P
   5?묪it Magnitude Comparator
March, 2006 ??Rev. 7
MC10166 ONSEMI-MC10166 Datasheet
184Kb / 6P
   5?묪it Magnitude Comparator
June, 2006 ??Rev. 7
logo
Fairchild Semiconductor
MM74C85 FAIRCHILD-MM74C85 Datasheet
64Kb / 5P
   4-Bit Magnitude Comparator
logo
STMicroelectronics
HCF4063B STMICROELECTRONICS-HCF4063B_01 Datasheet
854Kb / 9P
   4-BIT MAGNITUDE COMPARATOR
M74HC85-1 STMICROELECTRONICS-M74HC85-1 Datasheet
326Kb / 10P
   4-BIT MAGNITUDE COMPARATOR
logo
Renesas Technology Corp
HD74HC85 RENESAS-HD74HC85 Datasheet
104Kb / 8P
   4-bit Magnitude Comparator
logo
Fairchild Semiconductor
DM74LS85 FAIRCHILD-DM74LS85 Datasheet
58Kb / 6P
   4-Bit Magnitude Comparator
logo
NXP Semiconductors
74HC85 PHILIPS-74HC85 Datasheet
69Kb / 9P
   4-bit magnitude comparator
December 1990
logo
STMicroelectronics
HCC4585B STMICROELECTRONICS-HCC4585B Datasheet
284Kb / 12P
   4-BIT MAGNITUDE COMPARATOR
logo
Motorola, Inc
SN54LS85 MOTOROLA-SN54LS85 Datasheet
102Kb / 4P
   4-BIT MAGNITUDE COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com