Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33035DWR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC33035DWR2G
Description  Brushless DC Motor Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33035DWR2G Datasheet(HTML) 1 Page - ON Semiconductor

  MC33035DWR2G Datasheet HTML 1Page - ON Semiconductor MC33035DWR2G Datasheet HTML 2Page - ON Semiconductor MC33035DWR2G Datasheet HTML 3Page - ON Semiconductor MC33035DWR2G Datasheet HTML 4Page - ON Semiconductor MC33035DWR2G Datasheet HTML 5Page - ON Semiconductor MC33035DWR2G Datasheet HTML 6Page - ON Semiconductor MC33035DWR2G Datasheet HTML 7Page - ON Semiconductor MC33035DWR2G Datasheet HTML 8Page - ON Semiconductor MC33035DWR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
© Semiconductor Components Industries, LLC, 2006
April, 2006 − Rev. 8
1
Publication Order Number:
MC33035/D
MC33035, NCV33035
Brushless DC
Motor Controller
The MC33035 is a high performance second generation monolithic
brushless DC motor controller containing all of the active functions
required to implement a full featured open loop, three or four phase
motor control system. This device consists of a rotor position decoder
for proper commutation sequencing, temperature compensated
reference capable of supplying sensor power, frequency
programmable sawtooth oscillator, three open collector top drivers,
and three high current totem pole bottom drivers ideally suited for
driving power MOSFETs.
Also included are protective features consisting of undervoltage
lockout, cycle−by−cycle current limiting with a selectable time
delayed latched shutdown mode, internal thermal shutdown, and a
unique fault output that can be interfaced into microprocessor
controlled systems.
Typical motor control functions include open loop speed, forward or
reverse direction, run enable, and dynamic braking. The MC33035 is
designed to operate with electrical sensor phasings of 60
°/300° or
120
°/240°, and can also efficiently control brush DC motors.
Features
10 to 30 V Operation
Undervoltage Lockout
6.25 V Reference Capable of Supplying Sensor Power
Fully Accessible Error Amplifier for Closed Loop Servo
Applications
High Current Drivers Can Control External 3−Phase MOSFET
Bridge
Cycle−By−Cycle Current Limiting
Pinned−Out Current Sense Reference
Internal Thermal Shutdown
Selectable 60°/300° or 120°/240° Sensor Phasings
Can Efficiently Control Brush DC Motors with External MOSFET
H−Bridge
NCV Prefix for Automotive and Other Applications Requiring Site
and Control Changes
Pb−Free Packages are Available
http://onsemi.com
AT
BT
Top Drive
Output
16
Bottom
Drive
Outputs
15
(Top View)
17
18
19
20
21
10
9
8
7
6
5
Sensor
Inputs
4
Oscillator
Current Sense
Noninverting Input
Reference Output
Output Enable
SC
SB
SA
60
°/120° Select
Fwd/Rev
Current Sense
Inverting Input
Gnd
VCC
CT
22
23
BB
CB
3
24
Brake
2
AB
1
VC
PIN CONNECTIONS
24
1
24
1
P SUFFIX
PLASTIC PACKAGE
CASE 724
DW SUFFIX
PLASTIC PACKAGE
CASE 751E
(SO−24L)
14
13
12
11
Error Amp
Inverting Input
Error Amp
Noninverting Input
Error Amp Out/
PWM Input
Fault Output
See detailed ordering and shipping information in the package
dimensions section on page 27 of this data sheet.
ORDERING INFORMATION
See general marking information in the device marking
section on page 27 of this data sheet.
DEVICE MARKING INFORMATION


Similar Part No. - MC33035DWR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33035DWR2G ONSEMI-MC33035DWR2G Datasheet
430Kb / 28P
   Brushless DC Motor Controller
April, 2004 ??Rev. 7
More results

Similar Description - MC33035DWR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33033 ONSEMI-MC33033_07 Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33033 ONSEMI-MC33033 Datasheet
530Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
1996 REV 3
logo
LSI Computer Systems
LS7560 LSI-LS7560 Datasheet
97Kb / 8P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UCC2626DW TI1-UCC2626DW Datasheet
685Kb / 23P
[Old version datasheet]   BRUSHLESS DC MOTOR CONTROLLER
logo
Sensitron
UC1625L SENSITRON-UC1625L Datasheet
62Kb / 4P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Integral Corp.
IL33035 INTEGRAL-IL33035 Datasheet
124Kb / 3P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UC1625 TI-UC1625 Datasheet
313Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
UCC2626 TI-UCC2626 Datasheet
209Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
DRV8307 TI1-DRV8307_16 Datasheet
1,007Kb / 33P
[Old version datasheet]   Brushless DC Motor Controller
logo
FOSLINK SEMICONDUCTOR C...
FSP33035 FOSLINK-FSP33035 Datasheet
1Mb / 28P
   BRUSHLESS DC MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com