Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33035PG Datasheet(PDF) 10 Page - ON Semiconductor

Part # MC33035PG
Description  Brushless DC Motor Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33035PG Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MC33035PG Datasheet HTML 6Page - ON Semiconductor MC33035PG Datasheet HTML 7Page - ON Semiconductor MC33035PG Datasheet HTML 8Page - ON Semiconductor MC33035PG Datasheet HTML 9Page - ON Semiconductor MC33035PG Datasheet HTML 10Page - ON Semiconductor MC33035PG Datasheet HTML 11Page - ON Semiconductor MC33035PG Datasheet HTML 12Page - ON Semiconductor MC33035PG Datasheet HTML 13Page - ON Semiconductor MC33035PG Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
MC33035, NCV33035
http://onsemi.com
10
15
24
20
2
1
21
19
VM
Top
Drive
Outputs
Bottom
Drive
Outputs
CB
Current Sense
Reference Input
BB
AB
AT
BT
CT
Q
S
R
Oscillator
Error Amp
PWM
Thermal
Shutdown
Reference
Regulator
Lockout
Undervoltage
Q
R
S
Rotor
Position
Decoder
Brake Input
Figure 19. Representative Block Diagram
60
°/120° Select
Output Enable
CT
RT
Vin
4
10
11
13
8
12
3
17
22
7
6
5
Forward/Reverse
Faster
Noninv. Input
SA
SC
SB
Sensor
Inputs
Error Amp Out
PWM Input
Sink Only
Positive True
Logic With
Hysteresis
=
Reference Output
16
Latch
Latch
23
Gnd
14
9
Current Sense Input
Fault Output
20 k
20 k
20 k
40 k
40 k
25
μA
VCC
VC
18
9.1 V
4.5 V
100 mV
40 k
Inputs (Note 2)
Outputs (Note 3)
Sensor Electrical Phasing (Note 4)
Top Drives
Bottom Drives
SA
60
°
SB
SC
SA
120
°
SB
SC
F/R
Enable
Brake
Current
Sense
AT
BT
CT
AB
BB
CB
Fault
1
1
1
0
0
0
0
1
1
1
0
0
0
0
1
1
1
0
1
1
0
0
0
1
0
1
1
1
0
0
0
0
0
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
1
1
0
1
0
0
1
1
1
1
1
1
0
0
1
0
0
1
1
0
0
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
1
1
(Note 5)
F/R = 1
1
1
1
0
0
0
0
1
1
1
0
0
0
0
1
1
1
0
1
1
0
0
0
1
0
1
1
1
0
0
0
0
0
1
1
1
0
0
0
0
0
0
1
1
1
1
1
1
0
0
0
0
0
0
0
0
0
0
0
0
1
1
0
0
1
1
1
1
1
1
0
0
0
0
1
1
1
1
1
0
0
0
0
1
0
1
1
0
0
0
0
0
0
1
1
0
1
1
1
1
1
1
(Note 5)
F/R = 0
1
0
0
1
1
0
1
0
1
0
1
0
X
X
X
X
0
0
X
X
1
1
1
1
1
1
0
0
0
0
0
0
0
0
(Note 6)
Brake = 0
1
0
0
1
1
0
1
0
1
0
1
0
X
X
X
X
1
1
X
X
1
1
1
1
1
1
1
1
1
1
1
1
0
0
(Note 7)
Brake = 1
V
V
V
V
V
V
X
1
1
X
1
1
1
1
1
1
1
(Note 8)
V
V
V
V
V
V
X
0
1
X
1
1
1
1
1
1
0
(Note 9)
V
V
V
V
V
V
X
0
0
X
1
1
1
0
0
0
0
(Note 10)


Similar Part No. - MC33035PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33035PG ONSEMI-MC33035PG Datasheet
430Kb / 28P
   Brushless DC Motor Controller
April, 2004 ??Rev. 7
More results

Similar Description - MC33035PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33033 ONSEMI-MC33033_07 Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33033 ONSEMI-MC33033 Datasheet
530Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
1996 REV 3
logo
LSI Computer Systems
LS7560 LSI-LS7560 Datasheet
97Kb / 8P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UCC2626DW TI1-UCC2626DW Datasheet
685Kb / 23P
[Old version datasheet]   BRUSHLESS DC MOTOR CONTROLLER
logo
Sensitron
UC1625L SENSITRON-UC1625L Datasheet
62Kb / 4P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Integral Corp.
IL33035 INTEGRAL-IL33035 Datasheet
124Kb / 3P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UC1625 TI-UC1625 Datasheet
313Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
UCC2626 TI-UCC2626 Datasheet
209Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
DRV8307 TI1-DRV8307_16 Datasheet
1,007Kb / 33P
[Old version datasheet]   Brushless DC Motor Controller
logo
FOSLINK SEMICONDUCTOR C...
FSP33035 FOSLINK-FSP33035 Datasheet
1Mb / 28P
   BRUSHLESS DC MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com