Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33340 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC33340
Description  Battery Fast Charge Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33340 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC33340_05 Datasheet HTML 2Page - ON Semiconductor MC33340_05 Datasheet HTML 3Page - ON Semiconductor MC33340_05 Datasheet HTML 4Page - ON Semiconductor MC33340_05 Datasheet HTML 5Page - ON Semiconductor MC33340_05 Datasheet HTML 6Page - ON Semiconductor MC33340_05 Datasheet HTML 7Page - ON Semiconductor MC33340_05 Datasheet HTML 8Page - ON Semiconductor MC33340_05 Datasheet HTML 9Page - ON Semiconductor MC33340_05 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MC33340, MC33342
http://onsemi.com
6
dV
DV
Figure 9. Typical Charge Characteristics for NiCd and NiMh Batteries
CHARGE INPUT PERCENT OF CAPACITY
1.6
1.5
1.4
1.3
1.2
1.0
0
40
80
120
160
Relative Pressure
1.1
70
60
50
40
30
20
10
Temperature
Voltage
Tmax
Vmax
dt
OPERATING DESCRIPTION
The MC33340/342 starts up in the fast charge mode when
power is applied to VCC. A change to the trickle mode can
occur as a result of three possible conditions. The first is if
the Vsen input voltage is above 2.0 V or below 1.0 V. Above
2.0 V indicates that the battery pack is open or disconnected,
while below 1.0 V indicates the possibility of a shorted or
defective cell. The second condition is when the
MC33340/342 detects a fully charged battery by measuring
a negative slope in battery voltage. The MC33340/342
recognize a negative voltage slope after the preset holdoff
time (thold) has elapsed during a fast charge cycle. This
indicates that the battery pack is fully charged. The third
condition is either due to the battery pack being out of a
programmed temperature range, or that the preset timer
period has been exceeded.
There are three conditions that will cause the controller to
return from trickle to fast charge mode. The first is if the Vsen
input voltage moved to within the 1.0 to 2.0 V range from
initially being either too high or too low. The second is if the
battery pack temperature moved to within the programmed
temperature range, but only from initially being too cold.
Third is by cycling VCC off and then back on causing the
internal logic to reset. A concise description of the major
circuit blocks is given below.
Negative Slope Voltage Detection
A representative block diagram of the negative slope
voltage detector is shown in Figure 10. It includes a
Synchronous Voltage to Frequency Converter, a Sample
Timer, and a Ratchet Counter. The Vsen pin is the input for
the Voltage to Frequency Converter (VFC), and it connects
to the rechargeable battery pack terminals through a
resistive voltage divider. The input has an impedance of
approximately 6.0 M
W and a maximum voltage range of
−1.0 V to VCC + 0.6 V or 0 V to 10 V, whichever is lower.
The 10 V upper limit is set by an internal zener clamp that
provides protection in the event of an electrostatic discharge.
The VFC is a charge−balanced synchronous type which
generates output pulses at a rate of FV = Vsen (24 kHz).
The Sample Timer circuit provides a 95 kHz system clock
signal (SCK) to the VFC. This signal synchronizes the FV
output to the other Sample Timer outputs used within the
detector. At 1.38 second intervals the Vsen Gate output goes
low for a 33 ms period. This output is used to momentarily
interrupt the external charging power source so that a precise
voltage measurement can be taken. As the Vsen Gate goes
low, the internal Preset control line is driven high for 11 ms.
During this time, the battery voltage at the Vsen input is
allowed to stabilize and the previous FV count is preloaded.
At the Preset high−to−low transition, the Convert line goes
high for 22 ms. This gates the FV pulses into the ratchet
counter for a comparison to the preloaded count. Since the
Convert time is derived from the same clock that controls the
VFC, the number of FV pulses is independent of the clock
frequency. If the new sample has more counts than were
preloaded, it becomes the new peak count and the cycle is
repeated 1.38 seconds later. If the new sample has two fewer
counts, a less than peak voltage event has occurred, and a
register is initialized. If two successive less than peak
voltage events occur, the −
DV ‘AND’ gate output goes high
and the Fast/Trickle output is latched in a low state,
signifying that the battery pack has reached full charge
status.


Similar Part No. - MC33340_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33340 ONSEMI-MC33340 Datasheet
304Kb / 12P
   BATTERY FAST CHARGE CONTROLLERS
REV 3
More results

Similar Description - MC33340_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33340 ONSEMI-MC33340 Datasheet
304Kb / 12P
   BATTERY FAST CHARGE CONTROLLERS
REV 3
logo
Maxim Integrated Produc...
MAX712 MAXIM-MAX712_08 Datasheet
229Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 6; 12/08
MAX712 MAXIM-MAX712_02 Datasheet
777Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 5; 4/02
MAX2003 MAXIM-MAX2003 Datasheet
211Kb / 20P
   NiCd/NiMH Battery Fast-Charge Controllers
MAX712 MAXIM-MAX712_V01 Datasheet
264Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
2013
MAX712 MAXIM-MAX712 Datasheet
168Kb / 18P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 3; 1/97
logo
Eutech Microelectronics...
EUP8051 EUTECH-EUP8051 Datasheet
527Kb / 17P
   Low Cost 1A Linear Battery Charge Controllers
EUP8051A EUTECH-EUP8051A Datasheet
487Kb / 15P
   Low Cost 1A Linear Battery Charge Controllers
logo
Texas Instruments
BQ2005 TI-BQ2005 Datasheet
151Kb / 16P
[Old version datasheet]   Fast-Charge IC for Dual-Battery Packs
logo
Analog Devices
AIC1761 AD-AIC1761 Datasheet
245Kb / 15P
   BATTERY CHARGE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com