Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A2TPMI337OAC Datasheet(PDF) 3 Page - PerkinElmer Optoelectronics

Part # A2TPMI337OAC
Description  Thermopile with integrated signal processing circuit
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

A2TPMI337OAC Datasheet(HTML) 3 Page - PerkinElmer Optoelectronics

  A2TPMI337OAC Datasheet HTML 1Page - PerkinElmer Optoelectronics A2TPMI337OAC Datasheet HTML 2Page - PerkinElmer Optoelectronics A2TPMI337OAC Datasheet HTML 3Page - PerkinElmer Optoelectronics A2TPMI337OAC Datasheet HTML 4Page - PerkinElmer Optoelectronics A2TPMI337OAC Datasheet HTML 5Page - PerkinElmer Optoelectronics A2TPMI337OAC Datasheet HTML 6Page - PerkinElmer Optoelectronics A2TPMI337OAC Datasheet HTML 7Page - PerkinElmer Optoelectronics A2TPMI337OAC Datasheet HTML 8Page - PerkinElmer Optoelectronics A2TPMI337OAC Datasheet HTML 9Page - PerkinElmer Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Datasheet
A2TPMI Ô
A2TPMI Datasheet Rev4
Page 3 of 21
Rev. Oct 2003
TPMI Ordering Information
Part code:
sn
TPMI
n3c
xxx
Gxx
Oxx
nnn
Pnx
MxGxx
xxxx
Series (sn)
A2
analog ASIC - version 1
TPMI
- TO 39 housing
- 5 isolated pins, 1 ground pin to housing
- internal ASIC for signal conditioning
Sensor chip and cap (n3c)
chip:
n = 3
0.7 x 0.7 mm
2 absorber (standard)
digit "3":
temperature reference included (standard for TPMI)
cap:
c = 4
standard cap, window diameter 2.5 mm
2, fov = 60°
/ lens cap of various lengths
c = 6
high cap, additional internal optics, e.g. internal reflector (IR)
c = 7
square hole 3.5 x 3.5 mm
2, low cap, large fov = 100°
Sensor optics (xxx)
blank
standard filter with 5.5 µm cut-on wavelength
L-x.y
silicon lens with x.y mm focal length
IRA
internal reflector (mirror)
A
internal aperture
Infrared filter on sensor (Gxx)
blank
standard filter with 5.5 µm cut-on wavelength
G9
pyrometry filter, 8..14 µm bandpass
Gxx
PerkinElmer specified broadband or (narrow) bandpass filter
Output configuration (Oxx)
Pin VTobj
A
ambient temperature compensated output voltage representing object temperature
B
not compensated output voltage
C
comparator 1 enabled
Pin VTamb
A
output voltage representing ambient (sensor) temperature
V
Vref = 1.225 V
C
comparator 2 enabled
Temperature sensing range (n)
nnn
-20 ... nnn°C (remark: for object T range < 100°C the min. T-range may be >20°C)
Option: Printed circuit board (pcb)
P1
standard pcb 17 x 33 mm
2
P3
mini pcb 17 x 20 mm
2
L1 or L2
electrical low pass filter on pcb (L1 = 1st order with RC; L2 = 2nd order with OpAmp)
Option: External optics and filter
ML / MR / MF
mirror left / right / front looking
G
standard filter glued to mirror
G12
G12 (uncoated silicon) filter glued to mirror
Option: Connector
blank
none
WTB
wire to board
I / JxT
I = customer specific connector / J = standard JST connector, x = no of pins, top entry
I / JxS
I = customer specific connector / J = standard JST connector, x = no of pins, side entry
I / JxxC
with counterpart


Similar Part No. - A2TPMI337OAC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
A2T07D160W04S NXP-A2T07D160W04S Datasheet
854Kb / 24P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 8/2014
A2T07D160W04SR3 NXP-A2T07D160W04SR3 Datasheet
854Kb / 24P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 8/2014
A2T07H310-24S NXP-A2T07H310-24S Datasheet
763Kb / 24P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 6/2014
A2T07H310-24SR6 NXP-A2T07H310-24SR6 Datasheet
763Kb / 24P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 6/2014
A2T08VD020N NXP-A2T08VD020N Datasheet
669Kb / 20P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 1, 05/2017
More results

Similar Description - A2TPMI337OAC

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
TPMI PERKINELMER-TPMI Datasheet
685Kb / 5P
   Thermopile Sensor Module With Integrated Signal Processing
logo
NTE Electronics
NTE1164 NTE-NTE1164 Datasheet
20Kb / 2P
   Integrated Circuit TV Video Signal Processing Circuit
NTE1805 NTE-NTE1805 Datasheet
28Kb / 3P
   Integrated Circuit Recording Video Signal Processing Circuit
NTE7112 NTE-NTE7112 Datasheet
28Kb / 3P
   Integrated Circuit Color TV Video Signal/Chrominance Signal Processing Circuit
logo
Sanyo Semicon Device
LA76922M SANYO-LA76922M Datasheet
141Kb / 3P
   Signal-Processing IC with Integrated Microcontroller
logo
Renesas Technology Corp
MR2001_RD RENESAS-MR2001_RD Datasheet
246Kb / 2P
   radar transceiver with integrated signal processing
logo
NTE Electronics
NTE7045 NTE-NTE7045 Datasheet
26Kb / 2P
   Integrated Circuit Horizontal Signal Processing Circuit for CRT Displays
logo
KODENSHI_AUK CORP.
ORA1S01 KODENSHI-ORA1S01 Datasheet
125Kb / 2P
   Integrated LED drive circuit and PSD signal processing circuit
logo
Hamamatsu Corporation
C9068 HAMAMATSU-C9068 Datasheet
268Kb / 2P
   PSD signal processing circuit
logo
List of Unclassifed Man...
TBA890 ETC-TBA890 Datasheet
297Kb / 7P
   TELEVISION SIGNAL PROCESSING CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com