Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPSA63ZL1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MPSA63ZL1G
Description  Darlington Transistors PNP Silicon
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPSA63ZL1G Datasheet(HTML) 3 Page - ON Semiconductor

  MPSA63ZL1G Datasheet HTML 1Page - ON Semiconductor MPSA63ZL1G Datasheet HTML 2Page - ON Semiconductor MPSA63ZL1G Datasheet HTML 3Page - ON Semiconductor MPSA63ZL1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MPSA62, MPSA63, MPSA64
http://onsemi.com
3
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (mA)
200
−1.0
2.0
TA = 125°C
25°C
−55°C
VCE = −2.0 V
−2.0
−3.0
−5.0 −7.0 −10
−20
−30
−50
−100
−300
100
70
50
30
20
10
7.0
5.0
3.0
−0.3
−0.5 −0.7
−70
−200
−5.0 V
−10 V
IC, COLLECTOR CURRENT (mA)
Figure 2. “On” Voltage
−2.0
0
−0.3
TA = 25°C
VBE(on) @ VCE = −5.0 V
−1.6
−1.2
−0.8
−0.4
VCE(sat) @ IC/IB = 1000
IC/IB = 100
−0.5 −1.0
−2 −3 −5
−10 −20 −30 −50 −100 −200 −300
IB, BASE CURRENT (mA)
Figure 3. Collector Saturation Region
−2.0
−0.6
TA = 25°C
IC =
−1.8
−1.6
−1.4
−1.2
−1.0
−0.8
−0.1−0.2
−1 −2 −5 −10 −20 −50 −100−200−500
−0.5
−1K−2K
−10K
−10 mA −50 mA −100 mA −175 mA
−300 mA
10
4.0
3.0
2.0
0.1
Figure 4. High Frequency Current Gain
IC, COLLECTOR CURRENT (mA)
VCE = −5.0 V
f = 100 MHz
TA = 25°C
1.0
0.4
0.2
−1.0 −2.0
−5.0
−10 −20
−50 −100 −200
−500 −1K
VCE, COLLECTOR VOLTAGE (VOLTS)
−6.0
−10
−20
Figure 5. Active Region, Safe Operating Area
CURRENT LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
−300
−200
−100
−50
−20
−10
−40 −60
100 ms
1.0 ms
TA = 25°C
−1000
(DUTY CYCLE ≤ 10%)
1.0 s
TC = 25°C
MPSA62
−1.0
−2.0
−4.0
MPSA63
VBE(sat) @ IC/IB = 100
−5K


Similar Part No. - MPSA63ZL1G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA63 MOTOROLA-MPSA63 Datasheet
157Kb / 4P
   Darlington Transistor
logo
ON Semiconductor
MPSA63 ONSEMI-MPSA63 Datasheet
157Kb / 4P
   Darlington Transistors(PNP Silicon)
1996
logo
Fairchild Semiconductor
MPSA63 FAIRCHILD-MPSA63 Datasheet
29Kb / 2P
   PNP Darlington Transistor
logo
KEC(Korea Electronics)
MPSA63 KEC-MPSA63 Datasheet
66Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE DARLINGTON TRANSISTOR)
logo
Micro Electronics
MPSA63 MICRO-ELECTRONICS-MPSA63 Datasheet
76Kb / 1P
   PNP SILICON DARLINGTON TRANSISTOR
More results

Similar Description - MPSA63ZL1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBTA63LT1 LRC-MMBTA63LT1 Datasheet
115Kb / 3P
   Darlington Transistors(PNP Silicon)
logo
ON Semiconductor
MPSA62 ONSEMI-MPSA62 Datasheet
157Kb / 4P
   Darlington Transistors(PNP Silicon)
1996
MPSA75 ONSEMI-MPSA75 Datasheet
97Kb / 4P
   Darlington Transistors(PNP Silicon)
1996
logo
Infineon Technologies A...
BCV26 INFINEON-BCV26_11 Datasheet
528Kb / 7P
   PNP Silicon Darlington Transistors
2011-10-05
BCV28 INFINEON-BCV28 Datasheet
47Kb / 5P
   PNP Silicon Darlington Transistors
Jul-12-2001
logo
Siemens Semiconductor G...
BD976 SIEMENS-BD976 Datasheet
118Kb / 4P
   PNP SILICON DARLINGTON TRANSISTORS
logo
Infineon Technologies A...
BCV28 INFINEON-BCV28_07 Datasheet
72Kb / 8P
   PNP Silicon Darlington Transistors
2007-04-20
SMBTA63 INFINEON-SMBTA63 Datasheet
44Kb / 4P
   PNP Silicon Darlington Transistors
Nov-30-2001
logo
ON Semiconductor
MMBTA63LT1 ONSEMI-MMBTA63LT1_06 Datasheet
60Kb / 4P
   Darlington Transistors PNP Silicon
January, 2006 ??Rev. 2
MMBTA63LT1 ONSEMI-MMBTA63LT1 Datasheet
156Kb / 4P
   Darlington Transistors(PNP Silicon)
March, 2001 ??Rev. 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com