Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY9316 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BY9316
Description  Fast high-voltage soft-recovery controlled avalanche rectifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY9316 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BY9316 Datasheet HTML 2Page - NXP Semiconductors BY9316 Datasheet HTML 3Page - NXP Semiconductors BY9316 Datasheet HTML 4Page - NXP Semiconductors BY9316 Datasheet HTML 5Page - NXP Semiconductors BY9316 Datasheet HTML 6Page - NXP Semiconductors BY9316 Datasheet HTML 7Page - NXP Semiconductors BY9316 Datasheet HTML 8Page - NXP Semiconductors BY9316 Datasheet HTML 9Page - NXP Semiconductors BY9316 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
2000 Jan 10
6
Philips Semiconductors
Product specification
Fast high-voltage soft-recovery
controlled avalanche rectifiers
BY9300 series
handbook, halfpage
0
200
5
0
1
2
3
4
40
80
120
IF(AV)
(mA)
160
MDA860
Tamb (°C)
a = 6.32
1.57
BY9312.
a=IF(RMS)/IF(AV); VR =VRWmax; Rth j-a ≤ 120 K/W.
a = 1.57: half sinewave.
a = 6.32: line output transformer application.
Fig.6
Maximum permissible average forward
current as a function of ambient temperature.
handbook, halfpage
0
200
Tamb (°C)
5
0
1
2
3
4
40
80
120
IF(AV)
(mA)
160
MBL114
a = 6.32
a = 1.57
BY9314.
a=IF(RMS)/IF(AV); VR =VRWmax; Rth j-a ≤ 120 K/W.
a = 1.57: half sinewave.
a = 6.32: line output transformer application.
Fig.7
Maximum permissible average forward
current as a function of ambient temperature.
handbook, halfpage
handbook, halfpage
0
200
Tamb (°C)
5
0
1
2
3
4
40
80
120
IF(AV)
(mA)
160
MBL115
a = 6.32
a = 1.57
Fig.8
Maximum permissible average forward
current as a function of ambient temperature.
BY9316.
a=IF(RMS)/IF(AV); VR =VRWmax; Rth j-a ≤ 120 K/W.
a = 1.57: half sinewave.
a = 6.32: line output transformer application.
handbook, halfpage
0
200
Tamb (°C)
5
0
1
2
3
4
40
80
120
IF(AV)
(mA)
160
MBL116
a = 6.32
a = 1.57
Fig.9
Maximum permissible average forward
current as a function of ambient temperature.
BY9318.
a=IF(RMS)/IF(AV); VR =VRWmax; Rth j-a ≤ 120 K/W.
a = 1.57: half sinewave.
a = 6.32: line output transformer application.


Similar Part No. - BY9316

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BY9200 PHILIPS-BY9200 Datasheet
108Kb / 12P
   Ultra fast high-voltage soft-recovery controlled avalanche rectifier
1998 Dec 04
BY9206 PHILIPS-BY9206 Datasheet
108Kb / 12P
   Ultra fast high-voltage soft-recovery controlled avalanche rectifier
1998 Dec 04
BY9208 PHILIPS-BY9208 Datasheet
108Kb / 12P
   Ultra fast high-voltage soft-recovery controlled avalanche rectifier
1998 Dec 04
BY9210 PHILIPS-BY9210 Datasheet
108Kb / 12P
   Ultra fast high-voltage soft-recovery controlled avalanche rectifier
1998 Dec 04
BY9212 PHILIPS-BY9212 Datasheet
108Kb / 12P
   Ultra fast high-voltage soft-recovery controlled avalanche rectifier
1998 Dec 04
More results

Similar Description - BY9316

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BY9400 PHILIPS-BY9400 Datasheet
67Kb / 8P
   Fast high-voltage soft-recovery controlled avalanche rectifiers
2000 Jan 10
BY8000 PHILIPS-BY8000 Datasheet
55Kb / 10P
   Fast high-voltage soft-recovery controlled avalanche rectifiers
1996 May 24
BY8100 PHILIPS-BY8100 Datasheet
54Kb / 10P
   Very fast high-voltage soft-recovery controlled avalanche rectifiers
1996 May 24
BY8200 PHILIPS-BY8200 Datasheet
87Kb / 12P
   Ultra fast high-voltage soft-recovery controlled avalanche rectifiers
1998 Jul 16
BYV36 PHILIPS-BYV36 Datasheet
78Kb / 14P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jul 01
BYW95 PHILIPS-BYW95 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
BYD31 PHILIPS-BYD31 Datasheet
59Kb / 9P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
BYD37 PHILIPS-BYD37 Datasheet
65Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1999 Nov 16
BYD52 PHILIPS-BYD52 Datasheet
51Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1998 Dec 03
BYV96 PHILIPS-BYV96 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com