Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSD42WT1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MSD42WT1
Description  NPN Silicon General Purpose High Voltage Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MSD42WT1 Datasheet(HTML) 1 Page - ON Semiconductor

  MSD42WT1 Datasheet HTML 1Page - ON Semiconductor MSD42WT1 Datasheet HTML 2Page - ON Semiconductor MSD42WT1 Datasheet HTML 3Page - ON Semiconductor MSD42WT1 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2004
January, 2004 − Rev. 6
1
Publication Order Number:
MSD42WT1/D
MSD42WT1, MSD42T1
Preferred Device
NPN Silicon General
Purpose High Voltage
Transistors
This NPN Silicon Planar Transistor is designed for general purpose
amplifier applications. This device is housed in the SC-70/SOT-323 and
SC−59 packages which are designed for low power surface mount
applications.
Features
Pb−Free Package is Available
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Value
Unit
Collector-Base Voltage
V(BR)CBO
300
Vdc
Collector-Emitter Voltage
V(BR)CEO
300
Vdc
Emitter-Base Voltage
V(BR)EBO
6.0
Vdc
Collector Current − Continuous
IC
150
mAdc
THERMAL CHARACTERISTICS
Rating
Symbol
Max
Unit
Power Dissipation (Note 1)
PD
150
mW
Junction Temperature
TJ
150
°C
Storage Temperature Range
Tstg
−55
X+150
°C
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Min
Max
Unit
Collector-Emitter Breakdown Voltage
(IC = 1.0 mAdc, IB = 0)
V(BR)CEO
300
Vdc
Collector-Base Breakdown Voltage
(IC = 100 mAdc, IE = 0)
V(BR)CBO
300
Vdc
Emitter-Base Breakdown Voltage
(IE = 100 mAdc, IE = 0)
V(BR)EBO
6.0
Vdc
Collector-Base Cutoff Current
(VCB = 200 Vdc, IE = 0)
ICBO
0.1
mA
Emitter−Base Cutoff Current
(VEB = 6.0 Vdc, IB = 0)
IEBO
0.1
mA
DC Current Gain (Note 2)
(VCE = 10 Vdc, IC = 1.0 mAdc)
(VCE = 10 Vdc, IC = 30 mAdc)
hFE1
hFE2
25
40
Collector-Emitter Saturation Voltage
(Note 2) (IC = 20 mAdc,
IB = 2.0 mAdc)
VCE(sat)
0.5
Vdc
1. Device mounted on a FR-4 glass epoxy printed circuit board using the minimum
recommended footprint.
2. Pulse Test: Pulse Width
≤ 300 ms, D.C. ≤ 2%.
SC−70 (SOT−323)
CASE 419
(SCALE 2:1)
MARKING DIAGRAMS
3
1D M
1
2
Device
Package
Shipping
ORDERING INFORMATION
MSD42WT1
SC−70/SOT−323 3000/Tape & Reel
1D = Device Marking Code
M
= Date Code
Preferred devices are recommended choices for future use
and best overall value.
COLLECTOR
3
1
BASE
2
EMITTER
http://onsemi.com
3
1
2
SC−59
CASE 318D
(SCALE 2:1)
J1D M
MSD42T1
SC−59
3000/Tape & Reel
MSD42WT1G
3000/Tape & Reel
SC−70/SOT−323
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.


Similar Part No. - MSD42WT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MSD42WT1 MOTOROLA-MSD42WT1 Datasheet
77Kb / 4P
   NPN GENERAL PURPOSE HIGH VOLTAGE TRANSISTORS SURFACE MOUNT
logo
ON Semiconductor
MSD42WT1G ONSEMI-MSD42WT1G Datasheet
130Kb / 4P
   NPN Silicon General Purpose High Voltage Transistors
May, 2010 ??Rev. 7
MSD42WT1G ONSEMI-MSD42WT1G Datasheet
94Kb / 4P
   NPN High Voltage Transistors
June, 2013 ??Rev. 11
MSD42WT1G ONSEMI-MSD42WT1G_10 Datasheet
130Kb / 4P
   NPN Silicon General Purpose High Voltage Transistors
May, 2010 ??Rev. 7
MSD42WT1G ONSEMI-MSD42WT1G_13 Datasheet
94Kb / 4P
   NPN High Voltage Transistors
June, 2013 ??Rev. 11
More results

Similar Description - MSD42WT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MSD42T1G ONSEMI-MSD42T1G_13 Datasheet
90Kb / 4P
   NPN Silicon General Purpose High Voltage Transistors
April, 2013 ??Rev. 0
MSD42WT1G ONSEMI-MSD42WT1G_10 Datasheet
130Kb / 4P
   NPN Silicon General Purpose High Voltage Transistors
May, 2010 ??Rev. 7
logo
Micro Electronics
MPS-A42 MICRO-ELECTRONICS-MPS-A42 Datasheet
115Kb / 2P
   NPN SILICON GENERAL PURPOSE HIGH VOLTAGE TRANSISTORS
logo
Leshan Radio Company
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
   General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
   General Purpose Transistors(NPN Silicon)
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4123 ONSEMI-2N4123_07 Datasheet
81Kb / 6P
   General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 3
logo
Comchip Technology
MMBT2222LT1 COMCHIP-MMBT2222LT1_06 Datasheet
85Kb / 6P
   General Purpose Transistors NPN Silicon
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4400 ONSEMI-2N4400 Datasheet
303Kb / 6P
   General Purpose Transistors(NPN Silicon)
1996 REV 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com