Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33060ADR2 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC33060ADR2
Description  Fixed Frequency, PWM, Voltage Mode Single Ended Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33060ADR2 Datasheet(HTML) 4 Page - ON Semiconductor

  MC33060ADR2 Datasheet HTML 1Page - ON Semiconductor MC33060ADR2 Datasheet HTML 2Page - ON Semiconductor MC33060ADR2 Datasheet HTML 3Page - ON Semiconductor MC33060ADR2 Datasheet HTML 4Page - ON Semiconductor MC33060ADR2 Datasheet HTML 5Page - ON Semiconductor MC33060ADR2 Datasheet HTML 6Page - ON Semiconductor MC33060ADR2 Datasheet HTML 7Page - ON Semiconductor MC33060ADR2 Datasheet HTML 8Page - ON Semiconductor MC33060ADR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MC34060A, MC33060A
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (continued) (VCC = 15 V, CT = 0.01 mF, RT = 12 kW, unless otherwise noted.
For typical values TA = 25°C, for min/max values TA is the operating ambient temperature range that applies, unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
PWM COMPARATOR SECTION (Test circuit Figure 11)
Input Threshold Voltage
(Zero Duty Cycle)
VTH
3.5
4.5
V
Input Sink Current
(V[Pin 3] = 0.7 V)
II
0.3
0.7
mA
DEAD−TIME CONTROL SECTION (Test circuit Figure 11)
Input Bias Current (Pin 4)
(Vin = 0 V to 5.25 V)
IIB(DT)
−1.0
−10
mA
Maximum Output Duty Cycle
(Vin = 0 V, CT = 0.01 mF, RT = 12 kW)
(Vin = 0 V, CT = 0.001 mF, RT = 47 kW)
DCmax
90
96
92
100
%
Input Threshold Voltage (Pin 4)
(Zero Duty Cycle)
(Maximum Duty Cycle)
VTH
0
2.8
3.3
V
OSCILLATOR SECTION
Frequency
(CT = 0.01 mF, RT = 12 kW, TA = 25°C)
TA = Tlow to Thigh − MC34060A
TA = Tlow to Thigh − MC33060A
(CT = 0.001 mF, RT = 47 kW)
fosc
9.7
9.5
9.0
10.5
25
11.3
11.5
11.5
kHz
Standard Deviation of Frequency*
(CT = 0.001 mF, RT = 47 kW)
σfosc
1.5
%
Frequency Change with Voltage
(VCC = 7.0 V to 40 V)
Dfosc(DV)
0.5
2.0
%
Frequency Change with Temperature
(DTA =Tlow to Thigh)
(CT = 0.01 mF, RT = 12 kW)
Dfosc(DT)
4.0
%
UNDERVOLTAGE LOCKOUT SECTION
Turn−On Threshold (VCC increasing, Iref = 1.0 mA)
Vth
4.0
4.7
5.5
V
Hysteresis
VH
50
150
300
mV
TOTAL DEVICE
Standby Supply Current
(Pin 6 at Vref, all other inputs and outputs open)
(VCC = 15 V)
(VCC = 40 V)
ICC
5.5
7.0
10
15
mA
Average Supply Current
(V[Pin 4] = 2.0 V, CT = 0.001 mF, RT = 47 kW). See Figure 11.
IS
7.0
mA
*Standard deviation is a measure of the statistical distribution about the mean as derived from the formula; σ =
N
Σ (xn −x)2
n − 1
N−1


Similar Part No. - MC33060ADR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33060AD ONSEMI-MC33060AD Datasheet
209Kb / 16P
   Fixed Frequency, PWM, Voltage Mode Single Ended Controllers
March, 2011 ??Rev. 7
More results

Similar Description - MC33060ADR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34060A ONSEMI-MC34060A_11 Datasheet
159Kb / 16P
   Fixed Frequency, PWM Voltage Mode Single Ended Controllers
March, 2011 ??Rev. 7
MC34060A ONSEMI-MC34060A Datasheet
209Kb / 16P
   Fixed Frequency, PWM, Voltage Mode Single Ended Controllers
March, 2011 ??Rev. 7
logo
Renesas Technology Corp
ISL6722A RENESAS-ISL6722A Datasheet
1Mb / 26P
   Flexible Single Ended Current Mode PWM Controllers
logo
Intersil Corporation
ISL6722AABZ INTERSIL-ISL6722AABZ Datasheet
613Kb / 26P
   Flexible Single Ended Current Mode PWM Controllers
September 29, 2015
logo
Maxim Integrated Produc...
MAX5070 MAXIM-MAX5070 Datasheet
365Kb / 22P
   High-Performance, Single-Ended, Current-Mode PWM Controllers
Rev 3; 10/06
MAX5094A MAXIM-MAX5094A Datasheet
296Kb / 22P
   High-Performance, Single-Ended, Current-Mode PWM Controllers
Rev 3; 10/06
logo
Renesas Technology Corp
ISL71043M RENESAS-ISL71043M Datasheet
1Mb / 27P
   Radiation Tolerant Single-Ended Current Mode PWM Controllers
Feb 23, 2023
logo
Microsemi Corporation
LX1681 MICROSEMI-LX1681 Datasheet
125Kb / 9P
   VOLTAGE - MODE PWM CONTROLLERS
LX1681 MICROSEMI-LX1681_05 Datasheet
205Kb / 9P
   Voltage-Mode PWM Controllers
logo
Intersil Corporation
ISL6741IVZ-T INTERSIL-ISL6741IVZ-T Datasheet
963Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com