Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB6L72M Datasheet(PDF) 1 Page - ON Semiconductor

Part # NB6L72M
Description  2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB6L72M Datasheet(HTML) 1 Page - ON Semiconductor

  NB6L72M_07 Datasheet HTML 1Page - ON Semiconductor NB6L72M_07 Datasheet HTML 2Page - ON Semiconductor NB6L72M_07 Datasheet HTML 3Page - ON Semiconductor NB6L72M_07 Datasheet HTML 4Page - ON Semiconductor NB6L72M_07 Datasheet HTML 5Page - ON Semiconductor NB6L72M_07 Datasheet HTML 6Page - ON Semiconductor NB6L72M_07 Datasheet HTML 7Page - ON Semiconductor NB6L72M_07 Datasheet HTML 8Page - ON Semiconductor NB6L72M_07 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2007
January, 2007 − Rev. 1
1
Publication Order Number:
NB6L72M/D
NB6L72M
2.5V / 3.3V Differential 2 X 2
Crosspoint Switch with
CML Outputs
Multi−Level Inputs w/ Internal Termination
Description
The NB6L72M is a high−bandwidth fully differential 2 x 2
Crosspoint Switch with internal source termination and CML output
structure, optimized for low skew and minimal jitter.. The differential
inputs incorporate internal 50
W termination resistors and will accept
LVPECL, CML, LVDS, LVCMOS, or LVTTL logic levels. The
SELECT inputs are single−ended and can be driven with
LVCMOS/LVTTL.
The 16 mA differential CML outputs provide matching internal
50
W terminations and 400 mV output swings when externally
terminated with a 50
W resistor to VCC.
The device is offered in a small 3 mm x 3 mm 16−pin QFN package.
The NB6L72M is a member of the ECLinPS MAX
™ family of
high performance products.
Features
Maximum Input Clock Frequency > 3.0 GHz
Maximum Input Data Rate > 5 Gb/s
360 ps Typical Propagation Delay
65 ps Typical Rise and Fall Times
Differential CML Outputs, 400 mV peak−to−peak, typical
Operating Range: VCC = 2.375 V to 3.63 V with GND = 0 V
Internal Input and Output Termination Resistors, 50 W
Functionally Compatible with Existing 2.5 V / 3.3 V LVEL, LVEP,
EP, and SG Devices
−40°C to +85°C Ambient Operating Temperature
These are Pb−Free Devices
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
*For additional marking information, refer to
Application Note AND8002/D.
MARKING
DIAGRAM*
QFN−16
MN SUFFIX
CASE 485G
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 9 of this data sheet.
ORDERING INFORMATION
1
NB6L
72M
ALYWG
G
16
1


Similar Part No. - NB6L72M_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6L72MMMNG ONSEMI-NB6L72MMMNG Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
December, 2006 ??Rev. 0
NB6L72MMMNR2G ONSEMI-NB6L72MMMNR2G Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
December, 2006 ??Rev. 0
NB6L72MNG ONSEMI-NB6L72MNG Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with LVPECL Outputs
December, 2006 ??Rev. 0
NB6L72MNG ONSEMI-NB6L72MNG Datasheet
140Kb / 11P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with LVPECL Outputs
April, 2008 - Rev. 4
NB6L72MNR2G ONSEMI-NB6L72MNR2G Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with LVPECL Outputs
December, 2006 ??Rev. 0
More results

Similar Description - NB6L72M_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6L72M ONSEMI-NB6L72M Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
December, 2006 ??Rev. 0
NB6L72 ONSEMI-NB6L72_09 Datasheet
140Kb / 11P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with LVPECL Outputs
April, 2008 - Rev. 4
NB6L72 ONSEMI-NB6L72 Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with LVPECL Outputs
December, 2006 ??Rev. 0
NB7V72M ONSEMI-NB7V72M Datasheet
161Kb / 8P
   1.8V / 2.5V Differential 2 x 2 Crosspoint Switch with CML Outputs Clock/Data Buffer/Translator
October, 2009 ??Rev. 1
NB7L72M ONSEMI-NB7L72M_17 Datasheet
90Kb / 8P
   Differential 2 x 2 Crosspoint Switch with CML Outputs Clock/Data Buffer/Translator
January, 2017 ??Rev. 4
NBSG72A ONSEMI-NBSG72A Datasheet
140Kb / 16P
   2.5V/3.3V SiGe Differential 2 X 2 Crosspoint Switch with Output Level Select
October, 2004 ??Rev. 2
logo
Micrel Semiconductor
SY55858U MICREL-SY55858U_05 Datasheet
76Kb / 8P
   2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
SY55858U MICREL-SY55858U Datasheet
73Kb / 8P
   2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
logo
ON Semiconductor
NBSG72A ONSEMI-NBSG72A_06 Datasheet
671Kb / 14P
   2.5V/3.3V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
November, 2006 ??Rev. 5
logo
Maxim Integrated Produc...
MAX3841 MAXIM-MAX3841 Datasheet
203Kb / 7P
   12.5Gbps CML 2 × 2 Crosspoint Switch
Rev 1; 3/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com