Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NUD3124 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NUD3124
Description  Automotive Inductive Load Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUD3124 Datasheet(HTML) 3 Page - ON Semiconductor

  NUD3124_05 Datasheet HTML 1Page - ON Semiconductor NUD3124_05 Datasheet HTML 2Page - ON Semiconductor NUD3124_05 Datasheet HTML 3Page - ON Semiconductor NUD3124_05 Datasheet HTML 4Page - ON Semiconductor NUD3124_05 Datasheet HTML 5Page - ON Semiconductor NUD3124_05 Datasheet HTML 6Page - ON Semiconductor NUD3124_05 Datasheet HTML 7Page - ON Semiconductor NUD3124_05 Datasheet HTML 8Page - ON Semiconductor NUD3124_05 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
NUD3124
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain to Source Sustaining Voltage
(ID = 10 mA)
VBRDSS
28
34
38
V
Drain to Source Leakage Current
(VDS = 12 V, VGS = 0 V)
(VDS = 12 V, VGS = 0 V, TJ = 125°C)
(VDS = 28 V, VGS = 0 V)
(VDS = 28 V, VGS = 0 V, TJ = 125°C)
IDSS
0.5
1.0
50
80
mA
Gate Body Leakage Current
(VGS = 3.0 V, VDS = 0 V)
(VGS = 3.0 V, VDS = 0 V, TJ = 125°C)
(VGS = 5.0 V, VDS = 0 V)
(VGS = 5.0 V, VDS = 0 V, TJ = 125°C)
IGSS
60
80
90
110
mA
ON CHARACTERISTICS
Gate Threshold Voltage
(VGS = VDS, ID = 1.0 mA)
(VGS = VDS, ID = 1.0 mA, TJ = 125°C)
VGS(th)
1.3
1.3
1.8
2.0
2.0
V
Drain to Source On−Resistance
(ID = 150 mA, VGS = 3.0 V)
(ID = 150 mA, VGS = 3.0 V, TJ = 125°C)
(ID = 150 mA, VGS = 5.0 V)
(ID = 150 mA, VGS = 5.0 V, TJ = 125°C)
RDS(on)
1.4
1.7
0.8
1.1
W
Output Continuous Current
(VDS = 0.25 V, VGS = 3.0 V)
(VDS = 0.25 V, VGS = 3.0 V, TJ = 125°C)
IDS(on)
150
140
200
mA
Forward Transconductance
(VDS = 12 V, ID = 150 mA)
gFS
500
mmho
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 12 V, VGS = 0 V, f = 10 kHz)
Ciss
32
pf
Output Capacitance
(VDS = 12 V, VGS = 0 V, f = 10 kHz)
Coss
21
pf
Transfer Capacitance
(VDS = 12 V, VGS = 0 V, f = 10 kHz)
Crss
8.0
pf
SWITCHING CHARACTERISTICS
Propagation Delay Times:
High to Low Propagation Delay; Figure 1, (VDS = 12 V, VGS = 3.0 V)
Low to High Propagation Delay; Figure 1, (VDS = 12 V, VGS = 3.0 V)
High to Low Propagation Delay; Figure 1, (VDS = 12 V, VGS = 5.0 V)
Low to High Propagation Delay; Figure 1, (VDS = 12 V, VGS = 5.0 V)
tPHL
tPLH
tPHL
tPLH
890
912
324
1280
ns
Transition Times:
Fall Time; Figure 1, (VDS = 12 V, VGS = 3.0 V)
Rise Time; Figure 1, (VDS = 12 V, VGS = 3.0 V)
Fall Time; Figure 1, (VDS = 12 V, VGS = 5.0 V)
Rise Time; Figure 1, (VDS = 12 V, VGS = 5.0 V)
tf
tr
tf
tr
2086
708
556
725
ns


Similar Part No. - NUD3124_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUD3124D ONSEMI-NUD3124D Datasheet
80Kb / 10P
   Automotive Inductive Load Driver
June, 2004 ??Rev. 8
NUD3124D ONSEMI-NUD3124D Datasheet
426Kb / 2P
   5 V Relay Driver Socket
Rev.0,Aug.2006
NUD3124DMT1 ONSEMI-NUD3124DMT1 Datasheet
80Kb / 10P
   Automotive Inductive Load Driver
June, 2004 ??Rev. 8
NUD3124DMT1G ONSEMI-NUD3124DMT1G Datasheet
150Kb / 10P
   Automotive Inductive Load Driver
February, 2012 ??Rev. 12
NUD3124DMT1G ONSEMI-NUD3124DMT1G Datasheet
165Kb / 10P
   Automotive Inductive Load Driver
October, 2016 ??Rev. 13
More results

Similar Description - NUD3124_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUD3124 ONSEMI-NUD3124_16 Datasheet
165Kb / 10P
   Automotive Inductive Load Driver
October, 2016 ??Rev. 13
NUD3124 ONSEMI-NUD3124 Datasheet
80Kb / 10P
   Automotive Inductive Load Driver
June, 2004 ??Rev. 8
SZNUD3124DMT1G ONSEMI-SZNUD3124DMT1G Datasheet
150Kb / 10P
   Automotive Inductive Load Driver
February, 2012 ??Rev. 12
NUD3160 ONSEMI-NUD3160_V01 Datasheet
272Kb / 11P
   Industrial Inductive Load Driver
December, 2020 - Rev. 8
NUD3160 ONSEMI-NUD3160_16 Datasheet
157Kb / 10P
   Industrial Inductive Load Driver
October, 2016 ??Rev. 7
NUD3160 ONSEMI-NUD3160 Datasheet
85Kb / 9P
   Industrial Inductive Load Driver
November, 2005 ??Rev. 2
NUD3105D ONSEMI-NUD3105D_06 Datasheet
164Kb / 8P
   Integrated Relay, Inductive Load Driver
March, 2006 ??Rev. 3
NUD3112 ONSEMI-NUD3112_05 Datasheet
75Kb / 7P
   Integrated Relay, Inductive Load Driver
November, 2005 ??Rev. 7
logo
Diodes Incorporated
DRDC3105 DIODES-DRDC3105_15 Datasheet
375Kb / 10P
   INTEGRATED RELAY, INDUCTIVE LOAD DRIVER
logo
ON Semiconductor
NUD3105 ONSEMI-NUD3105_14 Datasheet
96Kb / 10P
   Integrated Relay, Inductive Load Driver
July, 2014 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com