Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYD43 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BYD43
Description  Fast soft-recovery rectifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYD43 Datasheet(HTML) 2 Page - NXP Semiconductors

  BYD43 Datasheet HTML 1Page - NXP Semiconductors BYD43 Datasheet HTML 2Page - NXP Semiconductors BYD43 Datasheet HTML 3Page - NXP Semiconductors BYD43 Datasheet HTML 4Page - NXP Semiconductors BYD43 Datasheet HTML 5Page - NXP Semiconductors BYD43 Datasheet HTML 6Page - NXP Semiconductors BYD43 Datasheet HTML 7Page - NXP Semiconductors BYD43 Datasheet HTML 8Page - NXP Semiconductors BYD43 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
1996 Jun 05
2
Philips Semiconductors
Product specification
Fast soft-recovery rectifiers
BYD43 series
FEATURES
• Glass passivated
• High maximum operating
temperature
• Low leakage current
• Excellent stability
• Available in ammo-pack.
DESCRIPTION
Cavity free cylindrical glass package
through Implotec
(1) technology.
This package is hermetically sealed
and fatigue free as coefficients of
expansion of all used parts are
matched.
(1) Implotec is a trademark of Philips.
Fig.1 Simplified outline (SOD81) and symbol.
handbook, 4 columns
a
k
MAM123
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VRSM
non-repetitive peak reverse voltage
BYD43U
1300
V
BYD43V
1500
V
BYD43-16
1700
V
BYD43-18
1900
V
BYD43-20
2100
V
VRRM
repetitive peak reverse voltage
BYD43U
1200
V
BYD43V
1400
V
BYD43-16
1600
V
BYD43-18
1800
V
BYD43-20
2000
V
IF(AV)
average forward current
Ttp =55 °C; lead length = 10 mm;
see Figs 2 and 3;
averaged over any 20 ms period;
see also Figs 10 and 11
BYD43U and V
1.20
A
BYD43-16 to 20
0.68
A
IF(AV)
average forward current
Tamb =65 °C; PCB mounting (see
Fig.20); see Figs 4 and 5;
averaged over any 20 ms period;
see also Figs 10 and 11
BYD43U and V
0.65
A
BYD43-16 to 20
0.30
A
IFRM
repetitive peak forward current
Ttp =55 °C; see Figs 6 and 7
BYD43U and V
11
A
BYD43-16 to 20
6A
IFRM
repetitive peak forward current
Tamb =65 °C; see Figs 8 and 9
BYD43U and V
6.0
A
BYD43-16 to 20
3.2
A


Similar Part No. - BYD43

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYD47 PHILIPS-BYD47 Datasheet
66Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1999 Nov 11
BYD47-16 PHILIPS-BYD47-16 Datasheet
66Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1999 Nov 11
BYD47-18 PHILIPS-BYD47-18 Datasheet
66Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1999 Nov 11
BYD47-20 PHILIPS-BYD47-20 Datasheet
66Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1999 Nov 11
More results

Similar Description - BYD43

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
SFR151 SEMTECH_ELEC-SFR151 Datasheet
246Kb / 2P
   SOFT FAST RECOVERY RECTIFIERS
logo
NXP Semiconductors
PRS07 PHILIPS-PRS07 Datasheet
61Kb / 9P
   Fast soft-recovery rectifiers
Rev. 02-26 July 2004
logo
Shenzhen Luguang Electr...
SFR201 LUGUANG-SFR201 Datasheet
1Mb / 2P
   2.0AMP. Soft Fast Recovery Rectifiers
logo
Vishay Siliconix
BYV98 VISHAY-BYV98 Datasheet
37Kb / 3P
   Very Fast Soft-Recovery Rectifiers
Rev. 2, 24-Jun-98
logo
SEMTECH ELECTRONICS LTD...
BY500-100 SEMTECH_ELEC-BY500-100 Datasheet
177Kb / 2P
   SOFT RECOVERY FAST-SWITCHING PLASTIC RECTIFIERS
logo
Taiwan Semiconductor Co...
SFR1T1 TSC-SFR1T1 Datasheet
61Kb / 2P
   1.0 AMP. Soft Fast Recovery Rectifiers
logo
NXP Semiconductors
BYV96 PHILIPS-BYV96 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
BYD33 PHILIPS-BYD33 Datasheet
65Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
logo
Taiwan Semiconductor Co...
SFR301 TSC-SFR301_1 Datasheet
243Kb / 2P
   3.0 AMPS. Soft Fast Recovery Rectifiers
logo
Jinan Gude Electronic D...
SFR1A1 JGD-SFR1A1 Datasheet
138Kb / 2P
   1.0 AMP. SOFT FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com