Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4N30 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 4N30
Description  General Purpose 6-Pin Photodarlington Optocoupler
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

4N30 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  4N30 Datasheet HTML 1Page - Fairchild Semiconductor 4N30 Datasheet HTML 2Page - Fairchild Semiconductor 4N30 Datasheet HTML 3Page - Fairchild Semiconductor 4N30 Datasheet HTML 4Page - Fairchild Semiconductor 4N30 Datasheet HTML 5Page - Fairchild Semiconductor 4N30 Datasheet HTML 6Page - Fairchild Semiconductor 4N30 Datasheet HTML 7Page - Fairchild Semiconductor 4N30 Datasheet HTML 8Page - Fairchild Semiconductor 4N30 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
tm
April 2007
©2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
4N29, 4N30, 4N31, 4N32, 4N33 Rev. 1.0.1
4N29, 4N30, 4N31, 4N32, 4N33
General Purpose 6-Pin Photodarlington Optocoupler
Features
High sensitivity to low input drive current
Meets or exceeds all JEDEC Registered
Specifications
VDE 0884 approval available as a test option
– add option .300. (e.g., 4N29.300)
Applications
Low power logic circuits
Telecommunications equipment
Portable electronics
Solid state relays
Interfacing coupling systems of different potentials
and impedances
Description
The 4N29, 4N30, 4N31, 4N32, 4N33 have a gallium
arsenide infrared emitter optically coupled to a silicon
planar photodarlington.
Packages
Schematic
6
1
6
6
1
White Package (-M Suffix)
Black Package (No -M Suffix)
1
6
1
6
1
6
1
EMITTER
COLLECTOR
1
2
3
ANODE
CATHODE
4
5
6 BASE
N/C


Similar Part No. - 4N30

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
4N30 MOTOROLA-4N30 Datasheet
287Kb / 6P
   STANDARD THRU HOLE CASE 730A-04
logo
QT Optoelectronics
4N30 QT-4N30 Datasheet
136Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS
logo
Toshiba Semiconductor
4N30 TOSHIBA-4N30 Datasheet
301Kb / 6P
   TOSHBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
logo
ISOCOM COMPONENTS
4N30 ISOCOM-4N30 Datasheet
343Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
logo
New Jersey Semi-Conduct...
4N30 NJSEMI-4N30 Datasheet
171Kb / 1P
   Photon Coupled Isolator
More results

Similar Description - 4N30

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
4N29SR2M FAIRCHILD-4N29SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29SM FAIRCHILD-4N29SM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N30SM FAIRCHILD-4N30SM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29M FAIRCHILD-4N29M Datasheet
233Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N33SR2M FAIRCHILD-4N33SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
H11B1VM FAIRCHILD-H11B1VM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
H11B1SR2M FAIRCHILD-H11B1SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
logo
ON Semiconductor
4N29M ONSEMI-4N29M Datasheet
191Kb / 14P
   6-Pin DIP General Purpose Photodarlington Optocoupler
Rev. 1.0.4
logo
Fairchild Semiconductor
4N29M FAIRCHILD-4N29M_09 Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler Portable electronics
logo
List of Unclassifed Man...
H11B1 ETC1-H11B1 Datasheet
473Kb / 12P
   6-PIN PHOTODARLINGTON OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com