Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NBSG16BA Datasheet(PDF) 1 Page - ON Semiconductor

Part # NBSG16BA
Description  2.5V/3.3V SiGe Differential Receiver/Driver with RSECL Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG16BA Datasheet(HTML) 1 Page - ON Semiconductor

  NBSG16BA Datasheet HTML 1Page - ON Semiconductor NBSG16BA Datasheet HTML 2Page - ON Semiconductor NBSG16BA Datasheet HTML 3Page - ON Semiconductor NBSG16BA Datasheet HTML 4Page - ON Semiconductor NBSG16BA Datasheet HTML 5Page - ON Semiconductor NBSG16BA Datasheet HTML 6Page - ON Semiconductor NBSG16BA Datasheet HTML 7Page - ON Semiconductor NBSG16BA Datasheet HTML 8Page - ON Semiconductor NBSG16BA Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2006
July, 2006 − Rev. 14
1
Publication Order Number:
NBSG16/D
NBSG16
2.5V/3.3VSiGe Differential
Receiver/Driver with
RSECL* Outputs
*Reduced Swing ECL
Description
The NBSG16 is a differential receiver/driver targeted for high
frequency applications. The device is functionally equivalent to the
EP16 and LVEP16 devices with much higher bandwidth and lower
EMI capabilities.
Inputs incorporate internal 50
W termination resistors and accept
NECL (Negative ECL), PECL (Positive ECL), HSTL, LVTTL,
LVCMOS, CML, or LVDS. Outputs are RSECL (Reduced Swing
ECL), 400 mV.
The VBB and VMM pins are internally generated voltage supplies
available to this device only. The VBB is used as a reference voltage
for single−ended NECL or PECL inputs and the VMM pin is used as a
reference voltage for LVCMOS inputs. For all single−ended input
conditions, the unused complementary differential input is connected
to VBB or VMM as a switching reference voltage. VBB or VMM may
also rebias AC coupled inputs. When used, decouple VBB and VMM
via a 0.01
mF capacitor and limit current sourcing or sinking to 0.5 mA.
When not used, VBB and VMM outputs should be left open.
Features
Maximum Input Clock Frequency > 12 GHz Typical
Maximum Input Data Rate > 12 Gb/s Typical
120 ps Typical Propagation Delay
40 ps Typical Rise and Fall Times
RSPECL Output with Operating Range: VCC = 2.375 V to 3.465 V
with VEE = 0 V
RSNECL Output with RSNECL or NECL Inputs with
Operating Range: VCC = 0 V with VEE = −2.375 V to −3.465 V
RSECL Output Level (400 mV Peak−to−Peak Output), Differential
Output Only
50 W Internal Input Termination Resistors
Compatible with Existing 2.5 V/3.3 V LVEP, EP, and LVEL Devices
VBB and VMM Reference Voltage Output
Pb−Free Packages are Available
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
FCBGA−16
BA SUFFIX
CASE 489
MARKING DIAGRAMS*
QFN−16
MN SUFFIX
CASE 485G
http://onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 10 of this data sheet.
ORDERING INFORMATION
(Note: Microdot may be in either location)
SG
16
ALYW
16
SG
16
ALYW
G
G
1


Similar Part No. - NBSG16BA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG16BA ONSEMI-NBSG16BA Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
NBSG16BAEVB ONSEMI-NBSG16BAEVB Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
NBSG16BAR2 ONSEMI-NBSG16BAR2 Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
More results

Similar Description - NBSG16BA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG11 ONSEMI-NBSG11 Datasheet
81Kb / 10P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL* Outputs
April, 2003 - Rev. 6
NBSG11 ONSEMI-NBSG11_06 Datasheet
117Kb / 12P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL Outputs
July, 2006 ??Rev. 8
NBSG111 ONSEMI-NBSG111 Datasheet
174Kb / 11P
   2.5V/3.3V SiGe Differential 1:10 Clock/Data Driver with RSECL Outputs
January, 2007 ??Rev. 8
NBSG14 ONSEMI-NBSG14 Datasheet
354Kb / 12P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
August, 2003 ??Rev. 7
NBSG14 ONSEMI-NBSG14_06 Datasheet
390Kb / 13P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
July, 2006 ??Rev. 9
NBSG16BA ONSEMI-NBSG16BA Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
NBSG16VS ONSEMI-NBSG16VS Datasheet
192Kb / 14P
   2.5V/3.3V SiGe Differential Receiver/Driver with Variable Output Swing
July, 2006 ??Rev. 7
NB100LVEP17 ONSEMI-NB100LVEP17 Datasheet
147Kb / 10P
   2.5V / 3.3V Quad Differential Driver/Receiver
November, 2006 ??Rev. 7
MC10LVEP16 ONSEMI-MC10LVEP16_06 Datasheet
167Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
December, 2006 ??Rev. 10
MC10LVEP16 ONSEMI-MC10LVEP16 Datasheet
137Kb / 10P
   2.5V / 3.3V ECL Differential Receiver/Driver
February, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com