Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NBSG16M Datasheet(PDF) 5 Page - ON Semiconductor

Part # NBSG16M
Description  2.5 V/3.3 VMultilevel Input to CML Clock/Data Receiver/Driver/Translator Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG16M Datasheet(HTML) 5 Page - ON Semiconductor

  NBSG16M_06 Datasheet HTML 1Page - ON Semiconductor NBSG16M_06 Datasheet HTML 2Page - ON Semiconductor NBSG16M_06 Datasheet HTML 3Page - ON Semiconductor NBSG16M_06 Datasheet HTML 4Page - ON Semiconductor NBSG16M_06 Datasheet HTML 5Page - ON Semiconductor NBSG16M_06 Datasheet HTML 6Page - ON Semiconductor NBSG16M_06 Datasheet HTML 7Page - ON Semiconductor NBSG16M_06 Datasheet HTML 8Page - ON Semiconductor NBSG16M_06 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
NBSG16M
http://onsemi.com
5
Table 5. DC CHARACTERISTICS, POSITIVE CML OUTPUT VCC = 2.5 V; VEE = 0 V (Note 6)
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
ICC
Positive Power Supply Current
37
43
51
37
43
51
37
43
51
mA
VOH
Output HIGH Voltage (Note 7)
VCC
40
VCC
10
VCC
VCC
40
VCC
10
VCC
VCC
40
VCC
10
VCC
mV
VOL
Output LOW Voltage (Note 6)
VCC
400
VCC
330
VCC
400
VCC
330
VCC
400
VCC
330
mV
VIH
Input HIGH Voltage
(Single−Ended) (Note 8)
VEE +
1.275
VCC
1.0*
VCC
VEE +
1.275
VCC
1.0*
VCC
VEE+
1..275
VCC
1.0*
VCC
V
VIL
Input LOW Voltage
(Single−Ended) (Note 8)
VEE
VCC
1.4*
VIH
0.150
VEE
VCC
1.4*
VIH
0.150
VEE
VCC
1.4*
VIH
0.150
V
VBB
ECL Reference Voltage Output
1075
1170
1265
1075
1170
1265
1075
1170
1265
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Note 8)
(Differential Configuration)
1.2
2.5
1.2
2.5
1.2
2.5
V
RTIN
Internal Input Termination Resistor
45
50
55
45
50
55
45
50
55
W
RTOUT
Internal Output Termination
Resistor
45
50
55
45
50
55
45
50
55
W
IIH
Input HIGH Current (@ VIH)
60
100
60
100
60
100
mA
IIL
Input LOW Current (@ VIL)
25
50
25
50
25
50
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification
limit values are applied individually under normal operating conditions and not valid simultaneously.
6. Input and output parameters vary 1:1 with VCC. VEE can vary +0.125 V to −0.965 V.
7. All loading with 50 W to VCC.
8. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differen-
tial input signal.
*Typicals used for testing purposes.


Similar Part No. - NBSG16M_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG16MMN ONSEMI-NBSG16MMN Datasheet
81Kb / 12P
   2.5V/3.3V Multilevel Input to CML Clock/Data Receiver/Driver/Translator Buffer
April, 2004 ??Rev. 3
NBSG16MMNG ONSEMI-NBSG16MMNG Datasheet
143Kb / 12P
   Multilevel Input to CML Clock/Data Receiver/Driver/Translator Buffer
June, 2014 ??Rev. 9
NBSG16MMNR2 ONSEMI-NBSG16MMNR2 Datasheet
81Kb / 12P
   2.5V/3.3V Multilevel Input to CML Clock/Data Receiver/Driver/Translator Buffer
April, 2004 ??Rev. 3
NBSG16MMNR2G ONSEMI-NBSG16MMNR2G Datasheet
143Kb / 12P
   Multilevel Input to CML Clock/Data Receiver/Driver/Translator Buffer
June, 2014 ??Rev. 9
NBSG16MN ONSEMI-NBSG16MN Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
More results

Similar Description - NBSG16M_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4N11M ONSEMI-NB4N11M Datasheet
223Kb / 11P
   3.3 V 2.5 Gb/s Multi Level Clock/Data Input to CML Receiver/ Buffer/ Translator
November, 2005 ??Rev. 1
NBSG16M ONSEMI-NBSG16M_14 Datasheet
143Kb / 12P
   Multilevel Input to CML Clock/Data Receiver/Driver/Translator Buffer
June, 2014 ??Rev. 9
NBSG16M ONSEMI-NBSG16M Datasheet
81Kb / 12P
   2.5V/3.3V Multilevel Input to CML Clock/Data Receiver/Driver/Translator Buffer
April, 2004 ??Rev. 3
NB4L16MMNEVB ONSEMI-NB4L16MMNEVB Datasheet
772Kb / 12P
   2.5V/3.3V, 5 Gb/s Multi Level Clock/Data Input to CML Driver/Receiver/Buffer/ Translator with Internal Termination
August, 2016 ??Rev. 4
NB4N316M ONSEMI-NB4N316M Datasheet
206Kb / 12P
   3.3 V AnyLevel Receiver to CML Driver/Translator with Input Hysteresis
November, 2006 ??Rev. 3
NB4N316M ONSEMI-NB4N316M_16 Datasheet
159Kb / 12P
   Receiver to CML Driver/Translator with Input Hysteresis
July, 2016 ??Rev. 6
NB7L216MNEVB ONSEMI-NB7L216MNEVB Datasheet
414Kb / 11P
   2.5 V / 3.3 V, 12Gb/s Multi Level Clock/Data Input to RSECL, High Gain Receiver/Buffer/Translator with Internal Termination
August, 2016 ??Rev. 6
NB6L11 ONSEMI-NB6L11_06 Datasheet
212Kb / 12P
   2.5 V/3.3 V Multilevel Input to Differential LVPECL/LVNECL 1:2 Clock or Data Fanout Buffer/Translator
November, 2006 ??Rev. 6
NB7V58M ONSEMI-NB7V58M Datasheet
164Kb / 8P
   1.8 V / 2.5 V / 3.3 V Differential 2:1 Clock / Data Multiplexer / Translator with CML Outputs
August, 2009 ??Rev. 0
NB4L16M ONSEMI-NB4L16M Datasheet
919Kb / 12P
   2.5V/3.3V, 5 Gb/s Multi Level Clock/Data Input to CML Driver / Receiver / Buffer / Translator with Internal Termination
February, 2006 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com