Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NBSG11MNG Datasheet(PDF) 11 Page - ON Semiconductor

Part # NBSG11MNG
Description  2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG11MNG Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NBSG11MNG Datasheet HTML 4Page - ON Semiconductor NBSG11MNG Datasheet HTML 5Page - ON Semiconductor NBSG11MNG Datasheet HTML 6Page - ON Semiconductor NBSG11MNG Datasheet HTML 7Page - ON Semiconductor NBSG11MNG Datasheet HTML 8Page - ON Semiconductor NBSG11MNG Datasheet HTML 9Page - ON Semiconductor NBSG11MNG Datasheet HTML 10Page - ON Semiconductor NBSG11MNG Datasheet HTML 11Page - ON Semiconductor NBSG11MNG Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
NBSG11
http://onsemi.com
11
PACKAGE DIMENSIONS
FCBGA−16
BA SUFFIX
PLASTIC 4X4 (mm) BGA FLIP CHIP PACKAGE
CASE 489−01
ISSUE O
0.20
LASER MARK FOR PIN 1
IDENTIFICATION IN
THIS AREA
D
E
M
A1
A2
A
0.10 Z
0.15 Z
ROTATED 90 CLOCKWISE
DETAIL K
_
5
VIEW M−M
e
3 X
S
M
X
0.15
Y
Z
0.08
Z
3
b
16 X
FEDUCIAL FOR PIN A1
IDENTIFICATION IN THIS AREA
43
21
A
B
C
D
4
16 X
NOTES:
1. DIMENSIONS ARE IN MILLIMETERS.
2. INTERPRET DIMENSIONS AND TOLERANCES
PER ASME Y14.5M, 1994.
3. DIMENSION b IS MEASURED AT THE MAXIMUM
SOLDER BALL DIAMETER, PARALLEL TO DATUM
PLANE Z.
4. DATUM Z (SEATING PLANE) IS DEFINED BY THE
SPHERICAL CROWNS OF THE SOLDER BALLS.
5. PARALLELISM MEASUREMENT SHALL EXCLUDE
ANY EFFECT OF MARK ON TOP SURFACE OF
PACKAGE.
DIM
MIN
MAX
MILLIMETERS
A
1.40 MAX
A1
0.25
0.35
A2
1.20 REF
b
0.30
0.50
D
4.00 BSC
E
4.00 BSC
e
1.00 BSC
S
0.50 BSC
K
−X−
−Y−
M
M
−Z−


Similar Part No. - NBSG11MNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG11MNG ONSEMI-NBSG11MNG Datasheet
102Kb / 11P
   SiGe 1:2 Differential Clock Driver
June, 2014 ??Rev. 17
More results

Similar Description - NBSG11MNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG11 ONSEMI-NBSG11 Datasheet
81Kb / 10P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL* Outputs
April, 2003 - Rev. 6
NBSG111 ONSEMI-NBSG111 Datasheet
174Kb / 11P
   2.5V/3.3V SiGe Differential 1:10 Clock/Data Driver with RSECL Outputs
January, 2007 ??Rev. 8
NBSG14 ONSEMI-NBSG14 Datasheet
354Kb / 12P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
August, 2003 ??Rev. 7
NBSG14 ONSEMI-NBSG14_06 Datasheet
390Kb / 13P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
July, 2006 ??Rev. 9
NBSG16 ONSEMI-NBSG16 Datasheet
138Kb / 12P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECL Outputs
July, 2006 ??Rev. 14
NBSG11 ONSEMI-NBSG11_14 Datasheet
102Kb / 11P
   SiGe 1:2 Differential Clock Driver
June, 2014 ??Rev. 17
NBSG16BA ONSEMI-NBSG16BA Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
NB7VQ58M ONSEMI-NB7VQ58M Datasheet
1Mb / 9P
   1.8V / 2.5V / 3.3V Differential 2:1 Clock/Data Multiplexer / Translator with CML Outputs
August, 2009 ??Rev. 0
MC100LVEP111 ONSEMI-MC100LVEP111_15 Datasheet
179Kb / 14P
   2.5V / 3.3V 2:1:10 Differential ECL/PECL/HSTL Clock Driver
August, 2015 ??Rev. 23
NBSG16VS ONSEMI-NBSG16VS Datasheet
192Kb / 14P
   2.5V/3.3V SiGe Differential Receiver/Driver with Variable Output Swing
July, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com