Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYD71A Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BYD71A
Description  Ultra fast low-loss controlled avalanche rectifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYD71A Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BYD71A Datasheet HTML 2Page - NXP Semiconductors BYD71A Datasheet HTML 3Page - NXP Semiconductors BYD71A Datasheet HTML 4Page - NXP Semiconductors BYD71A Datasheet HTML 5Page - NXP Semiconductors BYD71A Datasheet HTML 6Page - NXP Semiconductors BYD71A Datasheet HTML 7Page - NXP Semiconductors BYD71A Datasheet HTML 8Page - NXP Semiconductors BYD71A Datasheet HTML 9Page - NXP Semiconductors BYD71A Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
1996 Sep 19
6
Not recommended for new designs
Philips Semiconductors
Product specification
Ultra fast low-loss
controlled avalanche rectifiers
BYD71 series
BYD71A to D
Ttp =55 °C; Rth j-tp = 180 K/W.
VRRMmax during 1 −δ; curves include derating for Tj max at VRRM = 200 V.
Fig.6 Maximum repetitive peak forward current as a function of pulse time (square pulse) and duty factor.
handbook, full pagewidth
MCD563
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
5.0
0
2.5
t p (ms )
(A)
I FRM
0.1
0.2
0.5
1
δ =
0.05
BYD71E to G
Ttp =55 °C; Rth j-tp = 180 K/W.
VRRMmax during 1 −δ; curves include derating for Tj max at VRRM = 400 V.
Fig.7 Maximum repetitive peak forward current as a function of pulse time (square pulse) and duty factor.
handbook, full pagewidth
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
MCD562
0.1
0.2
0.5
1
t p (ms)
(A)
I FRM
5.0
2.5
0
δ =
0.05


Similar Part No. - BYD71A

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BYD71A NJSEMI-BYD71A Datasheet
189Kb / 3P
   Ultra fast low-loss controlled avalanche rectifiers
More results

Similar Description - BYD71A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV27 PHILIPS-BYV27 Datasheet
110Kb / 16P
   Ultra fast low-loss controlled avalanche rectifiers
1997 Nov 24
BYG80 PHILIPS-BYG80 Datasheet
104Kb / 20P
   Ultra fast low-loss controlled avalanche rectifiers
1997 Nov 25
logo
EIC discrete Semiconduc...
BYD77AA EIC-BYD77AA Datasheet
113Kb / 3P
   ULTRA FAST LOW-LOSS CONTROLLED AVALANCHE RECTIFIERS
logo
NXP Semiconductors
ES1 PHILIPS-ES1 Datasheet
52Kb / 8P
   Ultra fast low-loss controlled avalanche rectifiers
2000 Feb 14
BYD72 PHILIPS-BYD72 Datasheet
55Kb / 8P
   Ultra fast low-loss controlled avalanche rectifiers
1998 Dec 03
BYD77 PHILIPS-BYD77 Datasheet
82Kb / 12P
   Ultra fast low-loss controlled avalanche rectifiers
1999 Nov 15
logo
New Jersey Semi-Conduct...
BYD73 NJSEMI-BYD73 Datasheet
105Kb / 3P
   Ultra fast low-loss controlled avalanche rectifiers
BYV27 NJSEMI-BYV27 Datasheet
201Kb / 3P
   Ultra fast low-loss controlled avalanche rectifiers
logo
NXP Semiconductors
BYV28 PHILIPS-BYV28 Datasheet
100Kb / 16P
   Ultra fast low-loss controlled avalanche rectifiers
1997 Nov 24
BYD73 PHILIPS-BYD73 Datasheet
63Kb / 11P
   Ultra fast low-loss controlled avalanche rectifiers
1996 Sep 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com