Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1203EUA-T Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A1203EUA-T
Description  Continuous-Time Bipolar Switch Family
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1203EUA-T Datasheet(HTML) 3 Page - Allegro MicroSystems

  A1203EUA-T Datasheet HTML 1Page - Allegro MicroSystems A1203EUA-T Datasheet HTML 2Page - Allegro MicroSystems A1203EUA-T Datasheet HTML 3Page - Allegro MicroSystems A1203EUA-T Datasheet HTML 4Page - Allegro MicroSystems A1203EUA-T Datasheet HTML 5Page - Allegro MicroSystems A1203EUA-T Datasheet HTML 6Page - Allegro MicroSystems A1203EUA-T Datasheet HTML 7Page - Allegro MicroSystems A1203EUA-T Datasheet HTML 8Page - Allegro MicroSystems A1203EUA-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Continuous-Time Bipolar Switch Family
A1201, A1202,
A1203, and A1204
3
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
OPERATING CHARACTERISTICS
over full operating voltage and ambient temperature ranges, unless otherwise noted
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Electrical Characteristics
Supply Voltage1
VCC
Operating, TJ < 165°C
3.8
24
V
Output Leakage Current
IOUTOFF
VOUT = 24 V, B < BRP
––
10
μA
Output On Voltage
VOUT(SAT)
IOUT = 20 mA, B > BOP
215
400
mV
Power-On Time2
tPO
Slew rate (dVCC/dt) < 2.5 V/μs, B > BOP(max) + 5 G
or B < BRP(min) – 5 G
––4
μs
Output Rise Time3
tr
VCC = 12 V, RLOAD = 820 Ω, CS = 12 pF
2
μs
Output Fall Time3
tf
VCC = 12 V, RLOAD = 820 Ω, CS = 12 pF
2
μs
Supply Current
ICCON
B > BOP
3.8
7.5
mA
ICCOFF
B < BRP
3.5
7.5
mA
Reverse Battery Current
IRCC
VRCC = –30 V
–10
mA
Supply Zener Clamp Voltage
VZ
ICC = 30 mA; TA = 25°C
32
V
Supply Zener Current4
IZ
VZ = 32 V; TA = 25°C
30
mA
Magnetic Characteristics5
Operate Point
BOP
A1201
South pole adjacent to branded face
of device
–40
15
50
G
A1202
26
75
G
A1203
26
95
G
A1204
–100
42
150
G
Release Point
BRP
A1201
North pole adjacent to branded face
of device
–50
–15
40
G
A1202
–75
–26
G
A1203
–95
–26
G
A1204
–150
–40
100
G
Hysteresis
BHYS
A1201
BOP – BRP
530
55
G
A1202
30
52
G
A1203
30
52
G
A1204
50
82
115
G
1 Maximum voltage must be adjusted for power dissipation and junction temperature, see Power Derating section.
2 For VCC slew rates greater than 250 V/μs, and TA = 150°C, the Power-On Time can reach its maximum value.
3 CS =oscilloscope probe capacitance.
4 Maximum current limit is equal to the maximum ICC(max) + 22 mA.
5 Magnetic flux density, B, is indicated as a negative value for north-polarity magnetic fields, and as a positive value for south-polarity magnetic fields.
This so-called algebraic convention supports arithmetic comparison of north and south polarity values, where the relative strength of the field is indicated
by the absolute value of B, and the sign indicates the polarity of the field (for example, a –100 G field and a 100 G field have equivalent strength, but
opposite polarity).
DEVICE QUALIFICATION PROGRAM
Contact Allegro for information.
EMC (Electromagnetic Compatibility) REQUIREMENTS
Contact Allegro for information.


Similar Part No. - A1203EUA-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1203EUA-T ALLEGRO-A1203EUA-T Datasheet
455Kb / 13P
   Continuous-Time Bipolar Switch Family
More results

Similar Description - A1203EUA-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1202 ALLEGRO-A1202_16 Datasheet
617Kb / 13P
   Continuous-Time Bipolar Switch Family
A1201 ALLEGRO-A1201 Datasheet
455Kb / 13P
   Continuous-Time Bipolar Switch Family
A1101 ALLEGRO-A1101 Datasheet
326Kb / 11P
   Continuous-Time Switch Family
A1102LLHLX-T ALLEGRO-A1102LLHLX-T Datasheet
756Kb / 13P
   Continuous-Time Switch Family
A1101 ALLEGRO-A1101_16 Datasheet
642Kb / 13P
   Continuous-Time Switch Family
A1205 ALLEGRO-A1205 Datasheet
710Kb / 12P
   Continuous-Time Bipolar Switch
A1212LLHLX-T ALLEGRO-A1212LLHLX-T Datasheet
292Kb / 14P
   Continuous-Time Latch Family
A1210 ALLEGRO-A1210 Datasheet
443Kb / 12P
   Continuous-Time Latch Family
A1210 ALLEGRO-A1210_16 Datasheet
624Kb / 14P
   Continuous-Time Latch Family
A1101 ALLEGRO-A1101_08 Datasheet
303Kb / 12P
   Continuous-Time Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com