Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1203LUA-T Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A1203LUA-T
Description  Continuous-Time Bipolar Switch Family
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1203LUA-T Datasheet(HTML) 4 Page - Allegro MicroSystems

  A1203LUA-T Datasheet HTML 1Page - Allegro MicroSystems A1203LUA-T Datasheet HTML 2Page - Allegro MicroSystems A1203LUA-T Datasheet HTML 3Page - Allegro MicroSystems A1203LUA-T Datasheet HTML 4Page - Allegro MicroSystems A1203LUA-T Datasheet HTML 5Page - Allegro MicroSystems A1203LUA-T Datasheet HTML 6Page - Allegro MicroSystems A1203LUA-T Datasheet HTML 7Page - Allegro MicroSystems A1203LUA-T Datasheet HTML 8Page - Allegro MicroSystems A1203LUA-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Continuous-Time Bipolar Switch Family
A1201, A1202,
A1203, and A1204
4
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
THERMAL CHARACTERISTICS may require derating at maximum conditions, see application information
Characteristic
Symbol
Test Conditions
Value Units
Package Thermal Resistance
RθJA
Package LH, 1-layer PCB with copper limited to solder pads
228
ºC/W
Package LH, 2-layer PCB with 0.463 in.2 of copper area each
side connected by thermal vias
110
ºC/W
Package UA, 1-layer PCB with copper limited to solder pads
165
ºC/W
6
7
8
9
2
3
4
5
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
20
40
60
80
100
120
140
160
180
TJ(max) = 165ºC; ICC = ICC(max)
Power Derating Curve
(R
JA = 228 ºC/W)
Package LH, 1-layer PCB
(R
JA = 110 ºC/W)
Package LH, 2-layer PCB
(R
JA = 165 ºC/W)
Package UA, 1-layer PCB
VCC(min)
VCC(max)
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
20
40
60
80
100
120
140
160
180
Temperature (°C)
Power Dissipation versus Ambient Temperature
(R
JA
= 165
ºC/W
)
Package
UA,
1-la
yer
PCB
(R
JA
= 228
ºC/W)
Packag
e LH,
1-layer
PCB
(R
JA = 110
ºC/W)
Package
LH,
2-layer
PC
B


Similar Part No. - A1203LUA-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1203LUA-T ALLEGRO-A1203LUA-T Datasheet
455Kb / 13P
   Continuous-Time Bipolar Switch Family
More results

Similar Description - A1203LUA-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1202 ALLEGRO-A1202_16 Datasheet
617Kb / 13P
   Continuous-Time Bipolar Switch Family
A1201 ALLEGRO-A1201 Datasheet
455Kb / 13P
   Continuous-Time Bipolar Switch Family
A1101 ALLEGRO-A1101 Datasheet
326Kb / 11P
   Continuous-Time Switch Family
A1102LLHLX-T ALLEGRO-A1102LLHLX-T Datasheet
756Kb / 13P
   Continuous-Time Switch Family
A1101 ALLEGRO-A1101_16 Datasheet
642Kb / 13P
   Continuous-Time Switch Family
A1205 ALLEGRO-A1205 Datasheet
710Kb / 12P
   Continuous-Time Bipolar Switch
A1212LLHLX-T ALLEGRO-A1212LLHLX-T Datasheet
292Kb / 14P
   Continuous-Time Latch Family
A1210 ALLEGRO-A1210 Datasheet
443Kb / 12P
   Continuous-Time Latch Family
A1210 ALLEGRO-A1210_16 Datasheet
624Kb / 14P
   Continuous-Time Latch Family
A1101 ALLEGRO-A1101_08 Datasheet
303Kb / 12P
   Continuous-Time Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com